データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CA-2200 データシート(PDF) 1 Page - Tensility International Corp.

部品番号 CA-2200
部品情報  Cable, 1830 mm, 5.5x2.5x10 mm, right angle dc plug to stripped tinned, 18 AWG, UL2468 zip cord
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TENSILITY [Tensility International Corp.]
ホームページ  http://www.tensility.com
Logo TENSILITY - Tensility International Corp.

CA-2200 データシート(HTML) 1 Page - Tensility International Corp.

  CA-2200 Datasheet HTML 1Page - Tensility International Corp. CA-2200 Datasheet HTML 2Page - Tensility International Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
part number:
description:
date:
unit:
page:
rev:
11/10/10
mm
A1
CA-2200
Cable, 1830 mm, 5.5x2.5x10 mm, right
angle dc plug to stripped tinned, 18 AWG,
UL2468 zip cord
tolerance
X: ±0.5 mm .X: ±0.25 mm .XX: ±0.05 mm
ph 661.702.0035 fx 661.702.0038
29033 Avenue Sherman Ste 203 Valencia, CA 91355
www.tensility.com
Specifications:
plug description (1)
2.5 x 5.5 x 22 ±0.5 with black insulator
plug overmold (2)
30P, black PVC (including strain relief)
cable description (3)
0.16 x 41, 2 conductor, black twin wire
cable outer diameter
4.6 ± 0.1 (each conductor 2.3)
cable material
UL 2468
cable color
black
cable gauge
AWG #18
cable length
1830
twist tie (4)
black
max voltage
36 Vdc
max current
3 A
Notes:
RoHS compliant
Function test: no open, no reversed polarity, no short circuit, no INT
Hi-Pot test: 600 Vac, 05 mA, 1 second
Mechanical drawing:
1 of 2


同様の部品番号 - CA-2200

メーカー部品番号データシート部品情報
logo
Tensility International...
CA-2201 TENSILITY-CA-2201 Datasheet
126Kb / 2P
   Cable, 1830 mm, 2.5 mm mono plug to stripped tinned, 24 AWG, round wire, shielded
CA-2202 TENSILITY-CA-2202 Datasheet
100Kb / 2P
   Cable, 1830 mm, 2.5mm right angle mono plug to stripped tinned, 24 AWG, round wire, shielded
CA-2203 TENSILITY-CA-2203 Datasheet
95Kb / 2P
   Cable, 1830 mm, 2.5 mm stereo plug to stripped tinned 24 AWG, round wire, shielded
CA-2204 TENSILITY-CA-2204 Datasheet
101Kb / 2P
   Cable, 1830 mm, 2.5 mm right angle stereo plug to stripped tinned, 24 AWG, round wire, shielded
CA-2205 TENSILITY-CA-2205 Datasheet
102Kb / 2P
   Cable, 1830 mm, 3.5 mm mono plug to stripped tinned, 24 AWG, round wire, shielded
More results

同様の説明 - CA-2200

メーカー部品番号データシート部品情報
logo
Tensility International...
CA-2192 TENSILITY-CA-2192 Datasheet
111Kb / 2P
   Cable, 1830 mm, 2.35x0.7x9.5 mm dc plug to stripped tinned, 24 AWG, UL2468, zip cord
CA-2198 TENSILITY-CA-2198 Datasheet
97Kb / 2P
   Cable, 1830 mm, 4.0x1.7x10 mm right angle dc plug to stripped tinned, 24 AWG, UL2468, zip cord
CA-2224 TENSILITY-CA-2224 Datasheet
66Kb / 2P
   Cable, 1830 mm, 6.5x3.0x12 mm 50-00090 dc plug to stripped tinned, 18 AWG, UL2468
10-01066 TENSILITY-10-01066 Datasheet
331Kb / 2P
   Cable, 1830 mm, 5.5x2.5x10 mm 90째 50-00129 dc plug to stripped tinned, 18 AWG, 30-00007 wire
CA-2222 TENSILITY-CA-2222 Datasheet
83Kb / 2P
   Cable, 1830 mm, 5.5x2.1x12 mm, twist lock 50-00070 dc plug to stripped tinned, 18 AWG, UL2468
CA-2223 TENSILITY-CA-2223 Datasheet
80Kb / 2P
   Cable, 1830 mm, 5.5x2.5x12 mm, twist lock 50-00072 dc plug to stripped tinned, 18 AWG, UL2468
10-00116 TENSILITY-10-00116 Datasheet
131Kb / 3P
   Cable, 2000 mm, 50-00010 right angle locking dc plug to stripped/tinned, 18 AWG, UL2468
10-00124 TENSILITY-10-00124 Datasheet
131Kb / 3P
   Cable, 2000 mm, 50-00011 right angle locking dc plug to stripped tinned, 18 AWG, UL2468
10-01070 TENSILITY-10-01070 Datasheet
336Kb / 2P
   Cable, 1830 mm, 3.5x1.35x9.5 mm 50-00056 dc plug to stripped tinned, 24 AWG
10-00113 TENSILITY-10-00113 Datasheet
84Kb / 3P
   Cable, 2000 mm, 50-00010 locking dc plug to stripped/tinned leads, 18 AWG, UL2468
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com