データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DAC1008D750 データシート(PDF) 8 Page - NXP Semiconductors

部品番号 DAC1008D750
部品情報  Dual 10-bit DAC up to 750 Msps 2횞, 4횞 or 8횞 interpolating with JESD204A interface
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

DAC1008D750 データシート(HTML) 8 Page - NXP Semiconductors

Back Button DAC1008D750 Datasheet HTML 4Page - NXP Semiconductors DAC1008D750 Datasheet HTML 5Page - NXP Semiconductors DAC1008D750 Datasheet HTML 6Page - NXP Semiconductors DAC1008D750 Datasheet HTML 7Page - NXP Semiconductors DAC1008D750 Datasheet HTML 8Page - NXP Semiconductors DAC1008D750 Datasheet HTML 9Page - NXP Semiconductors DAC1008D750 Datasheet HTML 10Page - NXP Semiconductors DAC1008D750 Datasheet HTML 11Page - NXP Semiconductors DAC1008D750 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 99 page
background image
DAC1008D750_1
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Objective data sheet
Rev. 01 — 4 October 2010
8 of 99
NXP Semiconductors
DAC1008D750
2
×, 4× or 8× interpolating with JESD204A
Vidth
input differential
threshold voltage
|V
gpd| < 50 mV
[4]
C
−100
-
+100
mV
Ri
input resistance
D
-
10
-
M
Ω
CI
input capacitance
D
-
0.5
-
pF
Digital inputs (SDO, SDIO, SCLK, SCS_N, RESET_N)
VIL
LOW-level input
voltage
CGND
-
0.54
V
VIH
HIGH-level input
voltage
C1.26
-
VDDD
V
IIL
LOW-level input
current
VIL =0.54V
I
-
1
-
μA
IIH
HIGH-level input
current
VIH =1.26V
I
-
1
-
μA
Digital inputs (Vin_p/Vin_n)[5]
VI(cm)
common-mode input
voltage
D
0.68
0.78
1.40
V
VI(dif)(p-p)
peak-to-peak
differential input
voltage
D
175
-
1000
mV
Ztt
Vtt source impedance
D
-
0.7
-
Ω
ΔZ
i
differential input
impedance
D
-
100
-
Ω
Digital outputs (SYNC_OUTN/SYNC_OUTP)[6]
Vo(cm)
common-mode output
voltage
I
0.79
1.17
1.46
V
Vo(dif)(p-p)
peak-to-peak
differential output
voltage
I
0.12
0.48
0.96
V
Digital inputs/outputs (MDS_N/MDS_P)
Vo(dif)(p-p)
peak-to-peak
differential output
voltage
D
-
600
-
mV
Co(L)
Output load
capacitance
between pins GND and
MDS_N or MDS_P
D-
-
10
pF
CI
Input capacitance
between pins GND and
MDS_N or MDS_P
D
-
0.3
-
pF
Analog outputs (IOUTAP, IOUTAN, IOUTBP, IOUTBN)
IO(fs)
full-scale output
current
register value = 00h
(see Table 14 and Table 15)
D-
1.6
-
mA
register = default value
(see Table 14 and Table 15)
-20
-
mA
VO
output voltage
compliance range
D
1.8
-
VDDA(3V3) V
Ro
output resistance
D
-
250
-
k
Ω
Table 5.
Characteristics …continued
VDDA(1V8) =VDDD = 1.7 V to 1.9 V; VDDA(3V3) = 3.0 V to 3.6 V; AGND and GND are shorted together; Tamb = 40 °C to +85 °C;
typical values measured at VDDA(1V8) =VDDD =1.8 V; VDDA(3V3) =3.3 V; Tamb =+25 °C; RL =50 Ω; IO(fs) = 20 mA; maximum
sample rate; PLL off unless otherwise specified.
Symbol
Parameter
Conditions
Test[1]
Min
Typ
Max
Unit


同様の部品番号 - DAC1008D750

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
DAC1008D750 NXP-DAC1008D750 Datasheet
564Kb / 99P
   Dual 10-bit DAC; up to 750 Msps; 2횞, 4횞 or 8횞 interpolating
Rev. 2-5 January 2011
logo
Renesas Technology Corp
DAC1008D750 RENESAS-DAC1008D750 Datasheet
632Kb / 97P
   Dual 10-bit DAC; up to 750 Msps; 2, 4 or 8 interpolating with JESD204A interface
2 July 2012
logo
NXP Semiconductors
DAC1008D750HN NXP-DAC1008D750HN Datasheet
564Kb / 99P
   Dual 10-bit DAC; up to 750 Msps; 2횞, 4횞 or 8횞 interpolating
Rev. 2-5 January 2011
logo
Renesas Technology Corp
DAC1008D750HN RENESAS-DAC1008D750HN Datasheet
632Kb / 97P
   Dual 10-bit DAC; up to 750 Msps; 2, 4 or 8 interpolating with JESD204A interface
2 July 2012
logo
NXP Semiconductors
DAC1008D750 NXP-DAC1008D750_11 Datasheet
564Kb / 99P
   Dual 10-bit DAC; up to 750 Msps; 2횞, 4횞 or 8횞 interpolating
Rev. 2-5 January 2011
More results

同様の説明 - DAC1008D750

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
DAC1208D750 NXP-DAC1208D750 Datasheet
571Kb / 98P
   Dual 12-bit DAC; up to 750 Msps; 2횞, 4횞 or 8횞 interpolating with JESD204A interface
Rev. 2-6 December 2010
DAC1408D750 NXP-DAC1408D750 Datasheet
2Mb / 98P
   Dual 14-bit DAC; up to 750 Msps; 2횞, 4횞 or 8횞 interpolating with JESD204A interface
Rev. 2-2 December 2010
DAC1008D750 NXP-DAC1008D750_11 Datasheet
564Kb / 99P
   Dual 10-bit DAC; up to 750 Msps; 2횞, 4횞 or 8횞 interpolating
Rev. 2-5 January 2011
DAC1008D650 NXP-DAC1008D650 Datasheet
2Mb / 98P
   Dual 10-bit DAC up to 650 Msps; 2횞, 4횞 or 8횞 interpolating with JESD204A interface
Rev. 1-1 October 2010
DAC1008D650_1012 NXP-DAC1008D650_1012 Datasheet
568Kb / 98P
   Dual 10-bit DAC; up to 650 Msps; 2횞, 4횞 or 8횞 interpolating with JESD204A interface
Rev. 2-17 December 2010
DAC1208D650 NXP-DAC1208D650 Datasheet
573Kb / 98P
   Dual 12-bit DAC; up to 650 Msps; 2횞, 4횞 or 8횞 interpolating with JESD204A interface
Rev. 2-14 December 2010
DAC1405D750 NXP-DAC1405D750 Datasheet
324Kb / 43P
   Dual 14-bit DAC, up to 750 Msps; 4횞 and 8횞 interpolating
Rev. 01-10 March 2010
logo
Renesas Technology Corp
DAC1008D750 RENESAS-DAC1008D750 Datasheet
632Kb / 97P
   Dual 10-bit DAC; up to 750 Msps; 2, 4 or 8 interpolating with JESD204A interface
2 July 2012
DAC1208D750 RENESAS-DAC1208D750 Datasheet
730Kb / 96P
   Dual 12-bit DAC; up to 750 Msps; 2, 4 or 8 interpolating with JESD204A interface
2 July 2012
DAC1408D750 RENESAS-DAC1408D750 Datasheet
633Kb / 96P
   Dual 14-bit DAC; up to 750 Msps; 2, 4 or 8 interpolating with JESD204A interface
2 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com