データシートサーチシステム |
|
TDA8034AT データシート(PDF) 10 Page - NXP Semiconductors |
|
TDA8034AT データシート(HTML) 10 Page - NXP Semiconductors |
10 / 29 page TDA8034T_TDA8034AT All information provided in this document is subject to legal disclaimers. © NXP B.V. 2010. All rights reserved. Product data sheet Rev. 2.0. — 12 November 2010 10 of 29 NXP Semiconductors TDA8034T; TDA8034AT Smart card interface Remark: The value of period T is 64 times the period interval of the internal oscillator (i.e. ± 25 μs). 8.8 VCC regulator The VCC buffer is able to continuously deliver up to 65 mA at VCC = 5V or 3V. The VCC buffer has an internal overload protection with a threshold value of approximately 120 mA. This detection is internally filtered, enabling spurious current pulses up to 200 mA with a duration of a few milliseconds to be drawn by the card without causing deactivation. However, the average current value must stay below maximum; see Table 8. 8.9 Fault detection The following conditions are monitored by the fault detection circuit: • Short-circuit or high current on pin VCC • Card removal during transaction • VDDP falling • VDD falling • VDD(INTF) falling • Overheating Fault detection monitors two different situations: • Outside card sessions, pin CMDVCCN is HIGH: pin OFFN is LOW if the card is not in the reader and HIGH if the card is in the reader. Any voltage drop on VDD is detected by the voltage supervisor. This generates an internal power-on reset pulse but does not act upon the pin OFFN signal. The card is not powered-up and short-circuits or overheating are not detected. OSCINT = internal oscillator. Fig 7. Deactivation sequence 001aak995 RST CLK I/O VCC XTAL1 OSCINT CMDVCC high frequency t10 t11 t12 t13 tdeact t14 low frequency |
同様の部品番号 - TDA8034AT |
|
同様の説明 - TDA8034AT |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |