データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CA-2212 データシート(PDF) 2 Page - Tensility International Corp.

部品番号 CA-2212
部品情報  Extension cable, 5.5 x 2.5 mm dc jack to right angle P6 plug, 6 feet, 18 AWG, zip cord
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TENSILITY [Tensility International Corp.]
ホームページ  http://www.tensility.com
Logo TENSILITY - Tensility International Corp.

CA-2212 データシート(HTML) 2 Page - Tensility International Corp.

  CA-2212 Datasheet HTML 1Page - Tensility International Corp. CA-2212 Datasheet HTML 2Page - Tensility International Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
part number:
description:
date:
unit:
page:
rev:
01/19/09
mm
A
CA-2212
Extension cable, 5.5 x 2.5 mm dc jack to
right angle P6 plug, 6 feet, 18 AWG, zip cord
tolerance
X: ±0.5 mm .X: ±0.25 mm .XX: ±0.05 mm
ph 661.702.0035 fx 661.702.0038
29033 Avenue Sherman Ste 203 Valencia, CA 91355
www.tensility.com
Revision notes:
Rev
Date
Description
A
January 19, 2009 Re-issued; original specification issued by CUI, re-issued by Tensility
without any material or mechanical changes.
2 of 2


同様の部品番号 - CA-2212

メーカー部品番号データシート部品情報
logo
Tensility International...
CA-2210 TENSILITY-CA-2210 Datasheet
116Kb / 2P
   Extension cable, 5.5 x 2.1 mm dc jack to P5 plug, 6 feet, 18 AWG, zip cord
CA-2211 TENSILITY-CA-2211 Datasheet
119Kb / 2P
   Extension cable, 3.5 x 1.35 mm dc jack to P7 plug, 6 feet, 24 AWG, zip cord
CA-2213 TENSILITY-CA-2213 Datasheet
115Kb / 2P
   Extension cable, 5.5 x 2.1 mm dc jack to right angle P5 plug, 6 feet, 18 AWG zip cord
CA-2214 TENSILITY-CA-2214 Datasheet
119Kb / 2P
   Extension cable, 3.5 x 1.35 mm dc jack to right angle P7, 6 feet, 24 AWG, zip cord
CA-2215 TENSILITY-CA-2215 Datasheet
113Kb / 2P
   Extension cable, 5.5 x 2.5 mm dc jack to P6 plug, 3 feet, 18 AWG, zip cord
More results

同様の説明 - CA-2212

メーカー部品番号データシート部品情報
logo
Tensility International...
CA-2209 TENSILITY-CA-2209 Datasheet
117Kb / 2P
   Extension cable, 5.5 x 2.5 mm DC jack to P6 plug, 6 feet, 18 AWG zip cord
CA-2218 TENSILITY-CA-2218 Datasheet
113Kb / 2P
   Extension cable, 5.5 x 2.5 mm dc jack to right angle P6, 3 feet, 18 AWG, zip cord
CA-2215 TENSILITY-CA-2215 Datasheet
113Kb / 2P
   Extension cable, 5.5 x 2.5 mm dc jack to P6 plug, 3 feet, 18 AWG, zip cord
CA-2213 TENSILITY-CA-2213 Datasheet
115Kb / 2P
   Extension cable, 5.5 x 2.1 mm dc jack to right angle P5 plug, 6 feet, 18 AWG zip cord
CA-2210 TENSILITY-CA-2210 Datasheet
116Kb / 2P
   Extension cable, 5.5 x 2.1 mm dc jack to P5 plug, 6 feet, 18 AWG, zip cord
CA-2219 TENSILITY-CA-2219 Datasheet
112Kb / 2P
   Extension cable, 5.5 x 2.1 mm dc jack to right angle P5, 3 feet, 18 AWG, zip cord
CA-2216 TENSILITY-CA-2216 Datasheet
112Kb / 2P
   Extension cable, 5.5 x 2.1 mm dc jack to P5 plug, 3 feet, 18 AWG, zip cord
CA-2214 TENSILITY-CA-2214 Datasheet
119Kb / 2P
   Extension cable, 3.5 x 1.35 mm dc jack to right angle P7, 6 feet, 24 AWG, zip cord
CA-2186 TENSILITY-CA-2186 Datasheet
98Kb / 2P
   Cable, P6 to stripped/tinned ends, 6 feet, 18 AWG zip cord
CA-2211 TENSILITY-CA-2211 Datasheet
119Kb / 2P
   Extension cable, 3.5 x 1.35 mm dc jack to P7 plug, 6 feet, 24 AWG, zip cord
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com