データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA1566 データシート(PDF) 11 Page - NXP Semiconductors

部品番号 TDA1566
部品情報  I2C-bus controlled dual channel 46 W/2 OHM, single channel 92 W/1 OHM amplifier
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA1566 データシート(HTML) 11 Page - NXP Semiconductors

Back Button TDA1566 Datasheet HTML 7Page - NXP Semiconductors TDA1566 Datasheet HTML 8Page - NXP Semiconductors TDA1566 Datasheet HTML 9Page - NXP Semiconductors TDA1566 Datasheet HTML 10Page - NXP Semiconductors TDA1566 Datasheet HTML 11Page - NXP Semiconductors TDA1566 Datasheet HTML 12Page - NXP Semiconductors TDA1566 Datasheet HTML 13Page - NXP Semiconductors TDA1566 Datasheet HTML 14Page - NXP Semiconductors TDA1566 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 46 page
background image
TDA1566_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 20 August 2007
11 of 46
NXP Semiconductors
TDA1566
I2C-bus controlled dual channel/single channel amplifier
Rtrip1 = 0.1 × (RPROG − 720) Ω
Rtrip2 = 1.05 × (RPROG − 450) Ω
Rtrip1 and Rtrip2 levels presented refer to the advised value of 1500 Ω. Note that a shorted
load will be interpreted as an amplifier load.
The result of the DC load detection is stored in DB1[D4] and DB1[D5] for channel 1 and in
DB2[D4] and DB2[D5] for channel 2, see Table 12.
Note that the DC load bits are only valid if DB3[D3] = 1. The DC load detection valid bit is
reset, DB3[D3] = 0, when the DC load detection is started with a not completely
discharged SVR capacitor (VSVR > 0.3 V) or when the DC load detection is interrupted by
an engine start (VP < 7.5 V typical, see Section 9).
6.2.2 AC load detection
The AC load detection is used to detect if AC coupled speakers like tweeters are
connected correctly during assembly. The detection starts when IB1[D2] changes from
LOW to HIGH. A sine wave of a certain frequency (e.g. 19 kHz) needs to be applied to the
inputs of the amplifier. The output voltage over the load impedance will cause an output
current in the amplifier. Output currents larger than 1.15
× I
ref will set the AC load
detection bit and no AC load is detected when the output current is less than 0.85
× I
ref,
see Figure 8. The reference current Iref is set with an external resistor RPROG (1 %)
connected between the PROG pin and GND. The relation between RPROG and Iref is given
by:
Iref = 390 / RPROG [A] (valid for RPROG between 1.2 kΩ and 4 kΩ).
To set the AC load detection bit the peak output current must pass the 1.15
× I
ref threshold
three times. The three ‘threshold cross’ counter is used to prevent false AC load detection
caused by switching the input signal on or off. To reset the slope counter, IB1[D2] needs to
be reset. With RPROG = 1500 Ω the current thresholds are set to 200 mA and 320 mA.
The levels presented refer to the advised value of 1500
Ω.
Table 12.
Interpretation of DC load detection bits
Open load bits
DB1[D4] and DB2[D4]
Amplifier load bits
DB1[D5] and DB2[D5]
DC load valid bit
DB3[D3]
Description
0
0
1
amplifier load
0
1
1
line driver load
1
don’t care
1
open load
Don’t care
don’t care
0
invalid DC load
detection result
Fig 8.
AC load detection limits
001aad011
200 mA
(peak)
0.78
× Iref
1.22
× Iref
320 mA
(peak)
no AC load detected
AC load detected


同様の部品番号 - TDA1566

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA1566 PHILIPS-TDA1566_15 Datasheet
299Kb / 46P
   I2C-bus controlled dual channel 46 W/2 W, single channel 92 W/1 W amplifier with load diagnostic features
Rev. 02-20 August 2007
More results

同様の説明 - TDA1566

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA1566 PHILIPS-TDA1566_15 Datasheet
299Kb / 46P
   I2C-bus controlled dual channel 46 W/2 W, single channel 92 W/1 W amplifier with load diagnostic features
Rev. 02-20 August 2007
TDF8599B NXP-TDF8599B_V01 Datasheet
569Kb / 54P
   I2C-bus controlled dual channel 43 W/2 Ohm, single channel 85 W/1 Ohm class-D power amplifier with load diagnostics
Rev. 2 ??23 August 2016
TDF8599 NXP-TDF8599 Datasheet
316Kb / 52P
   I2C-bus controlled dual channel 43 W/2 W single channel 85 W/1 W class-D power amplifier with load diagnostics
Rev. 01-13 November 2008
TDF8599B NXP-TDF8599B Datasheet
339Kb / 54P
   I2C-bus controlled dual channel 43 W/4 W, single channel 85 W/1 W class-D power amplifier with load diagnostics
Rev. 01-29 July 2009
TDF8599A NXP-TDF8599A Datasheet
346Kb / 54P
   I2C-bus controlled dual channel 135 W/4 W, single channel 250 W/2 W class-D power amplifier with load diagnostics
Rev. 02-30 June 2009
TDF8599A PHILIPS-TDF8599A_15 Datasheet
520Kb / 55P
   I2C-bus controlled dual channel 135 W/4 ?? single channel 250 W/2 ??class-D power amplifier with load diagnostics
Rev. 3-2 May 2013
TDA8595 PHILIPS-TDA8595_15 Datasheet
484Kb / 51P
   I2C-bus controlled 4 ??45 W power amplifier
Rev. 5-11 June 2013
TDA8594 PHILIPS-TDA8594_15 Datasheet
469Kb / 49P
   I2C-bus controlled 4 ??50 W power amplifier
Rev. 5-11 June 2013
logo
Winchester Electronics ...
SDKA-89-15 WINCHESTER-SDKA-89-15 Datasheet
85Kb / 1P
   TERMINATION, TNC 50 OHM, 1%, 1/2 W
logo
NXP Semiconductors
TDA8595 NXP-TDA8595 Datasheet
294Kb / 50P
   I2C-bus controlled 4 쨈 45 W power amplifier
Rev. 02-21 November 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46