データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TEA3718SFPTR データシート(PDF) 8 Page - STMicroelectronics

部品番号 TEA3718SFPTR
部品情報  Stepper motor driver
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA3718SFPTR データシート(HTML) 8 Page - STMicroelectronics

Back Button TEA3718SFPTR Datasheet HTML 4Page - STMicroelectronics TEA3718SFPTR Datasheet HTML 5Page - STMicroelectronics TEA3718SFPTR Datasheet HTML 6Page - STMicroelectronics TEA3718SFPTR Datasheet HTML 7Page - STMicroelectronics TEA3718SFPTR Datasheet HTML 8Page - STMicroelectronics TEA3718SFPTR Datasheet HTML 9Page - STMicroelectronics TEA3718SFPTR Datasheet HTML 10Page - STMicroelectronics TEA3718SFPTR Datasheet HTML 11Page - STMicroelectronics TEA3718SFPTR Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
Electrical specifications
8/26
3.3
Thermal data
Figure 5.
Maximum power dissipation
Figure 6.
Typical external component configuration
Table 6.
Thermal data
Symbol
Parameters
SO20
Power DIP
Multiwatt 15
Unit
Rth(j-c)
Maximum junction-case thermal resistance
16
11
3
oC/W
Rth(j-a)
Maximum junction-ambient thermal resistance
60(1)
45(1)
40
oC/W
1.
Soldered on a 35 µm thick 4 cm2 PC board copper area
RS = 1 ohm inductance free
RC = 470 ohms
CC = 820 pF ceramic
Rt = 56 kohms
Ct = 820 pF ceramic
P = 500 ohms
R2 = 1 kohm


同様の部品番号 - TEA3718SFPTR

メーカー部品番号データシート部品情報
logo
STMicroelectronics
TEA3718SFP STMICROELECTRONICS-TEA3718SFP Datasheet
288Kb / 16P
   STEPPER MOTOR DRIVER
December 1991
More results

同様の説明 - TEA3718SFPTR

メーカー部品番号データシート部品情報
logo
STMicroelectronics
L6219R STMICROELECTRONICS-L6219R_06 Datasheet
232Kb / 16P
   Stepper motor driver
TEF3718 STMICROELECTRONICS-TEF3718 Datasheet
143Kb / 8P
   STEPPER MOTOR DRIVER
L6219R STMICROELECTRONICS-L6219R Datasheet
144Kb / 11P
   STEPPER MOTOR DRIVER
logo
ON Semiconductor
CS8442 ONSEMI-CS8442 Datasheet
47Kb / 4P
   Stepper Motor Driver
December, 2001 - Rev. 2
logo
New Japan Radio
NJM37770 NJRC-NJM37770 Datasheet
152Kb / 10P
   STEPPER MOTOR DRIVER
logo
Mitsubishi Electric Sem...
M54640P MITSUBISHI-M54640P Datasheet
108Kb / 6P
   STEPPER MOTOR DRIVER
logo
ON Semiconductor
MC3479FN ONSEMI-MC3479FN Datasheet
100Kb / 10P
   Stepper Motor Driver
June, 2006 ??Rev. 7
logo
System Logic Semiconduc...
PBL3717A SLS-PBL3717A_03 Datasheet
826Kb / 11P
   STEPPER MOTOR DRIVER
logo
STMicroelectronics
TEA3717 STMICROELECTRONICS-TEA3717 Datasheet
137Kb / 8P
   STEPPER MOTOR DRIVER
April 1993
TEA3718 STMICROELECTRONICS-TEA3718 Datasheet
288Kb / 16P
   STEPPER MOTOR DRIVER
December 1991
logo
Sanken electric
SLA4708M SANKEN-SLA4708M Datasheet
25Kb / 2P
   Stepper Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com