データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA18211HDC2 データシート(PDF) 2 Page - NXP Semiconductors

部品番号 TDA18211HDC2
部品情報  DVB-T Silicon Tuner IC
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA18211HDC2 データシート(HTML) 2 Page - NXP Semiconductors

  TDA18211HDC2 Datasheet HTML 1Page - NXP Semiconductors TDA18211HDC2 Datasheet HTML 2Page - NXP Semiconductors TDA18211HDC2 Datasheet HTML 3Page - NXP Semiconductors TDA18211HDC2 Datasheet HTML 4Page - NXP Semiconductors TDA18211HDC2 Datasheet HTML 5Page - NXP Semiconductors TDA18211HDC2 Datasheet HTML 6Page - NXP Semiconductors TDA18211HDC2 Datasheet HTML 7Page - NXP Semiconductors TDA18211HDC2 Datasheet HTML 8Page - NXP Semiconductors TDA18211HDC2 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 66 page
background image
TDA18211HD_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 2 June 2009
2 of 66
NXP Semiconductors
TDA18211HD
DVB-T Silicon Tuner IC
3.2 Key benefits
I The TDA18211HD is a low cost Silicon Tuner targeting digital terrestrial applications.
The TDA18211HD matches the performance of the conventional can tuners while
reducing the size of the tuner function drastically. Additionally, the following benefits
can be stated:
N Allows easy on-board integration
N Allows easy dual-tuner configuration
N Drastically reducing the size of the tuner function and power consumption
4.
Quick reference data
[1]
Measured with TDA10048HN channel decoder.
5.
Ordering information
Table 1.
Quick reference data
Tamb =25 °C; VCC = 3.3 V; IF output level option = 2 V (p-p); IF output load = 1 kΩ on each terminal.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
fRF
RF frequency
center of channel
174
-
864
MHz
NFtun
tuner noise figure
maximum gain
-
5.5
6
dB
ϕn
phase noise
-
−89
-
dBc/Hz
P
power dissipation
-
780
-
mW
Vi(max)
maximum input
voltage
1 dB gain compression, one
analog TV signal at RF input
(
−5 dBm)
-
103
-
dB
µV
α
image
image rejection
53
65
-
dB
Sdig
digital sensitivity
DVB-T (64 QAM 2
3);
BER = 2.10−4
[1] -
−82
-
dBm
Table 2.
Ordering information
Type number
Package
Name
Description
Version
TDA18211HD/C2
HLQFN64R plastic thermal enhanced low profile quad flat
package; no leads; 64 terminals; resin based;
body 9
× 9 × 1.6 mm
SOT903-1


同様の部品番号 - TDA18211HDC2

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA18212HN NXP-TDA18212HN Datasheet
220Kb / 10P
   Silicon Tuner for terrestrial and cable digital TV reception
Rev. 2-12 August 2010
TDA18212HNC1 NXP-TDA18212HNC1 Datasheet
220Kb / 10P
   Silicon Tuner for terrestrial and cable digital TV reception
Rev. 2-12 August 2010
TDA18212HNM NXP-TDA18212HNM Datasheet
220Kb / 10P
   Silicon Tuner for terrestrial and cable digital TV reception
Rev. 2-12 August 2010
TDA18212HNS NXP-TDA18212HNS Datasheet
220Kb / 10P
   Silicon Tuner for terrestrial and cable digital TV reception
Rev. 2-12 August 2010
TDA18214 NXP-TDA18214 Datasheet
226Kb / 8P
   Silicon tuner for digital terrestrial and cable TV reception
Rev. 1-13 July 2012
More results

同様の説明 - TDA18211HDC2

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA18218HN NXP-TDA18218HN Datasheet
138Kb / 25P
   DVB-T Silicon Tuner IC
Rev. 01-8 July 2009
logo
Analog Devices
ADMTV102 AD-ADMTV102 Datasheet
63Kb / 2P
   RF Tuner IC for DVB-H, DVB-T, DTMB, and CMMB
Rev. Sp0
logo
NXP Semiconductors
TDA18291HN NXP-TDA18291HN Datasheet
129Kb / 6P
   Low power DVB / T tuner
Rev. 01-28 August 2007
logo
STMicroelectronics
STB6000 STMICROELECTRONICS-STB6000 Datasheet
48Kb / 2P
   QPSK DVB/DIRECTVTM direct conversion tuner IC
logo
NXP Semiconductors
TDA18271HD NXP-TDA18271HD_09 Datasheet
334Kb / 70P
   Silicon Tuner IC
Rev. 04-19 May 2009
TDA18271HD NXP-TDA18271HD Datasheet
321Kb / 69P
   Silicon Tuner IC
Rev. 03-11 September 2008
logo
Infineon Technologies A...
TUA9001 INFINEON-TUA9001 Datasheet
186Kb / 2P
   RF Silicon Tuner for for DVB-H/T and CMMB (Direct Conversion Receiver)
logo
Maxim Integrated Produc...
MAX2165 MAXIM-MAX2165 Datasheet
241Kb / 24P
   Single-Conversion DVB-H Tuner
Rev 1; 3/09
logo
Sony Corporation
CXD1968AR SONY-CXD1968AR Datasheet
752Kb / 97P
   DVB-T Demodulator
logo
Intel Corporation
HGCE5038882068 INTEL-HGCE5038882068 Datasheet
736Kb / 41P
   DVB-S2 Advanced Modulation Satellite Tuner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com