データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA9882HN データシート(PDF) 2 Page - NXP Semiconductors

部品番号 TDA9882HN
部品情報  Alignment-free multistandard vision and QSS FM sound IF PLL demodulator
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA9882HN データシート(HTML) 2 Page - NXP Semiconductors

  TDA9882HN Datasheet HTML 1Page - NXP Semiconductors TDA9882HN Datasheet HTML 2Page - NXP Semiconductors TDA9882HN Datasheet HTML 3Page - NXP Semiconductors TDA9882HN Datasheet HTML 4Page - NXP Semiconductors TDA9882HN Datasheet HTML 5Page - NXP Semiconductors TDA9882HN Datasheet HTML 6Page - NXP Semiconductors TDA9882HN Datasheet HTML 7Page - NXP Semiconductors TDA9882HN Datasheet HTML 8Page - NXP Semiconductors TDA9882HN Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 45 page
background image
9397 750 13507
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 01 — 16 November 2004
2 of 45
Philips Semiconductors
TDA9882
Multistandard vision and QSS FM sound IF PLL demodulator
3.
Applications
s TV, VTR, PC and Set-Top Box (STB) applications.
4.
Quick reference data
Table 1:
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VP
supply voltage
[1] [2] 4.5
5.0
5.5
V
IP
supply current
52
63
70
mA
Video part
Vi(VIF)(rms)
VIF input voltage sensitivity
(RMS value)
−1 dB video at output
-
60
100
µV
GVIF(cr)
VIF gain control range
see Figure 6
60
66
-
dB
fVIF
vision carrier operating
frequencies
see Table 4
-
33.9
-
MHz
-
38.9
-
MHz
-
45.75
-
MHz
∆fVIF
VIF frequency window of digital
acquisition help
related to fVIF;
see Figure 9
-
±2.3
-
MHz
Vo(video)(p-p)
video signal output voltage
(peak-to-peak value)
see Figure 4
1.7
2.0
2.3
V
Gdif
differential gain
“CCIR 330”
[3]
B/G standard
-
-
5
%
L standard
-
-
7
%
ϕdif
differential phase
“CCIR 330”
-
2
4
deg
Bvideo(−3dB)(trap) −3 dB video bandwidth including
sound carrier trap
ftrap = 4.5 MHz
[4] 3.95
4.05
-
MHz
ftrap = 5.5 MHz
[4] 4.90
5.00
-
MHz
ftrap = 6.0 MHz
[4] 5.40
5.50
-
MHz
ftrap = 6.5 MHz
[4] 5.50
5.95
-
MHz
αSC1
trap attenuation at first sound
carrier
M/N standard
26
36
-
dB
B/G standard
26
36
-
dB
S/NW(video)
weighted signal-to-noise ratio of
video signal
weighted in accordance
with
“CCIR 567”;
see Figure 10
[5] 55
--dB
PSRRCVBS
power supply ripple rejection at
pin CVBS
fripple =70Hz;
see Figure 5
[6] 20
25
-
dB
AFCstps
AFC control steepness
definition:
∆IAFC/∆fVIF
0.85
1.05
1.25
µA/kHz
Audio part
Vo(AF)(rms)
AF output voltage (RMS value)
27 kHz FM deviation;
50
µs de-emphasis
430
540
650
mV
54 % AM modulation
400
500
600
mV
THD
total harmonic distortion of
audio signal
FM: 27 kHz FM deviation;
50
µs de-emphasis
-
0.15
0.50
%
AM: m = 54 %
-
0.5
1.0
%


同様の部品番号 - TDA9882HN

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA9880 PHILIPS-TDA9880 Datasheet
195Kb / 40P
   Alignment-free multistandard vision and FM sound IF-PLL demodulator
1999 Jul 21
TDA9880T PHILIPS-TDA9880T Datasheet
195Kb / 40P
   Alignment-free multistandard vision and FM sound IF-PLL demodulator
1999 Jul 21
TDA9881 NXP-TDA9881 Datasheet
226Kb / 42P
   Alignment-free vision and FM sound IF PLL demodulator for negative modulated TV standards
Rev. 01-16 November 2004
TDA9881HN NXP-TDA9881HN Datasheet
226Kb / 42P
   Alignment-free vision and FM sound IF PLL demodulator for negative modulated TV standards
Rev. 01-16 November 2004
TDA9881TS NXP-TDA9881TS Datasheet
226Kb / 42P
   Alignment-free vision and FM sound IF PLL demodulator for negative modulated TV standards
Rev. 01-16 November 2004
More results

同様の説明 - TDA9882HN

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA9880 PHILIPS-TDA9880 Datasheet
195Kb / 40P
   Alignment-free multistandard vision and FM sound IF-PLL demodulator
1999 Jul 21
TDA9881 NXP-TDA9881 Datasheet
226Kb / 42P
   Alignment-free vision and FM sound IF PLL demodulator for negative modulated TV standards
Rev. 01-16 November 2004
TDA9814T PHILIPS-TDA9814T Datasheet
249Kb / 36P
   Multistandard VIF-PLL with QSS-IF and dual FM-PLL/AM demodulator
1998 Feb 09
TDA9887 PHILIPS-TDA9887 Datasheet
308Kb / 58P
   I2C-bus controlled multistandard alignment-free IF-PLL demodulator with FM radio
2004 Aug 25
TDA9887TS NXP-TDA9887TS Datasheet
232Kb / 58P
   I2C-bus controlled multistandard alignment-free IF-PLL demodulator with FM radio
2004 Aug 25
TDA9811 PHILIPS-TDA9811 Datasheet
228Kb / 36P
   Multistandard VIF-PLL with QSS-IF and AM demodulator
1998 Feb 09
TDA9815 PHILIPS-TDA9815 Datasheet
265Kb / 40P
   Multistandard/MAC VIF-PLL with QSS-IF and dual FM-PLL/AM demodulator
1998 Feb 11
TDA9810 PHILIPS-TDA9810 Datasheet
225Kb / 32P
   Multistandard VIF-PLL with QSS-IF and AM demodulator
1999 May 07
TDA9813T PHILIPS-TDA9813T Datasheet
160Kb / 32P
   VIF-PLL with QSS-IF and dual FM-PLL demodulator
1999 Sep 16
TDA9808 PHILIPS-TDA9808 Datasheet
218Kb / 36P
   Single standard VIF-PLL with QSS-IF and FM-PLL demodulator
1999 Jun 04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com