データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA8594J データシート(PDF) 4 Page - NXP Semiconductors

部品番号 TDA8594J
部品情報  I2C-bus controlled 4 X 50 W power amplifier
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA8594J データシート(HTML) 4 Page - NXP Semiconductors

  TDA8594J Datasheet HTML 1Page - NXP Semiconductors TDA8594J Datasheet HTML 2Page - NXP Semiconductors TDA8594J Datasheet HTML 3Page - NXP Semiconductors TDA8594J Datasheet HTML 4Page - NXP Semiconductors TDA8594J Datasheet HTML 5Page - NXP Semiconductors TDA8594J Datasheet HTML 6Page - NXP Semiconductors TDA8594J Datasheet HTML 7Page - NXP Semiconductors TDA8594J Datasheet HTML 8Page - NXP Semiconductors TDA8594J Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
TDA8594_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 11 December 2007
4 of 48
NXP Semiconductors
TDA8594
I2C-bus controlled 4
× 50 W power amplifier
6.
Pinning information
6.1 Pinning
6.2 Pin description
Fig 2.
Pin configuration
TDA8594
001aad120
ADSEL
STB
PGND2
OUT2
DIAG
OUT2+
VP2
OUT1
PGND1
OUT1+
SVR
IN1
IN2
SGND
IN4
IN3
ACGND
OUT3+
PGND3
OUT3
VP1
OUT4+
SCL
OUT4
PGND4
SDA
TAB
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
Table 3.
Pin description
Symbol
Pin
Description
ADSEL
1
I2C-bus address select input
STB
2
standby (I2C-bus mode) or mode pin (legacy mode); programmable second
clip indicator
PGND2
3
power ground channel 2
OUT2
4
negative channel 2 output
DIAG
5
diagnostic/clip detection output
OUT2+
6
positive channel 2 output
VP2
7
supply voltage 2


同様の部品番号 - TDA8594J

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA8594 PHILIPS-TDA8594_15 Datasheet
469Kb / 49P
   I2C-bus controlled 4 ??50 W power amplifier
Rev. 5-11 June 2013
More results

同様の説明 - TDA8594J

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA8594 PHILIPS-TDA8594_15 Datasheet
469Kb / 49P
   I2C-bus controlled 4 ??50 W power amplifier
Rev. 5-11 June 2013
TDA8595 PHILIPS-TDA8595_15 Datasheet
484Kb / 51P
   I2C-bus controlled 4 ??45 W power amplifier
Rev. 5-11 June 2013
TDA8595 NXP-TDA8595 Datasheet
294Kb / 50P
   I2C-bus controlled 4 쨈 45 W power amplifier
Rev. 02-21 November 2007
TDF8553J NXP-TDF8553J Datasheet
390Kb / 47P
   I2C-bus controlled 4 X 50 Watt power amplifier and multiple voltage regulator
Rev. 01-3 December 2008
TDA8588J PHILIPS-TDA8588J Datasheet
296Kb / 54P
   I2C-bus controlled 4 x 50 Watt power amplifier and multiple voltage regulator
2004 Feb 24
TDF8546_SDS PHILIPS-TDF8546_SDS_15 Datasheet
410Kb / 21P
   I2C-bus controlled 4 ??45 W best efficiency amplifier
Rev. 8-27 September 2013
TDA8596 PHILIPS-TDA8596_15 Datasheet
275Kb / 48P
   I2C-bus controlled 4 쨈 45 W power amplifier with symmetrical inputs
Rev. 02-8 November 2007
logo
STMicroelectronics
STPA008 STMICROELECTRONICS-STPA008 Datasheet
598Kb / 29P
   4 x 50 W MOSFET quad bridge power amplifier
July 2015 Rev 2
STPA008ZS STMICROELECTRONICS-STPA008ZS Datasheet
546Kb / 25P
   4 x 50 W MOSFET quad bridge power amplifier
September 2021 Rev 2
logo
NXP Semiconductors
TDF8599B NXP-TDF8599B Datasheet
339Kb / 54P
   I2C-bus controlled dual channel 43 W/4 W, single channel 85 W/1 W class-D power amplifier with load diagnostics
Rev. 01-29 July 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com