データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2SK2348 データシート(PDF) 1 Page - Sanyo Semicon Device

部品番号 2SK2348
部品情報  High-Voltage, High-Speed Switching Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SK2348 データシート(HTML) 1 Page - Sanyo Semicon Device

  2SK2348 Datasheet HTML 1Page - Sanyo Semicon Device 2SK2348 Datasheet HTML 2Page - Sanyo Semicon Device 2SK2348 Datasheet HTML 3Page - Sanyo Semicon Device 2SK2348 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2SK2348
Ordering number : EN5415A
High-Voltage, High-Speed
Switching Applications
N-Channel Silicon MOSFET
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
72597TS (KOTO) TA-1033 No.5415-1/4
Package Dimensions
unit: mm
2131-TO-3JML
[2SK2348]
SANYO: TO-3JML
1 : Gate
2 : Drain
3 : Source
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Drain-to-Source Voltage
VDSS
1200
V
Gate-to-Source Voltage
VGSS
±30
V
Drain Current (DC)
ID
14
A
Drain Current (pulse)
IDP
PW
≤10µs, duty cycle≤1%
28
A
Allowable Power Dissipation
PD
4.6
W
Tc=25°C
160
W
Channel Temperature
Tch
150
°C
Storage temperature
Tstg
–55 to +150
°C
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
min
typ
max
Unit
D-S Breakdown Voltage
V(BR)DSS
ID=1mA, VGS=0
1200
V
Zero-Gate Voltage Drain Current IDSS
VDS=1200V, VGS=0
1.0
mA
Gate-to Source Leak Current
IGSS
VGS=±30V, VDS=0
±100
nA
Cutoff Voltage
VGS(off)
VDS=10V, ID=1mA
1.5
3.5
V
Forward Transfer Admittance
|yfs|VDS=20V, ID=7A
3.0
6.0
S
Static Drain-to-Source
RDS(on)
ID=7A, VGS=10V
1.0
1.5
ON-State Resistance
Input Capacitance
Ciss
VDS=20V, f=1MHz
3000
pF
Output Capacitance
Coss
VDS=20V, f=1MHz
500
pF
Reverse Transfer Capacitance
Crss
VDS=20V, f=1MHz
250
pF
Continued on next page.
Features
• Low ON resistance, ultrahigh-speed switching.
• High reliability (Adoption of HVP process).


同様の部品番号 - 2SK2348

メーカー部品番号データシート部品情報
logo
Panasonic Semiconductor
2SK2340 PANASONIC-2SK2340 Datasheet
43Kb / 3P
   Silicon N-Channel Power F-MOS FET
logo
Inchange Semiconductor ...
2SK2340 ISC-2SK2340 Datasheet
324Kb / 2P
   isc N-Channel MOSFET Transistor
logo
NEC
2SK2341 NEC-2SK2341 Datasheet
97Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
logo
Inchange Semiconductor ...
2SK2341 ISC-2SK2341 Datasheet
323Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Renesas Technology Corp
2SK2341 RENESAS-2SK2341 Datasheet
300Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
1995
More results

同様の説明 - 2SK2348

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
2SK3748 SANYO-2SK3748 Datasheet
46Kb / 4P
   High-Voltage, High-Speed Switching Applications
2SK3746 SANYO-2SK3746_12 Datasheet
497Kb / 7P
   High-Voltage, High-Speed Switching Applications
2SK3747 SANYO-2SK3747_12 Datasheet
107Kb / 7P
   High-Voltage, High-Speed Switching Applications
logo
Toshiba Semiconductor
1SS398 TOSHIBA-1SS398_07 Datasheet
255Kb / 4P
   High Voltage, High Speed Switching Applications
1SS399 TOSHIBA-1SS399_07 Datasheet
254Kb / 4P
   High Voltage, High Speed Switching Applications
logo
Sanyo Semicon Device
2SK1412 SANYO-2SK1412 Datasheet
96Kb / 3P
   High-Voltage High-Speed Switching Applications
2SK1413 SANYO-2SK1413 Datasheet
81Kb / 3P
   High-Voltage High-Speed Switching Applications
logo
Pan Jit International I...
1SS397 PANJIT-1SS397 Datasheet
202Kb / 4P
   HIGH VOLTAGE, HIGH SPEED SWITCHING APPLICATIONS
logo
Sanyo Semicon Device
2SK1414 SANYO-2SK1414 Datasheet
82Kb / 3P
   High-Voltage High-Speed Switching Applications
2SK2349 SANYO-2SK2349 Datasheet
54Kb / 4P
   High-Voltage, High-Speed Switching Applications
logo
Toshiba Semiconductor
1SS306 TOSHIBA-1SS306_07 Datasheet
223Kb / 3P
   High Voltage, High Speed Switching Applications
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com