データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LK112M31TR データシート(PDF) 6 Page - STMicroelectronics

部品番号 LK112M31TR
部品情報  Low noise low drop voltage regulator with shutdown function
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LK112M31TR データシート(HTML) 6 Page - STMicroelectronics

Back Button LK112M31TR Datasheet HTML 2Page - STMicroelectronics LK112M31TR Datasheet HTML 3Page - STMicroelectronics LK112M31TR Datasheet HTML 4Page - STMicroelectronics LK112M31TR Datasheet HTML 5Page - STMicroelectronics LK112M31TR Datasheet HTML 6Page - STMicroelectronics LK112M31TR Datasheet HTML 7Page - STMicroelectronics LK112M31TR Datasheet HTML 8Page - STMicroelectronics LK112M31TR Datasheet HTML 9Page - STMicroelectronics LK112M31TR Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Electrical characteristics
LK112xx
6/17
4
Electrical characteristics
Table 5.
Electrical characteristics for LK112 (TJ = 25 °C, VIN = VOUT + 1 V
(1), I
OUT = 0 mA,
VSHDN = 1.8 V, CI = 1 µF, CO = 2.2 µF, CBYPASS = 0.1 µF unless otherwise specified)
1.
For version with output voltage less than 2 V, VIN = 2.4 V
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Iq
Quiescent current
ON MODE (except ISHDN)175
250
µA
OFF MODE, VI = 8V, VSHDN = 0V
0
0.1
µA
VO
Output voltage
IO = 30mA
(see table)
ΔVO
Line regulation
VI = VO+1V to VO+6V, VO ≤ 5.6V
0.7
20
mV
VI = VO+1V to VO+6V, VO > 5.6V
0.8
40
mV
ΔVO
Load regulation
IO = 1 to 60mA
15
30
mV
IO = 1 to 150mA
25
90
mV
Vd
Dropout voltage
IO = 60 mA
(2)
2.
Only for version with output voltage more than 2.1 V
0.17
0.24
V
IO = 150 mA
(2)
0.29
0.35
V
IO
Output current limit
150
mA
SVR
Supply voltage rejection
VI = VO+1.5V, CBYP = 0.1µF
CO = 10µF, f = 400Hz, IO = 30mA
55
dB
eN
Output noise voltage
B= 10Hz to 80kHz, CBYP = 0.1µF
CO = 10µF, VI = VO+1.5V, IO = 60mA
30
µVrms
ISHDN
Shutdown input current
VSHDN = 1.8V, Output ON
12
35
µA
VSHDN Shutdown input logic
Output ON
1.8
V
Output OFF
0.6
ΔVO/TJ
Output voltage
temperature coefficient
IO = 10mA
0.09
mV/°C


同様の部品番号 - LK112M31TR

メーカー部品番号データシート部品情報
logo
STMicroelectronics
LK112M31TR STMICROELECTRONICS-LK112M31TR Datasheet
413Kb / 12P
   LOW NOISE LOW DROP VOLTAGE REGULATOR WITH SHUTDOWN FUNCTION
More results

同様の説明 - LK112M31TR

メーカー部品番号データシート部品情報
logo
STMicroelectronics
LK112SXX STMICROELECTRONICS-LK112SXX Datasheet
411Kb / 18P
   Low noise low drop voltage regulator with shutdown function
LK112SXX STMICROELECTRONICS-LK112SXX_08 Datasheet
404Kb / 17P
   Low noise low drop voltage regulator with shutdown function
LK112 STMICROELECTRONICS-LK112 Datasheet
413Kb / 12P
   LOW NOISE LOW DROP VOLTAGE REGULATOR WITH SHUTDOWN FUNCTION
LK112S STMICROELECTRONICS-LK112S Datasheet
427Kb / 11P
   LOW NOISE LOW DROP VOLTAGE REGULATOR WITH SHUTDOWN FUNCTION
logo
Sipex Corporation
SPX2920 SIPEX-SPX2920_06 Datasheet
507Kb / 10P
   400mA Low Drop Out Voltage Regulator with Shutdown
SPX2945 SIPEX-SPX2945 Datasheet
214Kb / 11P
   500mA Low Drop Out Voltage Regulator with Shutdown
SPX2955 SIPEX-SPX2955 Datasheet
184Kb / 9P
   350mA Low Drop Out Voltage Regulator with Shutdown
SPX2920 SIPEX-SPX2920 Datasheet
95Kb / 10P
   400mA Low Drop Out Voltage Regulator with Shutdown
SPX2920 SIPEX-SPX2920 Datasheet
175Kb / 7P
   400mA Low Drop Out Voltage Regulator with Shutdown
logo
Unisonic Technologies
LD1985 UTC-LD1985_V01 Datasheet
459Kb / 9P
   VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP.COMPATIBLE, WITH INHIBIT FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com