データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2SK2969 データシート(PDF) 3 Page - Sanyo Semicon Device

部品番号 2SK2969
部品情報  Ultrahigh-Speed Switching Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SK2969 データシート(HTML) 3 Page - Sanyo Semicon Device

  2SK2969 Datasheet HTML 1Page - Sanyo Semicon Device 2SK2969 Datasheet HTML 2Page - Sanyo Semicon Device 2SK2969 Datasheet HTML 3Page - Sanyo Semicon Device 2SK2969 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SK2969
No.6314–3/4
SW Time - I D
A S O
P D - Ta
VDD=15V
VGS=4V
IDP=3.2A
Operation in this area
is limited by RDS(on).
2
3
5
2
3
5
7
2
3
5
7
2
3
5
7
7
23
5 7
23
5 7
23
5 7
23
5
2
3
5
7
2
3
5
7
72
3
2
3
55
7
Ciss,Coss,Crss - VDS
VGS - Qg
f = 1MHz
Ciss
Coss
Crss
2
3
5
7
2
3
5
7
2
3
5
7
VDS=10V
ID=800mA
10ms
1ms
100
µs
ID=0.8A
0
1
2
3
4
5
6
7
8
9
10
10
1.0
100
td(on)
tr
td(off)
tf
DC
operation
1234
6
5
0
20
60
40
80
120
100
140
160
0
0
0.04
0.08
0.12
0.16
0.20
0.24
0.25
0.28
5
0
1015202530
10
1.0
100
1000
1.0
0.1
0.1
1.0
10
0.01
0.001
0.01
0.1
1.0
R DS(on) - Ta
VGS=0
2
3
5
7
2
3
5
7
2
3
5
I F - VSD
ID=0.4A,V
GS
=4V
ID=0.1A,V
GS
=2.5V
020
-20
-40
-60
40
60
80
100
120
140
100
0
200
600
550
500
300
350
400
450
50
150
250
0.01
0.1
1.0
0
0.1
0.2
0.3
0.5
0.4
0.6
0.7
0.8
0.9
1.1
1.0
Ta=25
°C
Single pulse
Drain Current, ID –A
Drain-to-Source Voltage, VDS –V
Ambient Temperature, Ta – ˚C
Drain-to-Source Voltage, VDS – V
Total Gate Charge, Qg – nC
Diode Forward Voltage, VSD –V
Ambient Temperature, Ta – ˚C


同様の部品番号 - 2SK2969

メーカー部品番号データシート部品情報
logo
Hitachi Semiconductor
2SK296 HITACHI-2SK296 Datasheet
50Kb / 1P
   SILICON N-CHANNEL MOS FET HIGH SPEED POWER SWITCHING
logo
Inchange Semiconductor ...
2SK296 ISC-2SK296 Datasheet
332Kb / 2P
   isc N-Channel MOSFET Transistor
2SK2960 ISC-2SK2960 Datasheet
322Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Toshiba Semiconductor
2SK2961 TOSHIBA-2SK2961 Datasheet
268Kb / 5P
   N CHANNEL MOS TYPE (HIGH SPEED SWITCHING, RELAY DRIVE MOTOR DRIVE AND DC-DC CONVERTER APPLICATIONS)
2SK2961 TOSHIBA-2SK2961 Datasheet
689Kb / 6P
   Silicon N Channel MOS Type Relay Drive, Motor Drive and DC−DC Converter Application
More results

同様の説明 - 2SK2969

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
CPH3304 SANYO-CPH3304 Datasheet
132Kb / 4P
   Ultrahigh-Speed Switching Applications
CPH3308 SANYO-CPH3308 Datasheet
28Kb / 4P
   Ultrahigh-Speed Switching Applications
CPH3407 SANYO-CPH3407 Datasheet
27Kb / 4P
   Ultrahigh-Speed Switching Applications
FW214 SANYO-FW214 Datasheet
46Kb / 3P
   Ultrahigh-Speed Switching Applications
FW313 SANYO-FW313 Datasheet
61Kb / 6P
   Ultrahigh-Speed Switching Applications
2SK2631 SANYO-2SK2631 Datasheet
30Kb / 5P
   Ultrahigh-Speed Switching Applications
2SK1459 SANYO-2SK1459 Datasheet
100Kb / 3P
   Ultrahigh-Speed Switching Applications
2SJ339 SANYO-2SJ339 Datasheet
40Kb / 4P
   Ultrahigh-Speed Switching Applications
2SJ417 SANYO-2SJ417 Datasheet
89Kb / 3P
   Ultrahigh-Speed Switching Applications
2SJ459 SANYO-2SJ459 Datasheet
32Kb / 4P
   Ultrahigh-Speed Switching Applications
2SJ485 SANYO-2SJ485 Datasheet
43Kb / 4P
   Ultrahigh-Speed Switching Applications
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com