データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2SK2998 データシート(PDF) 1 Page - Toshiba Semiconductor

部品番号 2SK2998
部品情報  Chopper Regulator, DC−DC Converter Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK2998 データシート(HTML) 1 Page - Toshiba Semiconductor

  2SK2998_10 Datasheet HTML 1Page - Toshiba Semiconductor 2SK2998_10 Datasheet HTML 2Page - Toshiba Semiconductor 2SK2998_10 Datasheet HTML 3Page - Toshiba Semiconductor 2SK2998_10 Datasheet HTML 4Page - Toshiba Semiconductor 2SK2998_10 Datasheet HTML 5Page - Toshiba Semiconductor 2SK2998_10 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2SK2998
2010-04-06
1
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (π−MOSV)
2SK2998
Chopper Regulator, DC−DC Converter Applications
Low drain−source ON-resistance
: RDS (ON) = 11.5 Ω (typ.)
High forward transfer admittance
: |Yfs| = 0.4 S (typ.)
Low leakage current
: IDSS = 100 μA (max) (VDS = 500 V)
Enhancement mode
: Vth = 2.0 to 4.0 V (VDS = 10 V, ID = 1 mA)
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Drain−source voltage
VDSS
500
V
Drain−gate voltage (RGS = 20 kΩ)
VDGR
500
V
Gate−source voltage
VGSS
±30
V
DC
(Note 1)
ID
0.5
A
Drain current
Pulse (Note 1)
IDP
1.5
A
Drain power dissipation
PD
0.9
W
Channel temperature
Tch
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Note: Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in temperature,
etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage,
etc.) are within the absolute maximum ratings. Please design the
appropriate reliability upon reviewing the Toshiba Semiconductor
Reliability Handbook (“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability
test report and estimated failure rate, etc).
Thermal Characteristics
Characteristics
Symbol
Max
Unit
Thermal resistance, channel to ambient
Rth (ch−a)
138
°C / W
Note 1: Ensure that the channel temperature does not exceed 150°C.
This transistor is an electrostatic-sensitive device.
Please handle with caution.
Unit: mm
JEDEC
TO-92MOD
JEITA
TOSHIBA
2-5J1C
Weight: 0.36 g (typ.)


同様の部品番号 - 2SK2998_10

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
2SK2998 TOSHIBA-2SK2998_06 Datasheet
658Kb / 6P
   Silicon N Channel MOS Type Chopper Regulator, DC−DC Converter Applications
More results

同様の説明 - 2SK2998_10

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
2SK2884 TOSHIBA-2SK2884_09 Datasheet
433Kb / 6P
   Chopper Regulator, DC−DC Converter Applications
2SK2311 TOSHIBA-2SK2311_09 Datasheet
433Kb / 6P
   Chopper Regulator, DC−DC Converter and Switching Regulator Applications
2SK3313 TOSHIBA-2SK3313_10 Datasheet
420Kb / 6P
   Chopper Regulator and DC−DC Converter Applications Motor Drive Applications
2SK3314 TOSHIBA-2SK3314_10 Datasheet
418Kb / 6P
   Chopper Regulator and DC−DC Converter Applications Motor Drive Applications
2SK2883 TOSHIBA-2SK2883_09 Datasheet
455Kb / 6P
   Chopper Regulator, DC−DC Converter and Motor Drive Applications
2SK2598 TOSHIBA-2SK2598_09 Datasheet
445Kb / 6P
   Chopper Regulator, DC−DC Converter and Motor Drive Applications
2SK2607 TOSHIBA-2SK2607_09 Datasheet
426Kb / 6P
   Chopper Regulator, DC−DC Converter and Moter Drive Applications
2SK2749 TOSHIBA-2SK2749_09 Datasheet
417Kb / 6P
   Chopper Regulator, DC−DC Converter and Motor Drive Applications
2SK2837 TOSHIBA-2SK2837_09 Datasheet
431Kb / 6P
   Chopper Regulator, DC−DC Converter and Motor Drive Applications
2SJ407 TOSHIBA-2SJ407_09 Datasheet
420Kb / 6P
   Chopper Regulator, DC−DC Converter and Motor Drive Applications
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com