データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2SK3411 データシート(PDF) 4 Page - Sanyo Semicon Device

部品番号 2SK3411
部品情報  DC / DC Converter Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SK3411 データシート(HTML) 4 Page - Sanyo Semicon Device

  2SK3411 Datasheet HTML 1Page - Sanyo Semicon Device 2SK3411 Datasheet HTML 2Page - Sanyo Semicon Device 2SK3411 Datasheet HTML 3Page - Sanyo Semicon Device 2SK3411 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
2SK3411
No.7175-4/4
Specifications of any and all SANYO products described or contained herein stipulate the performance,
characteristics, and functions of the described products in the independent state, and are not guarantees
of the performance, characteristics, and functions of the described products as mounted in the customer's
products or equipment. To verify symptoms and states that cannot be evaluated in an independent device,
the customer should always evaluate and test devices mounted in the customer's products or equipment.
SANYO Electric Co., Ltd. strives to supply high-quality high-reliability products. However, any and all
semiconductor products fail with some probability. It is possible that these probabilistic failures could
give rise to accidents or events that could endanger human lives, that could give rise to smoke or fire,
or that could cause damage to other property. When designing equipment, adopt safety measures so
that these kinds of accidents or events cannot occur. Such measures include but are not limited to protective
circuits and error prevention circuits for safe design, redundant design, and structural design.
In the event that any or all SANYO products(including technical data,services) described or
contained herein are controlled under any of applicable local export control laws and regulations,
such products must not be expor ted without obtaining the expor t license from the author ities
concerned in accordance with the above law.
No part of this publication may be reproduced or transmitted in any form or by any means, electronic or
mechanical, including photocopying and recording, or any information storage or retrieval system,
or otherwise, without the prior written permission of SANYO Electric Co., Ltd.
Any and all information described or contained herein are subject to change without notice due to
product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification"
for the SANYO product that you intend to use.
Information (including circuit diagrams and circuit parameters) herein is for example only ; it is not
guaranteed for volume production. SANYO believes information herein is accurate and reliable, but
no guarantees are made or implied regarding its use or any infringements of intellectual property rights
or other rights of third parties.
This catalog provides information as of April, 2002. Specifications and information herein are subject
to change without notice.
PS
4
20
16
15
12
8
2
18
14
10
6
0.1
10
1.0
2
7
5
3
2
7
5
3
2
7
5
3
0
1234567
89
10
1
0
2
3
4
5
6
7
8
9
10
A S O
0.1
23
5
7
23
5
7
23
5
7
1.0
10
100
VGS -- Qg
0
PD -- Tc
0
20
40
60
80
100
120
140
160
0
PD -- Ta
0
20
40
60
80
100
120
140
160
0.2
1.0
0.8
0.6
0.4
1.2
VDS=10V
ID=9A
IDP=36A
ID=9A
DC
Operation
≤10µs
1ms
10ms
100ms
Operation in this
area is limited by RDS(on).
100
µ
s
Total Gate Charge, Qg -- nC
Ambient Temperature, Ta --
°C
Case Temperature, Tc --
°C
Drain-to-Source Voltage, VDS -- V
Tc=25
°C
Single pulse
IT04239
IT04238
IT04241
IT04240


同様の部品番号 - 2SK3411

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
2SK3412 SANYO-2SK3412 Datasheet
31Kb / 4P
   DC / DC Converter Applications
logo
Inchange Semiconductor ...
2SK3412D ISC-2SK3412D Datasheet
330Kb / 2P
   isc N-Channel MOSFET Transistor
2SK3412I ISC-2SK3412I Datasheet
398Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Sanyo Semicon Device
2SK3413LS SANYO-2SK3413LS Datasheet
32Kb / 4P
   DC / DC Converter Applications
logo
Inchange Semiconductor ...
2SK3413LS ISC-2SK3413LS Datasheet
323Kb / 2P
   isc N-Channel MOSFET Transistor
More results

同様の説明 - 2SK3411

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
FP302 SANYO-FP302 Datasheet
124Kb / 4P
   DC-DC Converter Applications
FP303 SANYO-FP303 Datasheet
124Kb / 4P
   DC-DC Converter Applications
FSS216 SANYO-FSS216 Datasheet
146Kb / 4P
   DC/DC Converter Applications
CPH3206 SANYO-CPH3206 Datasheet
41Kb / 4P
   DC/DC Converter Applications
CPH5501 SANYO-CPH5501 Datasheet
58Kb / 6P
   DC/DC Converter Applications
CPH5704 SANYO-CPH5704 Datasheet
53Kb / 5P
   DC/DC Converter Applications
CPH6501 SANYO-CPH6501 Datasheet
30Kb / 4P
   DC / DC Converter Applications
CPH6801 SANYO-CPH6801 Datasheet
56Kb / 5P
   DC/DC Converter Applications
CPH3109 SANYO-CPH3109 Datasheet
55Kb / 5P
   DC/DC Converter Applications
MCH6103 SANYO-MCH6103 Datasheet
49Kb / 5P
   DC/DC Converter Applications
2SA2044 SANYO-2SA2044 Datasheet
37Kb / 5P
   DC / DC Converter Applications
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com