データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BA2903SF データシート(PDF) 11 Page - Rohm

部品番号 BA2903SF
部品情報  Comparators : Ground Sense
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

BA2903SF データシート(HTML) 11 Page - Rohm

Back Button BA2903SF Datasheet HTML 7Page - Rohm BA2903SF Datasheet HTML 8Page - Rohm BA2903SF Datasheet HTML 9Page - Rohm BA2903SF Datasheet HTML 10Page - Rohm BA2903SF Datasheet HTML 11Page - Rohm BA2903SF Datasheet HTML 12Page - Rohm BA2903SF Datasheet HTML 13Page - Rohm BA2903SF Datasheet HTML 14Page - Rohm BA2903SF Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Technical Note
BA10393F,BA10339F/FV,BA2903SF/FV/FVM,BA2903F/FV/FVM,
BA2903HFVM-C,BA2901SF/FV/KN,BA2901F/FV/KN
11/19
www.rohm.com
2010.05 - Rev.B
© 2010 ROHM Co., Ltd. All rights reserved.
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
-50
-25
0
25
50
75
100 125 150
AMBIENT TEMPERATURE [℃]
0
20
40
60
80
100
120
140
160
0
5
10
15
20
25
30
35
SUPPLY VOLTAGE [V]
0
20
40
60
80
100
120
140
160
-50
-25
0
25
50
75
100 125
150
AMBIENT TEMPERATURE [℃]
-50
-40
-30
-20
-10
0
10
20
30
40
50
010
20
30
40
SUPPLY VOLTAGE [V]
0
50
100
150
200
010
20
30
40
SUPPLY VOLTAGE [V]
0
50
100
150
200
-50
-25
0
25
50
75
100
125
150
SUPPLY VOLTAGE [V]
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
0
2
4
6
8
101214
161820
OUTPUT SINK CURRENT [mA]
0
10
20
30
40
-50
-25
0
25
50
75
100 125 150
AMBIENT TEMPERATURE [℃]
-8
-6
-4
-2
0
2
4
6
8
0
102030
40
SUPPLY VOLTAGE [V]
-8
-6
-4
-2
0
2
4
6
8
-50
-25
0
25
50
75
100 125 150
AMBIENT TEMPERATURE [℃]
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
102030
40
SUPPLY VOLTAGE [V]
0
200
400
600
800
1000
0
25
50
75
100
125
150
AMBIENT TEMPERATURE [℃]
○BA2901S/BA2901 family
(*)The data above is ability value of sample, it is not guaranteed.
Supply Current - Ambient Temperature
2V
36V
5V
2V
36V
5V
-40℃
25℃
125℃
-40℃
25℃
125℃
2V
5V
36V
36V
5V
2V
-40℃
25℃
125℃
125℃
25℃
-40℃
-40℃
25℃
125℃
2V
5V
BA2901S/BA2901 family
105℃
105℃
105℃
105℃
105℃
36V
BA2901S/BA2901 family
BA2901S/BA2901 family
BA2901S/BA2901 family
BA2901S/BA2901 family
BA2901S/BA2901 family
BA2901S/BA2901 family
BA2901S/BA2901 family
BA2901S/BA2901 family
BA2901S/BA2901 family
BA2901SFV
BA2901S/BA2901 family
BA2901FV
BA2901KN
BA2901F
BA2901SKN
BA2901SF
105
-40℃
25℃
125℃
105℃
Input Offset Current – Supply Voltage
Input Bias Current – Ambient Temperature
Input Offset Voltage – Ambient Temperature
Input Offset Voltage - Supply Voltage
Output Voltage
– Output Sink Current
(VCC=5[V])
Output Sink Current - Ambient Temperature
(VOUT=1.5[V])
Supply Current - Supply Voltage
Derating Curve
Maximum Output Voltage
– Ambient Temperature
(IOL=4[mA])
Maximum Output Voltage
– Supply Voltage
(IOL=4[mA])
AMBIENT TEMPERATURE[℃]
-40℃
25℃
125℃
105℃
0
20
40
60
80
100
120
140
160
0
1020
3040
SUPPLY VOLTAGE [V]
BA2901S/BA2901 family
-40℃
25℃
125℃
105℃
SUPPLY VOLTAGE [V]
Input Bias Current – Supply Voltage
Fig. 64
Fig. 65
Fig. 66
Fig. 67
Fig. 68
Fig. 69
Fig. 70
Fig. 71
Fig. 72
Fig. 73
Fig. 74
Fig. 75


同様の部品番号 - BA2903SF

メーカー部品番号データシート部品情報
logo
Rohm
BA2903SF ROHM-BA2903SF Datasheet
574Kb / 20P
   Comparators: Ground Sense
BA2903SF ROHM-BA2903SF Datasheet
551Kb / 25P
   Ground Sense Comparators
BA2903SF ROHM-BA2903SF Datasheet
533Kb / 25P
   Ground Sense Comparators
BA2903SF ROHM-BA2903SF Datasheet
533Kb / 25P
   Ground Sense Comparators
BA2903SF ROHM-BA2903SF Datasheet
958Kb / 56P
   Ground Sense Comparator
More results

同様の説明 - BA2903SF

メーカー部品番号データシート部品情報
logo
Rohm
BA10393F-E2 ROHM-BA10393F-E2 Datasheet
533Kb / 25P
   Ground Sense Comparators
BA10393F ROHM-BA10393F_09 Datasheet
574Kb / 20P
   Comparators: Ground Sense
BA10339FV-E2 ROHM-BA10339FV-E2 Datasheet
533Kb / 25P
   Ground Sense Comparators
LM393XXX ROHM-LM393XXX Datasheet
4Mb / 40P
   Ground Sense Comparators
15.Jul.2016 Rev.002
BA2903YF-LB ROHM-BA2903YF-LB Datasheet
677Kb / 31P
   Ground Sense Comparators
BA10393F ROHM-BA10393F_11 Datasheet
551Kb / 25P
   Ground Sense Comparators
BA2903YFC ROHM-BA2903YFC Datasheet
825Kb / 32P
   Automotive Ground Sense Comparators
BA2903YFV-C ROHM-BA2903YFV-C Datasheet
1Mb / 33P
   Automotive Ground Sense Comparators
29.Sep.2015 Rev.005
BA2901YF-M ROHM-BA2901YF-M Datasheet
531Kb / 27P
   Automotive Ground Sense Comparators
BA2903YF-CE2 ROHM-BA2903YF-CE2 Datasheet
1Mb / 34P
   Automotive Ground Sense Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com