データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

U1300 データシート(PDF) 5 Page - Intel Corporation

部品番号 U1300
部品情報  Intel Core Duo Processor and Intel Core Solo Processor on 65 nm Process
Download  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTEL [Intel Corporation]
ホームページ  http://www.intel.com
Logo INTEL - Intel Corporation

U1300 データシート(HTML) 5 Page - Intel Corporation

  U1300 Datasheet HTML 1Page - Intel Corporation U1300 Datasheet HTML 2Page - Intel Corporation U1300 Datasheet HTML 3Page - Intel Corporation U1300 Datasheet HTML 4Page - Intel Corporation U1300 Datasheet HTML 5Page - Intel Corporation U1300 Datasheet HTML 6Page - Intel Corporation U1300 Datasheet HTML 7Page - Intel Corporation U1300 Datasheet HTML 8Page - Intel Corporation U1300 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 91 page
background image
Datasheet
5
Revision History
§
Revision
Description
Date
-001
Initial Release
January 2006
-002
• Added references to ULV processor throughout the document
• Replaced references to the terminology Deep C4 voltage with Intel® Enhanced Deeper
Sleep Voltage throughout the document.
• Replaced references to Enhanced Low Power states with CxE Low Power States
• Section 3.10
— Included Table 10 Voltage and Current Specifications for Intel Core Solo Processor
ULV
— Included Figure 5 Active VCC and ICC Load Line for Intel Core Solo Processor ULV
— Included Figure 6 Deeper Sleep VCC and ICC Load Line for Intel Core Solo
Processor ULV
• Chapter 5
— Included Table 24 Power Specifications for the Intel Core Solo Processor ULV (Ultra
Low Voltage)
April 2006
-003
• Added Intel® Core™ Duo Processor T2300E and Intel® Core™ Solo Processor T1400
specifications.
May 2006
-004
• Added references to Intel Core Duo Processor, Ultra Low Voltage (ULV) throughout the
document
• CxE low power states now also referred to as Extended Low Power States
• Section 3.10
—Updated Table 6 - Added Icc spec for T2700
— Included Table 9 Voltage and Current Specifications Intel Core Duo Processor, Ultra
Low Voltage (ULV)
• Chapter 5
—Updated Table 20 - Added TDP for T2700
— Included Table 23 - Power Specification for Intel Core Duo Processor Ultra Low
Voltage (ULV)
June 2006
-005
•In Chapter 3:
— Added L2500 processor specifications to Table 8.
— Added U2400 processor specifications to Table 9.
•In Chapter 5:
— Added L2500 processor power specifications to Table 22.
— Added U2400 processor power specifications to Table 23.
September 2006
-006
•In Chapter 3:
— Added U1500 processor specifications to Table 10.
•In Chapter 5:
— Added U1500 processor power specifications to Table 24.
January 2007


同様の部品番号 - U1300

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
U130 ETC2-U130 Datasheet
654Kb / 16P
   MISCELLANEOUS HARDWARE-ACCESSORIES
U130 ETC2-U130 Datasheet
657Kb / 17P
   TO CHANGE WITHOUT NOTICE ACCESSORIES
U1302 ETC2-U1302 Datasheet
657Kb / 17P
   TO CHANGE WITHOUT NOTICE ACCESSORIES
logo
Eaton All Rights Reserv...
U1302 EATON-U1302 Datasheet
1Mb / 36P
   Surge Protection
logo
List of Unclassifed Man...
U1302-3 ETC2-U1302-3 Datasheet
657Kb / 17P
   TO CHANGE WITHOUT NOTICE ACCESSORIES
More results

同様の説明 - U1300

メーカー部品番号データシート部品情報
logo
National Instruments Co...
PXI-8105 NI-PXI-8105 Datasheet
519Kb / 6P
   Intel Core Duo Processor T2500(2.0 GHz dual core)
logo
BOSER Technology Co., L...
HS-1743 BOSER-HS-1743 Datasheet
95Kb / 1P
   Intel Core 2 Duo/Celeron짰 M processor
HS-1760 BOSER-HS-1760 Datasheet
97Kb / 1P
   Intel Core 2 Duo/Celeron M processor
logo
National Instruments Co...
PXIE-8108 NI-PXIE-8108 Datasheet
732Kb / 7P
   Intel Core 2 Duo T9400 processor(2.53 GHz dual core)
PXI-8108 NI-PXI-8108 Datasheet
720Kb / 7P
   Intel Core 2 Duo T9400 processor(2.53 GHz dual core)
PXI-8106 NI-PXI-8106 Datasheet
774Kb / 7P
   Intel Core 2 Duo processor T7400(2.16 GHz dual core)
logo
AAEON Technology
EMB-945T AAEON-EMB-945T Datasheet
373Kb / 2P
   Embedded Motherboard with Intel Core 2 Duo/ Core Duo/ Celeron M Processor
PCM-9452 AAEON-PCM-9452 Datasheet
358Kb / 2P
   Compact Board with Intel Core 2 Duo/ Core Duo/ Celeron M Processor
EMB-9458T AAEON-EMB-9458T Datasheet
296Kb / 2P
   Embedded Motherboard with Intel Core 2 Duo/ Core Duo/ Celeron M Processor
IMBM-935 AAEON-IMBM-935 Datasheet
395Kb / 2P
   Industrial Motherboard with Intel Core 2 Quad/ Core 2 Duo Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com