データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST72325K6B3 データシート(PDF) 1 Page - STMicroelectronics

部品番号 ST72325K6B3
部品情報  8-bit MCU with 16 to 60K Flash/ROM, ADC, CSS, 5 timers, SPI, SCI, I2C interface
Download  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72325K6B3 データシート(HTML) 1 Page - STMicroelectronics

  ST72325K6B3 Datasheet HTML 1Page - STMicroelectronics ST72325K6B3 Datasheet HTML 2Page - STMicroelectronics ST72325K6B3 Datasheet HTML 3Page - STMicroelectronics ST72325K6B3 Datasheet HTML 4Page - STMicroelectronics ST72325K6B3 Datasheet HTML 5Page - STMicroelectronics ST72325K6B3 Datasheet HTML 6Page - STMicroelectronics ST72325K6B3 Datasheet HTML 7Page - STMicroelectronics ST72325K6B3 Datasheet HTML 8Page - STMicroelectronics ST72325K6B3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 197 page
background image
October 2008
Rev 4
1/197
ST72325xx
8-bit MCU with 16 to 60K Flash/ROM, ADC, CSS,
5 timers, SPI, SCI, I2C interface
Features
Memories
– 16K to 60K dual voltage High Density Flash
(HDFlash) or up to 32K ROM with read-out
protection capability. In-Application Program-
ming and In-Circuit Programming for HDFlash
devices
– 512 to 2048 bytes RAM
– HDFlash endurance: 100 cycles, data reten-
tion: 40 years at 85°C
Clock, reset and supply management
– Enhanced low voltage supervisor (LVD) for
main supply and auxiliary voltage detector
(AVD) with interrupt capability
– Clock sources: crystal/ceramic resonator os-
cillators, internal RC oscillator and bypass for
external clock
– PLL for 2x frequency multiplication
– Four Power Saving Modes: Halt, Active-Halt,
Wait and Slow
– Clock Security System
Interrupt management
– Nested interrupt controller
– 14 interrupt vectors plus TRAP and RESET
– Top Level Interrupt (TLI) pin on 64-pin devices
– 9/6 external interrupt lines (on 4 vectors)
Up to 48 I/O ports
– 48/36/32/24 multifunctional bidirectional I/O
lines
– 34/26/22/17 alternate function lines
– 16/13/12/10 high sink outputs
5 timers
– Main Clock Controller with: Real time base,
Beep and Clock-out capabilities
– Configurable watchdog timer
– Two 16-bit timers with: 2 input captures, 2 out-
put compares, external clock input on one tim-
er, PWM and pulse generator modes
– 8-bit PWM Auto-reload timer with: 2 input cap-
tures, 4 PWM outputs, output compare and
time base interrupt, external clock with event
detector
3 Communication interfaces
– SPI synchronous serial interface
– SCI asynchronous serial interface
–I2C multimaster interface
1 Analog peripheral (low current coupling)
– 10-bit ADC with up to 16 robust input ports
Instruction set
– 8-bit Data Manipulation
– 63 Basic Instructions
– 17 main Addressing Modes
– 8 x 8 Unsigned Multiply Instruction
Development tools
– Full hardware/software development package
– DM (Debug module)
Table 1. Device summary
LQFP44
10 x 10
LQFP32
7 x 7
LQFP48
7 x 7
LQFP64
10 x 10
SDIP42
600 mil
SDIP32
400 mil
LQFP64
14 x 14
Features
ST72325S4 /
ST72325J4 / ST72325K4
ST72325S6 /
ST72325J6 / ST72325K6
ST72325J7
ST72325R9 /
ST72325AR9 /
ST72325C9 /ST72325J9
Program memory - bytes
Flash/ROM 16K
Flash/ROM 32K
Flash 48K
Flash 60K
RAM (stack) - bytes
512 (256)
1024(256)
1536 (256)
2048(256)
Operating Voltage
3.8V to 5.5V
Temp. Range
up to -40°C to +125°C
Package
LQFP48(S), LQFP44/SDIP42 (J),
LQFP32/DIP32 (K)
LQFP48(S) , LQFP44/ SDIP42 (J),
LQFP32/DIP32 (K)
LQFP44 (J)
LQFP64 14x14(R), LQFP64
10x10(AR), LQFP48(C),
LQFP44 (J)
1


同様の部品番号 - ST72325K6B3

メーカー部品番号データシート部品情報
logo
STMicroelectronics
ST72325K6-Auto STMICROELECTRONICS-ST72325K6-Auto Datasheet
2Mb / 243P
   SCI asynchronous serial interface
August 2010 Rev 3
More results

同様の説明 - ST72325K6B3

メーカー部品番号データシート部品情報
logo
STMicroelectronics
ST72325 STMICROELECTRONICS-ST72325_07 Datasheet
3Mb / 196P
   8-bit MCU with 16 to 60K Flash/ROM, ADC, CSS, 5 timers, SPI, SCI, I2C interface
ST72325 STMICROELECTRONICS-ST72325 Datasheet
1Mb / 193P
   8-BIT MCU WITH 16 TO 60K FLASH/ROM, ADC, CSS, FIVE TIMERS, SPI, SCI, I2C INTERFACE
ST72F321 STMICROELECTRONICS-ST72F321 Datasheet
3Mb / 189P
   64/44-PIN 8-BIT MCU WITH 32 TO 60K FLASH/ROM, ADC, FIVE TIMERS, SPI, SCI, I2C INTERFACE
ST72321 STMICROELECTRONICS-ST72321_04 Datasheet
4Mb / 189P
   64/44-PIN 8-BIT MCU WITH 32 TO 60K FLASH/ROM, ADC,FIVE TIMERS, SPI, SCI, I2C INTERFACE
ST72321B STMICROELECTRONICS-ST72321B Datasheet
3Mb / 187P
   64/44-pin 8-bit MCU with 32 to 60K Flash/ROM, ADC, five timers, SPI, SCI, I2C interface
ST72F521R6TA STMICROELECTRONICS-ST72F521R6TA Datasheet
3Mb / 215P
   80/64-PIN 8-BIT MCU WITH 32 TO 60K FLASH/ROM, ADC, FIVE TIMERS, SPI, SCI, I2C, CAN INTERFACE
ST72F521 STMICROELECTRONICS-ST72F521 Datasheet
4Mb / 215P
   80/64-PIN 8-BIT MCU WITH 32 TO 60K FLASH/ROM, ADC, FIVE TIMERS, SPI, SCI, I2C, CAN INTERFACE
ST7232A STMICROELECTRONICS-ST7232A Datasheet
1Mb / 154P
   8-BIT MCU WITH 8K FLASH/ROM, ADC, 4 TIMERS, SPI, SCI INTERFACE
ST72321BXXX-AUTO STMICROELECTRONICS-ST72321BXXX-AUTO Datasheet
4Mb / 247P
   8-bit MCU for automotive with 32 to 60 Kbyte Flash/ROM, ADC, 5 timers, SPI, SCI, I2C interface
ST72F262G2B5 STMICROELECTRONICS-ST72F262G2B5 Datasheet
1Mb / 172P
   8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com