データシートサーチシステム |
|
ST72325C7T6 データシート(PDF) 7 Page - STMicroelectronics |
|
ST72325C7T6 データシート(HTML) 7 Page - STMicroelectronics |
7 / 197 page ST72325xx 7/197 1 DESCRIPTION The ST72F325 Flash and ST72325 ROM devices are members of the ST7 microcontroller family de- signed for mid-range applications. They are derivatives of the ST72321 and ST72324 devices, with enhanced characteristics and robust Clock Security System. All devices are based on a common industry- standard 8-bit core, featuring an enhanced instruc- tion set and are available with Flash or ROM pro- gram memory. The ST7 family architecture offers both power and flexibility to software developers, enabling the design of highly efficient and compact application code. The on-chip peripherals include an A/D converter, a PWM Autoreload timer, 2 general purpose tim- ers, I2C bus, SPI interface and an SCI interface. For power economy, microcontroller can switch dynamically into WAIT, SLOW, ACTIVE-HALT or HALT mode when the application is in idle or stand-by state. Typical applications are consumer, home, office and industrial products. The devices feature an on-chip Debug Module (DM) to support in-circuit debugging (ICD). For a description of the DM registers, refer to the ST7 ICC Protocol Reference Manual. Main Differences with ST72321: – LQFP48 and LQFP32 packages – Clock Security System – Internal RC, Readout protection, LVD and PLL without limitations – Negative current injection not allowed on I/O port PB0 (instead of PC6). – External interrupts have Exit from Active Halt mode capability. Figure 1. Device Block Diagram 8-BIT CORE ALU OSC1 VPP CONTROL PROGRAM (16K - 60K Bytes1)) VDD RESET PORT F PF7:0 TIMER A BEEP RAM (512 - 2048 Bytes1)) PORT C 10-BIT ADC VAREF VSSA PB7:0 PORT E PE7:0 (2 bits on C/J/K devices) SCI TIMER B PA7:0 (5 bits on C/J devices) PORT D PD7:0 SPI PC7:0 (8 bits) VSS WATCHDOG OSC LVD OSC2 MEMORY MCC/RTC/BEEP (4 bits on K devices) (5 bits on C/J devices) (3 bits on K devices) (6 bits on C/J devices) (2 bits on K devices) (6 bits on C/J devices) (5 bits on K devices) PORT A PORT B PWM ART I2C EVD AVD (8 bits on AR devices) (8 bits on AR devices) (8 bits on AR devices) (8 bits on AR devices) (8 bits on AR devices) TLI 1) ROM devices have up to 32 Kbytes of program memory and up to 1 Kbyte of RAM. DEBUG MODULE |
同様の部品番号 - ST72325C7T6 |
|
同様の説明 - ST72325C7T6 |