データシートサーチシステム |
|
FAN3226TMX データシート(PDF) 7 Page - Fairchild Semiconductor |
|
FAN3226TMX データシート(HTML) 7 Page - Fairchild Semiconductor |
7 / 25 page © 2007 Fairchild Semiconductor Corporation www.fairchildsemi.com FAN3226 / FAN3227 / FAN3228 / FAN3229 • Rev. 1.0.6 7 Electrical Characteristics Unless otherwise noted, VDD=12V, TJ=-40°C to +125°C. Currents are defined as positive into the device and negative out of the device. Symbol Parameter Conditions Min. Typ. Max. Unit Supply VDD Operating Range 4.5 18.0 V IDD Supply Current Inputs / EN Not Connected TTL 0.75 1.20 mA CMOS (8) 0.65 1.05 mA VON Turn-On Voltage INA=ENA=VDD, INB=ENB=0V 3.5 3.9 4.3 V VOFF Turn-Off Voltage INA=ENA=VDD, INB=ENB=0V 3.3 3.7 4.1 V Inputs (FAN322xT) (9) VINL_T INx Logic Low Threshold 0.8 1.2 V VINH_T INx Logic High Threshold 1.6 2.0 V IIN+ Non-inverting Input IN from 0 to VDD -1.5 175.0 µA IIN- Inverting Input IN from 0 to VDD -175.0 1.5 µA VHYS_T TTL Logic Hysteresis Voltage 0.2 0.4 0.8 V Inputs (FAN322xC) (9) VINL_C INx Logic Low Threshold 30 38 %VDD VINH_C INx Logic High Threshold 55 70 %VDD IINL IN Current, Low IN from 0 to VDD -1 175 µA IINH IN Current, High IN from 0 to VDD -175 1 µA VHYS_C CMOS Logic Hysteresis Voltage 17 %VDD ENABLE (FAN3226C, FAN3226T, FAN3227C, FAN3227T) VENL Enable Logic Low Threshold EN from 5V to 0V 0.8 1.2 V VENH Enable Logic High Threshold EN from 0V to 5V 1.6 2.0 V VHYS_T TTL Logic Hysteresis Voltage (10) 0.4 V RPU Enable Pull-up Resistance (10) 100 kΩ tD3 EN to Output Propagation Delay (12) 0V to 5V EN, 1V/ns Slew Rate 10 19 34 ns tD4 0V to 5V EN, 1V/ns Slew Rate 10 18 32 ns Continued on the following page… |
同様の部品番号 - FAN3226TMX |
|
同様の説明 - FAN3226TMX |