データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BYD57GA データシート(PDF) 1 Page - EIC discrete Semiconductors

部品番号 BYD57GA
部品情報  ULTRA-FAST SOFT-RECOVERY CONTROLLED AVALANCHE RECTIFIERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  EIC [EIC discrete Semiconductors]
ホームページ  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

BYD57GA データシート(HTML) 1 Page - EIC discrete Semiconductors

  BYD57GA Datasheet HTML 1Page - EIC discrete Semiconductors BYD57GA Datasheet HTML 2Page - EIC discrete Semiconductors BYD57GA Datasheet HTML 3Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BYD57DA - BYD57VA
ULTRA-FAST SOFT-RECOVERY
CONTROLLED AVALANCHE RECTIFIERS
PRV : 200 - 1400 Volts
Io : 1.0 - 1.2 Amperes
FEATURES :
* Glass passivated junction chip
* High maximum operating temperature
* Low leakage current
* Excellent stability
* Smallest surface mount rectifier outline
* Pb / RoHS Free
MECHANICAL DATA :
* Case : SMA Molded plastic
* Epoxy : UL94V-O rate flame retardant
* Lead : Lead Formed for Surface Mount
* Polarity : Color band denotes cathode end
* Mounting position : Any
* Weight : 0.067 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25 °C ambient temperature unless otherwise specified
BYD
BYD
BYD
BYD
BYD
BYD
BYD
57DA
57GA
57JA
57KA
57MA
57UA
57VA
Maximum Repetitive Peak Reverse Voltage
VRRM
200
400
600
800
1000 1200 1400
V
Maximum Continuous Reverse Voltage
VR
200
400
600
800
1000 1200 1400
V
Min. Reverse Avalanche Breakdown Voltage @ IR = 0.1 mA
V(BR)R-min
300
500
700
900
1100 1300 1500
V
Maximum Average Forward Current
Maximum Non-Repetitive Peak Forward Surge Current (Note 3)
IFSM
A
Maximum Repetitive Peak Forward Current at Ttp = 85 °C
IFRM
A
Maximum Forward Voltage at IF = 1.0 A ; TJ = 25 °C
VF
V
Maximum Reverse Current at VR =VRRMmax
TJ = 25 °C
IR
μA
TJ = 165 °C
IR(H)
μA
Maximum Reverse Recovery Time (Note 4)
Trr
ns
Thermal Resistance from Junction to Tie-Point
Rth j-tp
K / W
Thermal Resistance from Junction to Ambient (Note 5)
Rth j-a
K / W
Junction Temperature Range
TJ
°C
Storage Temperature Range
TSTG
°C
Notes :
(1) Ttp = 85 °C; see Fig. 1and 2; averaged over any 20 ms period; see also Fig.5 and 6.
(2) Tamb = 60 °C; PCB mounting ; see Fig. 3 and 4; averaged over any 20 ms period; see also Fig.5 and 6.
(3) t=10ms half sine wave; Tj = Tjmax prior to surge; VR = VRRMmax
(4) Reverse Recovery Test Conditions : IF = 0.5 A, IR = 1.0 A, Irr = 0.25 A.
(5) Device mounted on an epoxy-glass printed-circuit board, 1.5 mm thick; thickness of Cu-layer ≥ 40 μm.
Page 1 of 3
Rev. 00 : February 13, 2008
- 65 to + 175
5.0
100
30
150
- 65 to + 175
75
30
150
A
UNIT
1.2
(1)
1.0
(1)
0.4
(2)
RATING
SYMBOL
IF(AV)
2.3
3.6
11
8.5
5
2.0
± 0.2
2.1
± 0.2
SMA (DO-214AC)
1.2
± 0.2
2.6
± 0.15
Dimensions in millimeters
1.1
± 0.3
0.2
± 0.07
IATF 0060636
SGS TH07/1033
TW00/17276EM
TH97/10561QM


同様の部品番号 - BYD57GA

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
BYD57G PHILIPS-BYD57G Datasheet
77Kb / 12P
   Ultra-fast soft-recovery controlled avalanche rectifiers
1999 Nov 11
More results

同様の説明 - BYD57GA

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
BYD57 PHILIPS-BYD57 Datasheet
77Kb / 12P
   Ultra-fast soft-recovery controlled avalanche rectifiers
1999 Nov 11
logo
Shenzhen Taychipst Elec...
BYG26D TAYCHIPST-BYG26D Datasheet
3Mb / 2P
   SMA ultra fast soft-recovery controlled avalanche rectifiers
logo
NXP Semiconductors
BYG26 PHILIPS-BYG26 Datasheet
60Kb / 12P
   SMA ultra fast soft-recovery controlled avalanche rectifiers
2000 Feb 14
BYV36 PHILIPS-BYV36 Datasheet
78Kb / 14P
   Fast soft-recovery controlled avalanche rectifiers
1996 Jul 01
BYW95 PHILIPS-BYW95 Datasheet
54Kb / 8P
   Fast soft-recovery controlled avalanche rectifiers
1996 Jun 07
BYD31 PHILIPS-BYD31 Datasheet
59Kb / 9P
   Fast soft-recovery controlled avalanche rectifiers
1996 Sep 18
BYD37 PHILIPS-BYD37 Datasheet
65Kb / 12P
   Fast soft-recovery controlled avalanche rectifiers
1999 Nov 16
BYD52 PHILIPS-BYD52 Datasheet
51Kb / 8P
   Fast soft-recovery controlled avalanche rectifiers
1998 Dec 03
BYV96 PHILIPS-BYV96 Datasheet
54Kb / 8P
   Fast soft-recovery controlled avalanche rectifiers
1996 Jun 07
BYD33 PHILIPS-BYD33 Datasheet
65Kb / 12P
   Fast soft-recovery controlled avalanche rectifiers
1996 Sep 18
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com