データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BZX55C100 データシート(PDF) 2 Page - EIC discrete Semiconductors

部品番号 BZX55C100
部品情報  SILICON ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  EIC [EIC discrete Semiconductors]
ホームページ  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

BZX55C100 データシート(HTML) 2 Page - EIC discrete Semiconductors

  BZX55C100 Datasheet HTML 1Page - EIC discrete Semiconductors BZX55C100 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified
Zener Voltage
Maximum Zener
Maximum Reverse
Temp. coefficient
Admissible
Type
VZ @ IZT
Impedance
Leakage Current, IR
of Zener Voltage
Zener
Number
Nom
1)
Min
2)
Max
2)
IZT
ZZT @ IZT ZZk @ IZK
IZK
Ta=25
°C Ta=150°C
at VR
TKVZ
Current
(2)
(V)
(V)
(V)
(mA)
(
Ω)
(
Ω)
(mA)
(
µA)
(
µA)
(V)
(% / K)
IZM (mA)
BZX55C2V0
2.0
1.9
2.1
5.0
85
600
1.0
100
200
1.0
-0.09...-0.06
175
BZX55C2V2
2.2
2.08
2.41
5.0
85
600
1.0
50
100
1.0
-0.09...-0.06
160
BZX55C2V4
2.4
2.28
2.56
5.0
85
600
1.0
50
100
1.0
-0.09...-0.06
145
BZX55C2V7
2.7
2.5
2.9
5.0
85
600
1.0
10
50
1.0
-0.09...-0.06
135
BZX55C3V0
3.0
2.8
3.2
5.0
85
600
1.0
4.0
40
1.0
-0.08...-0.05
125
BZX55C3V3
3.3
3.1
3.5
5.0
85
600
1.0
2.0
40
1.0
-0.08...-0.05
115
BZX55C3V6
3.6
3.4
3.8
5.0
85
600
1.0
2.0
40
1.0
-0.08...-0.05
105
BZX55C3V9
3.9
3.7
4.1
5.0
85
600
1.0
2.0
40
1.0
-0.08...-0.05
95
BZX55C4V3
4.3
4.0
4.6
5.0
75
600
1.0
1.0
20
1.0
-0.06...-0.03
90
BZX55C4V7
4.7
4.4
5.0
5.0
60
600
1.0
0.5
10
1.0
-0.05...+0.02
85
BZX55C5V1
5.1
4.8
5.4
5.0
35
550
1.0
0.1
2.0
1.0
-0.02...+0.02
80
BZX55C5V6
5.6
5.2
6.0
5.0
25
450
1.0
0.1
2.0
1.0
-0.05...+0.05
70
BZX55C6V2
6.2
5.8
6.6
5.0
10
200
1.0
0.1
2.0
2.0
0.03...0.06
64
BZX55C6V8
6.8
6.4
7.2
5.0
8
150
1.0
0.1
2.0
3.0
0.03...0.07
58
BZX55C7V5
7.5
7.0
7.9
5.0
7
50
1.0
0.1
2.0
5.0
0.03...0.07
53
BZX55C8V2
8.2
7.7
8.7
5.0
7
50
1.0
0.1
2.0
6.2
0.03...0.08
47
BZX55C9V1
9.1
8.5
9.6
5.0
10
50
1.0
0.1
2.0
6.8
0.03...0.09
43
BZX55C10
10
9.4
10.6
5.0
15
70
1.0
0.1
2.0
7.5
0.03...0.10
40
BZX55C11
11
10.4
11.6
5.0
20
70
1.0
0.1
2.0
8.2
0.03...0.11
36
BZX55C12
12
11.4
12.7
5.0
20
90
1.0
0.1
2.0
9.1
0.03...0.11
32
BZX55C13
13
12.4
14.1
5.0
26
110
1.0
0.1
2.0
10.0
0.03...0.11
29
BZX55C14
14
13.1
15.0
5.0
28
110
1.0
0.1
2.0
10.5
0.03...0.11
28
BZX55C15
15
13.8
15.6
5.0
30
110
1.0
0.1
2.0
11
0.03...0.11
27
BZX55C16
16
15.3
17.1
5.0
40
170
1.0
0.1
2.0
12
0.03...0.11
24
BZX55C18
18
16.8
19.1
5.0
50
170
1.0
0.1
2.0
13
0.03...0.11
21
BZX55C20
20
18.8
21.2
5.0
55
220
1.0
0.1
2.0
15
0.03...0.11
20
BZX55C22
22
20.8
23.3
5.0
55
220
1.0
0.1
2.0
16
0.04...0.12
18
BZX55C24
24
22.8
25.6
5.0
80
220
1.0
0.1
2.0
18
0.04...0.12
16
BZX55C27
27
25.1
28.9
5.0
80
220
1.0
0.1
2.0
20
0.04...0.12
14
BZX55C30
30
28
32
5.0
80
220
1.0
0.1
2.0
22
0.04...0.12
13
BZX55C33
33
31
35
5.0
80
220
1.0
0.1
2.0
24
0.04...0.12
12
BZX55C36
36
34
38
5.0
80
220
1.0
0.1
2.0
27
0.04...0.12
11
BZX55C39
39
37
41
2.5
90
500
0.5
0.1
5.0
30
0.04...0.12
10
BZX55C43
43
40
46
2.5
90
500
0.5
0.1
5.0
33
0.04...0.12
9.2
BZX55C47
47
44
50
2.5
110
600
0.5
0.1
5.0
36
0.04...0.12
8.5
BZX55C51
51
48
54
2.5
125
700
0.5
0.1
10
39
0.04...0.12
7.8
BZX55C56
56
52
60
2.5
135
700
0.5
0.1
10
43
typ. 0.1
(4)
7.0
BZX55C62
62
58
66
2.5
150
1000
0.5
0.1
10
47
typ. 0.1
(4)
6.4
BZX55C68
68
64
72
2.5
200
1000
0.5
0.1
10
51
typ. 0.1
(4)
5.9
BZX55C75
75
70
79
2.5
250
1000
0.5
0.1
10
56
typ. 0.1
(4)
5.3
BZX55C82
82
77
87
2.5
300
1500
0.25
0.1
10
62
typ. 0.1
(4)
4.8
BZX55C91
91
85
96
1.0
450
2000
0.1
0.1
10
68
typ. 0.1
(4)
4.4
BZX55C100
100
94
106
1.0
450
5000
0.1
0.1
10
75
typ. 0.1
(4)
4.0
Notes: 1) Tested with pulses tp = 20 ms
2) Valid Provided that leads are kept at ambient temperature at a distance of 8 mm from case
3) For
± 2% tolerance altered the sixth letter of type from "C" to be "B"
(4) at Iz = 2.5 mA
Page 2 of 2
Rev. 05 : June 25, 2005


同様の部品番号 - BZX55C100

メーカー部品番号データシート部品情報
logo
EIC discrete Semiconduc...
BZX55C100 EIC-BZX55C100 Datasheet
28Kb / 2P
   SILICON ZENER DIODES
logo
Micro Commercial Compon...
BZX55C100 MCC-BZX55C100 Datasheet
207Kb / 4P
   500 mWatt Zener Diode 2.0V to 100 Volts
logo
GOOD-ARK Electronics
BZX55C100 GOOD-ARK-BZX55C100 Datasheet
146Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
New Jersey Semi-Conduct...
BZX55C100 NJSEMI-BZX55C100 Datasheet
169Kb / 2P
   SILICON PLANAR ZENER DIODES
logo
List of Unclassifed Man...
BZX55C100 ETC-BZX55C100 Datasheet
326Kb / 3P
   Silicon planar zener diodes
More results

同様の説明 - BZX55C100

メーカー部品番号データシート部品情報
logo
EIC discrete Semiconduc...
BZX55C2V4 EIC-BZX55C2V4 Datasheet
28Kb / 2P
   SILICON ZENER DIODES
logo
Central Semiconductor C...
CMPZDC2V4 CENTRAL-CMPZDC2V4_15 Datasheet
395Kb / 2P
   SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
2EZ100D10 EIC-2EZ100D10_07 Datasheet
96Kb / 3P
   SILICON ZENER DIODES
logo
Pan Jit International I...
1SMB3EZ6.8 PANJIT-1SMB3EZ6.8 Datasheet
305Kb / 4P
   SILICON ZENER DIODES
logo
Semikron International
Z3SMC1 SEMIKRON-Z3SMC1_07 Datasheet
57Kb / 3P
   Zener silicon diodes
SZ3C1 SEMIKRON-SZ3C1_07 Datasheet
54Kb / 3P
   Zener silicon diodes
logo
EIC discrete Semiconduc...
2EZ2.7D10 EIC-2EZ2.7D10 Datasheet
53Kb / 3P
   SILICON ZENER DIODES
3EZ3.9D10 EIC-3EZ3.9D10 Datasheet
41Kb / 3P
   SILICON ZENER DIODES
Z043B EIC-Z043B Datasheet
111Kb / 2P
   SILICON ZENER DIODES
logo
Semikron International
3EZ1 SEMIKRON-3EZ1 Datasheet
42Kb / 1P
   Zener silicon diodes
logo
Continental Device Indi...
CLL957A CDIL-CLL957A Datasheet
287Kb / 3P
   SILICON ZENER DIODES
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com