データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BC847BPDW1T2G データシート(PDF) 1 Page - ON Semiconductor

部品番号 BC847BPDW1T2G
部品情報  Dual General Purpose Transistors
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC847BPDW1T2G データシート(HTML) 1 Page - ON Semiconductor

  BC847BPDW1T2G Datasheet HTML 1Page - ON Semiconductor BC847BPDW1T2G Datasheet HTML 2Page - ON Semiconductor BC847BPDW1T2G Datasheet HTML 3Page - ON Semiconductor BC847BPDW1T2G Datasheet HTML 4Page - ON Semiconductor BC847BPDW1T2G Datasheet HTML 5Page - ON Semiconductor BC847BPDW1T2G Datasheet HTML 6Page - ON Semiconductor BC847BPDW1T2G Datasheet HTML 7Page - ON Semiconductor BC847BPDW1T2G Datasheet HTML 8Page - ON Semiconductor BC847BPDW1T2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
© Semiconductor Components Industries, LLC, 2010
October, 2010 − Rev. 6
1
Publication Order Number:
BC846BPDW1T1/D
BC846BPDW1T1G,
BC847BPDW1T1G,
BC848CPDW1T1G
Dual General Purpose
Transistors
NPN/PNP Duals (Complementary)
These transistors are designed for general purpose amplifier
applications. They are housed in the SOT−363/SC−88 which is
designed for low power surface mount applications.
Features
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
MAXIMUM RATINGS − NPN
Rating
Symbol
Value
Unit
Collector-Emitter Voltage
BC846
BC847
BC848
VCEO
65
45
30
V
Collector-Base Voltage
BC846
BC847
BC848
VCBO
80
50
30
V
Emitter−Base Voltage
VEBO
6.0
V
Collector Current − Continuous
IC
100
mAdc
MAXIMUM RATINGS − PNP
Rating
Symbol
Value
Unit
Collector-Emitter Voltage
BC846
BC847
BC848
VCEO
−65
−45
−30
V
Collector-Base Voltage
BC846
BC847
BC848
VCBO
−80
−50
−30
V
Emitter−Base Voltage
VEBO
−5.0
V
Collector Current − Continuous
IC
−100
mAdc
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommen-
ded Operating Conditions is not implied. Extended exposure to stresses
above the Recommended Operating Conditions may affect device reliability.
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation
Per Device
FR−5 Board (Note 1) TA = 25°C
Derate above 25°C
PD
380
250
3.0
mW
mW/°C
Thermal Resistance,
Junction−to−Ambient
RqJA
328
°C/W
Junction and Storage Temperature
TJ, Tstg
−55 to +150
°C
1. FR−5 = 1.0 x 0.75 x 0.062 in.
http://onsemi.com
SOT−363
CASE 419B
STYLE 1
MARKING
DIAGRAM
Q1
(1)
(2)
(3)
(4)
(5)
(6)
Q2
XX = Device Code
M = Date Code
G = Pb−Free Package
1
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
Device
Package
Shipping
ORDERING INFORMATION
BC847BPDW1T2G
SOT−363
(Pb−Free)
3000 /
Tape & Reel
BC847BPDW1T1G
SOT−363
(Pb−Free)
3000 /
Tape & Reel
BF
BF
Mark
BC848CPDW1T1G
SOT−363
(Pb−Free)
3000 /
Tape & Reel
BL
BC846BPDW1T1G
SOT−363
(Pb−Free)
3000 /
Tape & Reel
BB
XX MG
G
1
6
(Note: Microdot may be in either location)


同様の部品番号 - BC847BPDW1T2G

メーカー部品番号データシート部品情報
logo
ON Semiconductor
BC847BPDW1T2G ONSEMI-BC847BPDW1T2G Datasheet
178Kb / 17P
   Dual General Purpose Transistors
October, 2013 ??Rev. 9
BC847BPDW1T2G ONSEMI-BC847BPDW1T2G Datasheet
142Kb / 17P
   Dual General Purpose Transistors
April, 2016 ??Rev. 12
More results

同様の説明 - BC847BPDW1T2G

メーカー部品番号データシート部品情報
logo
Rohm
EMX26 ROHM-EMX26 Datasheet
82Kb / 4P
   General purpose transistors (dual transistors)
logo
Shenzhen Jin Yu Semicon...
UMF5 HTSEMI-UMF5 Datasheet
616Kb / 2P
   General purpose transistors (dual transistors)
UMG3N HTSEMI-UMG3N Datasheet
1Mb / 1P
   General purpose transistors (dual transistors)
logo
Rohm
EMX18 ROHM-EMX18_1 Datasheet
82Kb / 4P
   General purpose transistors (dual transistors)
logo
Shenzhen Jin Yu Semicon...
EMH2 HTSEMI-EMH2 Datasheet
318Kb / 1P
   General purpose transistors (dual transistors)
UMH10N HTSEMI-UMH10N Datasheet
297Kb / 1P
   General purpose transistors (dual transistors)
logo
Rohm
EMT18 ROHM-EMT18_10 Datasheet
716Kb / 4P
   General purpose transistors(dual transistors)
IMX1T110 ROHM-IMX1T110 Datasheet
93Kb / 4P
   General purpose transistors(dual transistors)
logo
Shenzhen Jin Yu Semicon...
UMB3N HTSEMI-UMB3N Datasheet
508Kb / 1P
   General purpose transistors (dual transistors)
logo
Rohm
EMT18 ROHM-EMT18 Datasheet
78Kb / 4P
   General purpose transistors (dual transistors)
logo
Shenzhen Jin Yu Semicon...
EMD12 HTSEMI-EMD12 Datasheet
709Kb / 2P
   General purpose transistors (dual transistors)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com