データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BC849BLT1G データシート(PDF) 6 Page - ON Semiconductor

部品番号 BC849BLT1G
部品情報  General Purpose Transistors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC849BLT1G データシート(HTML) 6 Page - ON Semiconductor

Back Button BC849BLT1G Datasheet HTML 2Page - ON Semiconductor BC849BLT1G Datasheet HTML 3Page - ON Semiconductor BC849BLT1G Datasheet HTML 4Page - ON Semiconductor BC849BLT1G Datasheet HTML 5Page - ON Semiconductor BC849BLT1G Datasheet HTML 6Page - ON Semiconductor BC849BLT1G Datasheet HTML 7Page - ON Semiconductor BC849BLT1G Datasheet HTML 8Page - ON Semiconductor BC849BLT1G Datasheet HTML 9Page - ON Semiconductor BC849BLT1G Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
BC846ALT1G Series
http://onsemi.com
6
BC846B
Figure 13. Collector Saturation Region
IB, BASE CURRENT (mA)
Figure 14. Base−Emitter Temperature Coefficient
IC, COLLECTOR CURRENT (mA)
1.0
1.2
1.6
2.0
0.02
1.0
10
0
20
0.1
0.4
0.8
0.2
2.0
10
200
1.0
TA = 25°C
200 mA
50 mA
IC =
10 mA
0.05
0.2
0.5
2.0
5.0
100 mA
20 mA
1.4
1.8
2.2
2.6
3.0
0.5
5.0
20
50
100
-55
°C to 125°C
qVB for VBE
Figure 15. Capacitance
VR, REVERSE VOLTAGE (VOLTS)
40
Figure 16. Current−Gain − Bandwidth Product
IC, COLLECTOR CURRENT (mA)
0.1
0.2
1.0
50
2.0
2.0
10
100
100
200
500
50
20
20
10
6.0
4.0
1.0
10
50 100
5.0
VCE = 5 V
TA = 25°C
0.5
5.0
20
TA = 25°C
Cob
Cib


同様の部品番号 - BC849BLT1G

メーカー部品番号データシート部品情報
logo
ON Semiconductor
BC849BLT1G ONSEMI-BC849BLT1G Datasheet
178Kb / 13P
   General Purpose Transistors
November, 2011 ??Rev. 11
BC849BLT1G ONSEMI-BC849BLT1G Datasheet
116Kb / 13P
   General Purpose Transistors
March, 2015 ??Rev. 14
BC849BLT1G ONSEMI-BC849BLT1G Datasheet
113Kb / 13P
   General Purpose Transistors
January, 2017 ??Rev. 17
More results

同様の説明 - BC849BLT1G

メーカー部品番号データシート部品情報
logo
ON Semiconductor
2N4403 ONSEMI-2N4403 Datasheet
106Kb / 7P
   General Purpose Transistors
March, 2007 ??Rev. 3
logo
E-Tech Electronics LTD
BC846ALT1 ETL-BC846ALT1 Datasheet
194Kb / 4P
   General Purpose Transistors
logo
List of Unclassifed Man...
SC2412KLT1 ETC1-SC2412KLT1 Datasheet
151Kb / 3P
   General Purpose Transistors
logo
Motorola, Inc
BCW61BLT1 MOTOROLA-BCW61BLT1 Datasheet
394Kb / 8P
   General Purpose Transistors
logo
ON Semiconductor
MMBT2131T1 ONSEMI-MMBT2131T1_06 Datasheet
66Kb / 4P
   General Purpose Transistors
January, 2006 ??Rev. 4
MMBT2222LT1G ONSEMI-MMBT2222LT1G_09 Datasheet
132Kb / 7P
   General Purpose Transistors
October, 2009 ??Rev. 9
SBC847CWT1G ONSEMI-SBC847CWT1G Datasheet
107Kb / 13P
   General Purpose Transistors
August, 2014 ??Rev. 10
logo
WILLAS ELECTRONIC CORP
2SA812XLT1 WILLAS-2SA812XLT1 Datasheet
351Kb / 5P
   General Purpose Transistors
MMBT3906TT1 WILLAS-MMBT3906TT1 Datasheet
378Kb / 6P
   General Purpose Transistors
BC817-XXLT1 WILLAS-BC817-XXLT1 Datasheet
164Kb / 3P
   General Purpose Transistors
logo
ON Semiconductor
BC846ALT1G ONSEMI-BC846ALT1G_15 Datasheet
116Kb / 13P
   General Purpose Transistors
March, 2015 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com