データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BCW70LT1 データシート(PDF) 1 Page - ON Semiconductor

部品番号 BCW70LT1
部品情報  General Purpose Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BCW70LT1 データシート(HTML) 1 Page - ON Semiconductor

  BCW70LT1 Datasheet HTML 1Page - ON Semiconductor BCW70LT1 Datasheet HTML 2Page - ON Semiconductor BCW70LT1 Datasheet HTML 3Page - ON Semiconductor BCW70LT1 Datasheet HTML 4Page - ON Semiconductor BCW70LT1 Datasheet HTML 5Page - ON Semiconductor BCW70LT1 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2009
August, 2009 − Rev. 3
1
Publication Order Number:
BCW70LT1/D
BCW70LT1G
General Purpose Transistor
PNP Silicon
Features
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector−Emitter Voltage
VCEO
−45
Vdc
Emitter−Base Voltage
VEBO
−5.0
Vdc
Collector Current − Continuous
IC
−100
mAdc
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation FR-5 Board
(Note 1) TA = 25°C
Derate above 25°C
PD
225
1.8
mW
mW/°C
Thermal Resistance, Junction−to−Ambient
RqJA
556
°C/W
Total Device Dissipation Alumina
Substrate, (Note 2) @TA = 25°C
Derate above 25°C
PD
300
2.4
mW
mW/°C
Thermal Resistance, Junction−to−Ambient
RqJA
417
°C/W
Junction and Storage Temperature
TJ, Tstg −55 to +150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. FR−5 = 1.0 x 0.75 x 0.062 in.
2. Alumina = 0.4 x 0.3 x 0.024 in. 99.5% alumina
Device
Package
Shipping
ORDERING INFORMATION
SOT−23 (TO−236AB)
CASE 318
STYLE 6
MARKING DIAGRAM
H2 = Device Code
M
= Date Code*
G
= Pb−Free Package
1
2
3
COLLECTOR
3
1
BASE
2
EMITTER
http://onsemi.com
BCW70LT1G
SOT−23
(Pb−Free)
3000 / Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
(Note: Microdot may be in either location)
1
H2 M G
G
*Date Code orientation and/or overbar may vary
depending upon manufacturing location.


同様の部品番号 - BCW70LT1

メーカー部品番号データシート部品情報
logo
Motorola, Inc
BCW70LT1 MOTOROLA-BCW70LT1 Datasheet
410Kb / 8P
   General Purpose Transistors
logo
ON Semiconductor
BCW70LT1 ONSEMI-BCW70LT1 Datasheet
309Kb / 8P
   General Purpose Transistors(PNP Silicon)
December, 1999 ??Rev. 0
logo
Leshan Radio Company
BCW70LT1 LRC-BCW70LT1 Datasheet
254Kb / 6P
   General Purpose Transistors(PNP Silicon)
logo
ON Semiconductor
BCW70LT1G ONSEMI-BCW70LT1G Datasheet
233Kb / 6P
   General Purpose Transistor
November, 2016 ??Rev. 4
BCW70LT1G ONSEMI-BCW70LT1G_16 Datasheet
233Kb / 6P
   General Purpose Transistor
November, 2016 ??Rev. 4
More results

同様の説明 - BCW70LT1

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FJX3904 FAIRCHILD-FJX3904 Datasheet
41Kb / 4P
   General Purpose Transistor
logo
Rohm
EML17 ROHM-EML17 Datasheet
76Kb / 4P
   General purpose transistor
logo
Unisonic Technologies
2SA1774 UTC-2SA1774 Datasheet
105Kb / 3P
   GENERAL PURPOSE TRANSISTOR
2SC4617 UTC-2SC4617 Datasheet
107Kb / 4P
   GENERAL PURPOSE TRANSISTOR
BCX70 UTC-BCX70 Datasheet
114Kb / 2P
   GENERAL PURPOSE TRANSISTOR
logo
STMicroelectronics
BC141-16 STMICROELECTRONICS-BC141-16 Datasheet
423Kb / 5P
   GENERAL PURPOSE TRANSISTOR
logo
Fairchild Semiconductor
KSP2222 FAIRCHILD-KSP2222 Datasheet
37Kb / 4P
   General Purpose Transistor
BCX70H FAIRCHILD-BCX70H_02 Datasheet
77Kb / 3P
   General Purpose Transistor
logo
Motorola, Inc
BCW65ALT1 MOTOROLA-BCW65ALT1 Datasheet
84Kb / 4P
   General Purpose Transistor
BCW68GLT1 MOTOROLA-BCW68GLT1 Datasheet
82Kb / 4P
   General Purpose Transistor
MPS3906 MOTOROLA-MPS3906 Datasheet
433Kb / 8P
   General Purpose Transistor
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com