データシートサーチシステム |
|
BAS125-04W データシート(PDF) 1 Page - Infineon Technologies AG |
|
BAS125-04W データシート(HTML) 1 Page - Infineon Technologies AG |
1 / 8 page 2007-04-19 1 BAS125... Silicon Schottky Diodes • For low-loss, fast-recovery, meter protection, bias isolation and clamping application • Integrated diffused guard ring • Low forward voltage • Pb-free (RoHS compliant) package1) • Qualified according AEC Q101 BAS125-04W BAS125-06W BAS125-07W BAS125-05W ! , , ! , , , ! " , ! , , ESD (Electrostatic discharge) sensitive device, observe handling precaution! Type Package Configuration LS(nH) Marking BAS125-04W BAS125-05W BAS125-06W BAS125-07W SOT323 SOT323 SOT323 SOT343 series common cathode common anode parallel pair 1.4 1.4 1.4 1.6 14s 15s 16s 17s Maximum Ratings at TA = 25°C, unless otherwise specified Parameter Symbol Value Unit Diode reverse voltage VR 25 V Forward current IF 100 mA Non-repetitive peak surge forward current IFSM 500 Total power dissipation BAS125-04W, BAS125-06W, TS ≤ 84°C BAS125-05W, TS ≤ 76°C BAS125-07W, TS ≤ 96°C Ptot 250 250 250 mW Junction temperature Tj 150 °C Storage temperature Tstg -55 ... 150 1Pb-containing package may be available upon special request |
同様の部品番号 - BAS125-04W |
|
同様の説明 - BAS125-04W |