データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FAN4800IN_G データシート(PDF) 9 Page - Fairchild Semiconductor

部品番号 FAN4800IN_G
部品情報  Low Startup Current PFC/PWM Controller Combinations
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN4800IN_G データシート(HTML) 9 Page - Fairchild Semiconductor

Back Button FAN4800IN_G Datasheet HTML 5Page - Fairchild Semiconductor FAN4800IN_G Datasheet HTML 6Page - Fairchild Semiconductor FAN4800IN_G Datasheet HTML 7Page - Fairchild Semiconductor FAN4800IN_G Datasheet HTML 8Page - Fairchild Semiconductor FAN4800IN_G Datasheet HTML 9Page - Fairchild Semiconductor FAN4800IN_G Datasheet HTML 10Page - Fairchild Semiconductor FAN4800IN_G Datasheet HTML 11Page - Fairchild Semiconductor FAN4800IN_G Datasheet HTML 12Page - Fairchild Semiconductor FAN4800IN_G Datasheet HTML 13Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
© 2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN4800 Rev. 1.0.6
9
Functional Description
The FAN4800 consists of an average-current controlled,
continuous boost Power Factor Correction (PFC) front-
end and a synchronized Pulse Width Modulator (PWM)
back-end. The PWM can be used in either current or
voltage mode. In voltage mode, feed forward from the
PFC output bus can be used to improve the PWM’s line
regulation. In either mode, the PWM stage uses conven-
tional trailing-edge, duty-cycle modulation. This propri-
etary leading/trailing edge modulation results in a higher
usable PFC error amplifier bandwidth and can signifi-
cantly reduce the size of the PFC DC bus capacitor.
The synchronization of the PWM with the PFC simplifies
the PWM compensation due to the controlled ripple on
the PFC output capacitor (the PWM input capacitor). The
PWM section of the FAN4800 runs at the same fre-
quency as the PFC.
In addition to power factor correction, a number of pro-
tection features are built into the FAN4800. These
include soft-start, PFC over-voltage protection, peak cur-
rent limiting, brownout protection, duty-cycle limiting, and
under-voltage lockout (UVLO).
Power Factor Correction
Power Factor Correction treats a nonlinear load like a
resistive load to the AC line. For a resistor, the current
drawn from the line is in phase with and proportional to
the line voltage, so the power factor is unity (one). A
common class of nonlinear load is the input of most
power supplies, which use a bridge rectifier and capaci-
tive input filter fed from the line.
The peak charging effect, which occurs on the input filter
capacitor in these supplies, causes brief high-amplitude
pulses of current to flow from the power line, rather than
a sinusoidal current in phase with the line voltage. Such
supplies present a power factor to the line of less than
one (i.e., they cause significant current harmonics of the
power line frequency to appear at the input). If the input
current drawn by such a supply (or any nonlinear load)
can be made to follow the input voltage in instantaneous
amplitude, it appears resistive to the supply.
To hold the input current draw of a device drawing power
from the AC line in phase with and proportional to the
input voltage, that device must be prevented from load-
ing the line except in proportion to the instantaneous line
voltage. To accomplish this, the PFC section of the
FAN4800 uses a boost mode DC-DC converter. The
input to the converter is the full-wave, rectified, AC line
voltage. No bulk filtering is applied following the bridge
rectifier, so the input voltage to the boost converter
ranges (at twice line the frequency) from zero volts to a
peak value of the AC input and back to zero. By forcing
the boost converter to meet two simultaneous conditions,
it is possible to ensure that the current drawn from the
power line is proportional to the input line voltage.
One of these conditions is that the output voltage of the
boost converter must be set higher than the peak value
of the line voltage. A commonly used value is 385VDC, to
allow for a high line of 270VAC rms. The second condition
is that the current drawn from the line at any given
instant must be proportional to the line voltage. Estab-
lishing a suitable voltage control loop for the converter,
which in turn drives a current error amplifier and switch-
ing output driver, satisfies the first of these requirements.
The second requirement is met by using the rectified AC
line voltage to modulate the output of the voltage control
loop. Such modulation causes the current error amplifier
to command a power stage current that varies directly
with the input voltage. To prevent ripple, which necessar-
ily appears at the output of boost circuit (typically about
10VAC on a 385VDC level), from introducing distortion
back through the voltage error amplifier, the bandwidth of
the voltage loop is deliberately kept low. A final refine-
ment is to adjust the overall gain of the PFC section to be
proportional to 1/VIN
2, which linearizes the transfer func-
tion of the system as the AC input voltage.
Since the boost converter in the FAN4800 PFC is current
averaging, no slope compensation is required.
1. PFC Section
1.1 Gain Modulator
Figure 1 shows a block diagram of the PFC section of
the FAN4800. The gain modulator is the heart of the
PFC, as the circuit block controls the response of the
current loop to line voltage waveform and frequency,
RMS line voltage, and PFC output voltages. There are
three inputs to the gain modulator:
1. A current representing the instantaneous input voltage
(amplitude and wave shape) to the PFC. The rectified
AC input sine wave is converted to a proportional cur-
rent via a resistor and is then fed into the gain modula-
tor at IAC. Sampling current in this way minimizes
ground noise, required in high-power, switching-power
conversion
environments.
The
gain
modulator
responds linearly to this current.
2. A voltage proportional to the long-term RMS AC line
voltage, derived from the rectified line voltage after
scaling and filtering. This signal is presented to the
gain modulator at VRMS. The output of the gain modu-
lator is inversely proportional to VRMS
2 (except at
unusually low values of VRMS, where special gain con-
touring takes over to limit power dissipation of the cir-
cuit components under heavy brownout conditions).
The relationship between VRMS and gain is called K
and is illustrated in Figure 5.


同様の部品番号 - FAN4800IN_G

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FAN4800IN FAIRCHILD-FAN4800IN Datasheet
315Kb / 20P
   Low Start-Up Current PFC/PWM Controller Combos
FAN4800IN FAIRCHILD-FAN4800IN Datasheet
315Kb / 20P
   Low Start-Up Current PFC/PWM Controller Combos
More results

同様の説明 - FAN4800IN_G

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
CM6800 ETC-CM6800 Datasheet
337Kb / 19P
   LOW START UP CURRENT PFC/PWM CONTROLLER COMBO
logo
Fairchild Semiconductor
FAN4800 FAIRCHILD-FAN4800_06 Datasheet
315Kb / 20P
   Low Start-Up Current PFC/PWM Controller Combos
logo
Champion Microelectroni...
CM6800A CHAMP-CM6800A Datasheet
518Kb / 18P
   LOW START-UP CURRENT PFC/PWM CONTROLLER COMBO
CM6800A CHAMP-CM6800A_09 Datasheet
295Kb / 18P
   LOW START-UP CURRENT PFC/PWM CONTROLLER COMBO
logo
List of Unclassifed Man...
CM6824 ETC1-CM6824 Datasheet
342Kb / 18P
   LOW START-UP CURRENT PFC/PWM CONTROLLER COMBO
logo
Fairchild Semiconductor
FAN4800 FAIRCHILD-FAN4800 Datasheet
315Kb / 20P
   Low Start-Up Current PFC/PWM Controller Combos
logo
Champion Microelectroni...
CM6800 CHAMP-CM6800 Datasheet
294Kb / 18P
   LOW START-UP CURRENT PFC/PWM CONTROLLER COMBO
logo
ON Semiconductor
NCP1603 ONSEMI-NCP1603 Datasheet
270Kb / 30P
   PFC/PWM Combo Controller with Integrated High Voltage Startup and Standby Capability
April, 2006 ??Rev. 8
logo
Fairchild Semiconductor
FAN4800AU FAIRCHILD-FAN4800AU Datasheet
987Kb / 20P
   PFC/ PWM Controller Combination
AN-8027 FAIRCHILD-AN-8027 Datasheet
620Kb / 17P
   PFCPWM Combination Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com