データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SPI07N60C3 データシート(PDF) 7 Page - Infineon Technologies AG

部品番号 SPI07N60C3
部品情報  New revolutionary high voltage technology Ultra low gate charge
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INFINEON [Infineon Technologies AG]
ホームページ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPI07N60C3 データシート(HTML) 7 Page - Infineon Technologies AG

Back Button SPI07N60C3 Datasheet HTML 3Page - Infineon Technologies AG SPI07N60C3 Datasheet HTML 4Page - Infineon Technologies AG SPI07N60C3 Datasheet HTML 5Page - Infineon Technologies AG SPI07N60C3 Datasheet HTML 6Page - Infineon Technologies AG SPI07N60C3 Datasheet HTML 7Page - Infineon Technologies AG SPI07N60C3 Datasheet HTML 8Page - Infineon Technologies AG SPI07N60C3 Datasheet HTML 9Page - Infineon Technologies AG SPI07N60C3 Datasheet HTML 10Page - Infineon Technologies AG SPI07N60C3 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
200
7-08-30
Rev.
3.1
Page 7
SPP07N60C3
SPI07N60C3, SPA07N60C3
9 Typ. drain-source on resistance
RDS(on)=f(ID)
parameter: Tj=150°C, VGS
0
2
4
6
8
10
12
A
15
ID
0
1
2
3
4
5
6
7
8
10
4V
4.5V
5V
5.5V
6V
6.5V
8V
20V
10 Drain-source on-state resistance
RDS(on) = f (Tj)
parameter : ID = 4.6 A, VGS = 10 V
-60
-20
20
60
100
°C
180
Tj
0
0.4
0.8
1.2
1.6
2
2.4
2.8
3.4
SPP07N60C3
typ
98%
11 Typ. transfer characteristics
ID= f ( VGS ); VDS≥ 2 x ID x RDS(on)max
parameter: tp = 10 µs
0
2
4
6
8
10
12
14
16
V
20
VGS
0
2
4
6
8
10
12
14
16
18
20
A
24
25°C
150°C
12 Typ. gate charge
VGS = f (QGate)
parameter: ID = 7.3 A pulsed
0
4
8
12
16
20
24
28 nC 34
QGate
0
2
4
6
8
10
12
V
16
SPP07N60C3
0,8 VDS max
DS max
V
0,2


同様の部品番号 - SPI07N60C3

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
SPI07N60C3 INFINEON-SPI07N60C3 Datasheet
374Kb / 14P
   Cool MOS??Power Transistor
Rev. 2.1 2004-04-07
SPI07N60C3 INFINEON-SPI07N60C3 Datasheet
625Kb / 15P
   New revolutionary high voltage technology Ultra low gate charge Extreme dv/dt rated
Rev. 3.2 2009-11-27
logo
Inchange Semiconductor ...
SPI07N60C3 ISC-SPI07N60C3 Datasheet
331Kb / 2P
   isc N-Channel MOSFET Transistor
More results

同様の説明 - SPI07N60C3

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
SPB11N60S5 INFINEON-SPB11N60S5_05 Datasheet
691Kb / 11P
   New revolutionary high voltage technology Ultra low gate charge
Rev. 2.3 2005-07-22
SPN02N60C3 INFINEON-SPN02N60C3_05 Datasheet
2Mb / 11P
   New revolutionary high voltage technology Ultra low gate charge Ultra low effective capacitances
Rev. 2.3 2005-02-21
SPP11N65C3 INFINEON-SPP11N65C3_07 Datasheet
1,019Kb / 15P
   New revolutionary high voltage technology Ultra low gate charge Periodic avalanche rated
Rev. 2.9 2007-08-30
SPP04N50C3 INFINEON-SPP04N50C3_09 Datasheet
635Kb / 13P
   New revolutionary high voltage technology Ultra low gate charge Periodic avalanche rated
Rev. 2.8 2009-11-26
SPP12N50C3 INFINEON-SPP12N50C3_07 Datasheet
1Mb / 14P
   New revolutionary high voltage technology Ultra low gate charge Periodic avalanche rated
Rev. 3.0 2007-08-30
SPI11N60CFD INFINEON-SPI11N60CFD Datasheet
1Mb / 12P
   New revolutionary high voltage technology Ultra low gate charge Periodic avalanche rated
Rev. 2.6 2009-04-24
SPP08N50C3 INFINEON-SPP08N50C3_09 Datasheet
732Kb / 14P
   New revolutionary high voltage technology Ultra low gate charge Periodic avalanche rated
Rev. 2.91 2009-11-27
SPP16N50C3 INFINEON-SPP16N50C3_07 Datasheet
1Mb / 14P
   New revolutionary high voltage technology Ultra low gate charge Periodic avalanche rated
Rev. 3.0 2007-08-30
SPP16N50C3 INFINEON-SPP16N50C3_09 Datasheet
729Kb / 14P
   New revolutionary high voltage technology Ultra low gate charge Periodic avalanche rated
Rev. 3.2 2009-12-22
SPB21N50C3 INFINEON-SPB21N50C3_05 Datasheet
1Mb / 12P
   New revolutionary high voltage technology Ultra low gate charge Periodic avalanche rated
Rev. 2.3 2005-11-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com