データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SPI11N65C3 データシート(PDF) 3 Page - Infineon Technologies AG

部品番号 SPI11N65C3
部品情報  New revolutionary high voltage technology Ultra low gate charge Periodic avalanche rated
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INFINEON [Infineon Technologies AG]
ホームページ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPI11N65C3 データシート(HTML) 3 Page - Infineon Technologies AG

  SPI11N65C3 Datasheet HTML 1Page - Infineon Technologies AG SPI11N65C3 Datasheet HTML 2Page - Infineon Technologies AG SPI11N65C3 Datasheet HTML 3Page - Infineon Technologies AG SPI11N65C3 Datasheet HTML 4Page - Infineon Technologies AG SPI11N65C3 Datasheet HTML 5Page - Infineon Technologies AG SPI11N65C3 Datasheet HTML 6Page - Infineon Technologies AG SPI11N65C3 Datasheet HTML 7Page - Infineon Technologies AG SPI11N65C3 Datasheet HTML 8Page - Infineon Technologies AG SPI11N65C3 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
200
7-08-30
Rev. 2.
9
Page 3
SPP11N65C3,SPA11N65C3
SPI11N65C3
Electrical Characteristics
Parameter
Symbol
Conditions
Values
Unit
min.
typ.
max.
Transconductance
gfs
VDS≥2*ID*RDS(on)max,
I
D=7A
-
8.3
-
S
Input capacitance
Ciss
VGS=0V, VDS=25V,
f=1MHz
-
1200
-
pF
Output capacitance
Coss
-
390
-
Reverse transfer capacitance
Crss
-
30
-
Effective output capacitance,4)
energy related
Co(er)
VGS=0V,
VDS=0V to 480V
-
45
-
Effective output capacitance,5)
time related
Co(tr)
-
85
-
Turn-on delay time
td(on)
VDD=380V, VGS=0/10V,
ID=11A,
RG=6.8Ω
-
10
-
ns
Rise time
tr
-
5
-
Turn-off delay time
td(off)
-
44
70
Fall time
tf
-
5
9
Gate Charge Characteristics
Gate to source charge
Qgs
VDD=480V, ID=11A
-
5.5
-
nC
Gate to drain charge
Qgd
-
22
-
Gate charge total
Qg
VDD=480V, ID=11A,
VGS=0 to 10V
-
45
60
Gate plateau voltage
V(plateau) VDD=480V, ID=11A
-
5.5
-
V
1Limited only by maximum temperature
2Repetitve avalanche causes additional power losses that can be calculated as P
AV=EAR*f.
3Device on 40mm*40mm*1.5mm epoxy PCB FR4 with 6cm² (one layer, 70 µm thick) copper area for drain
connection. PCB is vertical without blown air.
4C
o(er) is a fixed capacitance that gives the same stored energy as Coss while V DS is rising from 0 to 80% VDSS.
5C
o(tr) is a fixed capacitance that gives the same charging time as Coss while V DS is rising from 0 to 80% VDSS.


同様の部品番号 - SPI11N65C3

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
SPI11N65C3 INFINEON-SPI11N65C3 Datasheet
816Kb / 14P
   Cool MOS??Power Transistor
2003-08-15
SPI11N65C3 INFINEON-SPI11N65C3 Datasheet
574Kb / 15P
   Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 2.91 2009-11-30
logo
Inchange Semiconductor ...
SPI11N65C3 ISC-SPI11N65C3 Datasheet
331Kb / 2P
   isc N-Channel MOSFET Transistor
More results

同様の説明 - SPI11N65C3

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
SPP12N50C3 INFINEON-SPP12N50C3_07 Datasheet
1Mb / 14P
   New revolutionary high voltage technology Ultra low gate charge Periodic avalanche rated
Rev. 3.0 2007-08-30
SPI11N60CFD INFINEON-SPI11N60CFD Datasheet
1Mb / 12P
   New revolutionary high voltage technology Ultra low gate charge Periodic avalanche rated
Rev. 2.6 2009-04-24
SPP04N50C3 INFINEON-SPP04N50C3_09 Datasheet
635Kb / 13P
   New revolutionary high voltage technology Ultra low gate charge Periodic avalanche rated
Rev. 2.8 2009-11-26
SPP16N50C3 INFINEON-SPP16N50C3_09 Datasheet
729Kb / 14P
   New revolutionary high voltage technology Ultra low gate charge Periodic avalanche rated
Rev. 3.2 2009-12-22
SPB21N50C3 INFINEON-SPB21N50C3_05 Datasheet
1Mb / 12P
   New revolutionary high voltage technology Ultra low gate charge Periodic avalanche rated
Rev. 2.3 2005-11-07
SPP07N65C3 INFINEON-SPP07N65C3_09 Datasheet
2Mb / 15P
   New revolutionary high voltage technology Ultra low gate charge Periodic avalanche rated
Rev. 1.91 2009-07-23
SPP08N50C3 INFINEON-SPP08N50C3_09 Datasheet
732Kb / 14P
   New revolutionary high voltage technology Ultra low gate charge Periodic avalanche rated
Rev. 2.91 2009-11-27
SPP16N50C3 INFINEON-SPP16N50C3_07 Datasheet
1Mb / 14P
   New revolutionary high voltage technology Ultra low gate charge Periodic avalanche rated
Rev. 3.0 2007-08-30
SPP07N60C3 INFINEON-SPP07N60C3_07 Datasheet
1Mb / 15P
   New revolutionary high voltage technology Ultra low gate charge
Rev. 3.1 2007-08-30
SPB11N60S5 INFINEON-SPB11N60S5_05 Datasheet
691Kb / 11P
   New revolutionary high voltage technology Ultra low gate charge
Rev. 2.3 2005-07-22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com