データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FP10R12W1T4_B3 データシート(PDF) 2 Page - Infineon Technologies AG

部品番号 FP10R12W1T4_B3
部品情報  EasyPIM module with Trench/Fieldstop IGBT4 and Emitter Controlled 4 diode and NTC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INFINEON [Infineon Technologies AG]
ホームページ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

FP10R12W1T4_B3 データシート(HTML) 2 Page - Infineon Technologies AG

  FP10R12W1T4_B3 Datasheet HTML 1Page - Infineon Technologies AG FP10R12W1T4_B3 Datasheet HTML 2Page - Infineon Technologies AG FP10R12W1T4_B3 Datasheet HTML 3Page - Infineon Technologies AG FP10R12W1T4_B3 Datasheet HTML 4Page - Infineon Technologies AG FP10R12W1T4_B3 Datasheet HTML 5Page - Infineon Technologies AG FP10R12W1T4_B3 Datasheet HTML 6Page - Infineon Technologies AG FP10R12W1T4_B3 Datasheet HTML 7Page - Infineon Technologies AG FP10R12W1T4_B3 Datasheet HTML 8Page - Infineon Technologies AG FP10R12W1T4_B3 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
!
!
!
"
=
%
@
*
*
7QR / !S<
(,-.
(
=
*
8
<
7, /
S<T 7QR / U!S<
7, / !S<T 7QR / U!S<
0, 123
0,
4
4
O
8
=
@
E
=
V /
0,56
4
A
(
*
9
7, / !S<T 7QR / U!S<
OD2D
!
J
A
%
@
E
*
*
=
*
(W-.
X+
(
#
$
;
=
%
@) *
*
*
*
0, /
4T (W- / ! (
0, /
4T (W- / ! (
0, /
4T (W- / ! (
(,- BCD
T !
T !
T !
T !
(
(
(
7QR / !S<
7QR /
!S<
7QR / ! S<
A
@ 89
*
*
8
8
*
0, / T&
4T (,- / (W-T 7QR / !S<
(W-DY
!T
!T
NT
(
A
*
*
8 *
(W- /
! (
X ! (
ZW
T
[<
0
A
9
*
7QR / !S<
KW\1D
T
]
% *
* =
E )
/
:ET 7QR / !S<T (,- / ! (T (W- /
(
<\^B
TN
>
KI =9 =
* =
E )
/
:ET 7QR / !S<T (,- / ! (T (W- /
(
<_^B
T
>
=
%
K
(,- /
(T (W- /
(T 7QR / !S<
0,-.
T
4
A
%
K
*
= *
(,- /
(T (W- /
(T 7QR / !S<
0W-.
4
%
8
EL*
* E
$
#
'
$
'
0, /
4T (,- / N
(
(W- / ` ! (
KW21 / U ]
a 21
T
!
T
!
T
!
[
[
[
7QR / !S<
7QR /
!S<
7QR / ! S<
4
* E
$
=
#
'
$
'
0, /
4T (,- / N
(
(W- / ` ! (
KW21 / U ]
_
T
T N
T N&
[
[
[
7QR / !S<
7QR /
!S<
7QR / ! S<
4
8
EL*
* E
$
#
'
$
'
0, /
4T (,- / N
(
(W- / ` ! (
KW2bb / U ]
a 2bb
T
T
!
T U!
[
[
[
7QR / !S<
7QR /
!S<
7QR / ! S<
>
E
$
=
#
'
$
'
0, /
4T (,- / N
(
(W- / ` ! (
KW2bb / U ]
b
T N!
T
!
T
!
[
[
[
7QR / !S<
7QR /
!S<
7QR / ! S<
%
8
*
O
*
0, /
4T (,- / N
(T #. / !
:
(W- / ` ! (T
+
/ !
4+[ $7QR/ ! S<'
KW21 / U ]
%21
T
T&!
T!!
c
c
c
7QR / !S<
7QR /
!S<
7QR / ! S<
4
8
*
O
*
0, /
4T (,- / N
(T #. / !
:
(W- / ` ! (T
+
/ &!
(+[ $7QR/ ! S<'
KW2bb / U ]
%2bb
T!!
T
T U
c
c
c
7QR / !S<
7QR /
!S<
7QR / ! S<
E
8
8
@<
(W- d ! (T (,, /
(
(,-3Ce / (,-. #B,- f +
0.,
&!
4
7QR / ! S<
V d
[ T
0
J)
9
8
T g
0A 7 +
0A 7
KDYh,
T !
T
+J
i
*
* J)
9
8
T
8
=
0A 7 +
0A 7
jVCBD^ /
J+$ f ' +
jk_^CB^ /
J+$ f '
KDY,l
T !
+J


同様の部品番号 - FP10R12W1T4_B3

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
FP10R12W1T4_B3 INFINEON-FP10R12W1T4_B3 Datasheet
916Kb / 10P
   EasyPIM Modul mit Trench
2013-10-03 revision:2.4
FP10R12W1T4_B3 INFINEON-FP10R12W1T4_B3_13 Datasheet
916Kb / 10P
   EasyPIM Modul mit Trench
2013-10-03 revision:2.4
More results

同様の説明 - FP10R12W1T4_B3

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
FP15R12W1T4 INFINEON-FP15R12W1T4 Datasheet
504Kb / 12P
   EasyPIM??module with Trench/Fieldstop IGBT4 and Emitter Controlled 4 diode and NTC
2009-10-30 revision:2.2
FP15R12W1T4_B3 INFINEON-FP15R12W1T4_B3 Datasheet
572Kb / 10P
   EasyPIM??module with Trench/Fieldstop IGBT4 and Emitter Controlled 4 diode and NTC
2009-12-08 revision:2.3
FP35R12W2T4 INFINEON-FP35R12W2T4 Datasheet
537Kb / 12P
   EasyPIM??module with fast Trench/Fieldstop IGBT4 and Emitter Controlled 4 diode and NTC
2009-10-19 rev 2.2
FS50R12W2T4 INFINEON-FS50R12W2T4 Datasheet
494Kb / 9P
   EasyPACK module with Trench/Fieldstop IGBT4 and Emitter Controlled 4 diode and NTC
2009-10-30 rev 2.4
FS100R07N2E4 INFINEON-FS100R07N2E4 Datasheet
536Kb / 9P
   EconoPACK2 module with Trench/Fieldstop IGBT4 and Emitter Controlled 4 diode and NTC
2011-04-14 revision:2.0
FF900R12IE4 INFINEON-FF900R12IE4 Datasheet
1Mb / 9P
   PrimePACK3 module with Trench/Fieldstop IGBT4 and Emitter Controlled 4 diode and NTC
2009-08-14 revision:2.4
FS75R07N2E4 INFINEON-FS75R07N2E4 Datasheet
536Kb / 9P
   EconoPACK2 module with Trench/Fieldstop IGBT4 and Emitter Controlled 4 diode and NTC
2011-04-14 revision:2.0
FS150R07N3E4 INFINEON-FS150R07N3E4 Datasheet
533Kb / 9P
   EconoPACK3 module with Trench/Fieldstop IGBT4 and Emitter Controlled 4 diode and NTC
2011-04-05 revision:2.0
FS200R07N3E4R INFINEON-FS200R07N3E4R Datasheet
532Kb / 9P
   EconoPACK3 module with Trench/Fieldstop IGBT4 and Emitter Controlled 4 diode and NTC
2011-04-05 revision:2.0
FF900R12IP4 INFINEON-FF900R12IP4 Datasheet
1Mb / 9P
   PrimePACK2 module with Trench/Fieldstop IGBT4 and Emitter Controlled 4 diode and NTC
2009-08-13 revision:2.4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com