データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FP35R12W2T4 データシート(PDF) 5 Page - Infineon Technologies AG

部品番号 FP35R12W2T4
部品情報  EasyPIM??module with fast Trench/Fieldstop IGBT4 and Emitter Controlled 4 diode and NTC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INFINEON [Infineon Technologies AG]
ホームページ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

FP35R12W2T4 データシート(HTML) 5 Page - Infineon Technologies AG

  FP35R12W2T4 Datasheet HTML 1Page - Infineon Technologies AG FP35R12W2T4 Datasheet HTML 2Page - Infineon Technologies AG FP35R12W2T4 Datasheet HTML 3Page - Infineon Technologies AG FP35R12W2T4 Datasheet HTML 4Page - Infineon Technologies AG FP35R12W2T4 Datasheet HTML 5Page - Infineon Technologies AG FP35R12W2T4 Datasheet HTML 6Page - Infineon Technologies AG FP35R12W2T4 Datasheet HTML 7Page - Infineon Technologies AG FP35R12W2T4 Datasheet HTML 8Page - Infineon Technologies AG FP35R12W2T4 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
Technische Information / technical information
FP35R12W2T4
IGBT-Module
IGBT-modules
prepared by: DK
approved by: MB
date of publication: 2009-10-19
revision: 2.2
Vorläufige Daten
preliminary data
Diode-Brems-Chopper / Diode-brake-chopper
Höchstzulässige Werte / maximum rated values
Periodische Spitzensperrspannung
repetitive peak reverse voltage
TÝÎ = 25°C
Vçç¢
1200
V
Dauergleichstrom
DC forward current
10
A
Periodischer Spitzenstrom
repetitive peak forw. current
tÔ = 1 ms
IŒç¢
20
A
Grenzlastintegral
I²t - value
Vç = 0 V, t« = 10 ms, TÝÎ = 125°C
Vç = 0 V, t« = 10 ms, TÝÎ = 150°C
I²t
16,0
14,0
A²s
A²s
Charakteristische Werte / characteristic values
min.
typ.
max.
Durchlassspannung
forward voltage
IŒ = 10 A, V•Š = 0 V
IŒ = 10 A, V•Š = 0 V
IŒ = 10 A, V•Š = 0 V
1,75
1,75
1,75
2,25
V
V
V
TÝÎ = 25°C
TÝÎ = 125°C
TÝÎ = 150°C
Rückstromspitze
peak reverse recovery current
IŒ = 10 A, - diŒ/dt = 500 A/ s (TÝÎ=150°C)
Vç = 600 V
V•Š = -15 V
Iç¢
12,0
10,0
8,00
A
A
A
TÝÎ = 25°C
TÝÎ = 125°C
TÝÎ = 150°C
Sperrverzögerungsladung
recovered charge
IŒ = 10 A, - diŒ/dt = 500 A/ s (TÝÎ=150°C)
Vç = 600 V
V•Š = -15 V
0,90
1,70
1,90
C
C
C
TÝÎ = 25°C
TÝÎ = 125°C
TÝÎ = 150°C
Abschaltenergie pro Puls
reverse recovery energy
IŒ = 10 A, - diŒ/dt = 500 A/ s (TÝÎ=150°C)
Vç = 600 V
V•Š = -15 V
EØþÊ
0,24
0,52
0,59
mJ
mJ
mJ
TÝÎ = 25°C
TÝÎ = 125°C
TÝÎ = 150°C
Innerer Wärmewiderstand
thermal resistance, junction to case
pro Diode / per diode
RÚÌœ†
1,75
1,95
K/W
Übergangs-Wärmewiderstand
thermal resistance, case to heatsink
pro Diode / per diode
ð«ÈÙÚþ = 1 W/(m·K) /ðÃØþÈÙþ = 1 W/(m·K)
RÚ̆™
1,30
K/W
NTC-Widerstand / NTC-thermistor
Charakteristische Werte / characteristic values
min.
typ.
max.
Nennwiderstand
rated resistance
T† = 25°C
Rèë
5,00
Abweichung von Ræåå
deviation of Ræåå
T† = 100°C, Ræåå = 493 Â
ÆR/R
-5
5
%
Verlustleistung
power dissipation
T† = 25°C
Pèë
20,0
mW
B-Wert
B-value
Rè = Rèë exp [Bèëõëå(1/Tè - 1/(298,15 K))]
Bèëõëå
3375
K
B-Wert
B-value
Rè = Rèë exp [Bèëõîå(1/Tè - 1/(298,15 K))]
Bèëõîå
3411
K
B-Wert
B-value
Rè = Rèë exp [Bèëõæåå(1/Tè - 1/(298,15 K))]
Bèëõæåå
3433
K
Angaben gemäß gültiger Application Note.
Specification according to the valid application note.


同様の部品番号 - FP35R12W2T4

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
FP35R12W2T4 INFINEON-FP35R12W2T4 Datasheet
1Mb / 12P
   EasyPIM Modul mit schnellem Trench
2013-10-03 revision:2.2
FP35R12W2T4P INFINEON-FP35R12W2T4P Datasheet
799Kb / 12P
   EasyPIM™ module with fast Trench/Fieldstop IGBT4 and Emitter Controlled 4 diode and NTC / pre-applied Thermal Interface Material
V 3.0 2017-05-03
FP35R12W2T4P_B11 INFINEON-FP35R12W2T4P_B11 Datasheet
814Kb / 12P
   EasyPIM Modul mit Trench
V3.0 2017-05-03
FP35R12W2T4 INFINEON-FP35R12W2T4_13 Datasheet
1Mb / 12P
   EasyPIM Modul mit schnellem Trench
2013-10-03 revision:2.2
FP35R12W2T4_B11 INFINEON-FP35R12W2T4_B11 Datasheet
461Kb / 11P
   EasyPIM2B module PressFIT with Trench/Fieldstop IGBT4 and Emitter Controlled 4 Diode
2008-06-25 revision:2.0
More results

同様の説明 - FP35R12W2T4

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
FP10R12W1T4_B3 INFINEON-FP10R12W1T4_B3 Datasheet
571Kb / 10P
   EasyPIM module with Trench/Fieldstop IGBT4 and Emitter Controlled 4 diode and NTC
2009-12-08 revision:2.4
FP15R12W1T4 INFINEON-FP15R12W1T4 Datasheet
504Kb / 12P
   EasyPIM??module with Trench/Fieldstop IGBT4 and Emitter Controlled 4 diode and NTC
2009-10-30 revision:2.2
FP15R12W1T4_B3 INFINEON-FP15R12W1T4_B3 Datasheet
572Kb / 10P
   EasyPIM??module with Trench/Fieldstop IGBT4 and Emitter Controlled 4 diode and NTC
2009-12-08 revision:2.3
FP75R12KT4_B11 INFINEON-FP75R12KT4_B11 Datasheet
601Kb / 12P
   EconoPIM3 module with fast Trench/Fieldstop IGBT4 and Emitter Controlled 4 diode and NTC
2010-04-29 revision:3.0
FP50R12KT4G INFINEON-FP50R12KT4G Datasheet
592Kb / 12P
   EconoPIM3 module with fast Trench/Fieldstop IGBT4 and Emitter Controlled 4 diode and NTC
2011-04-29 revision:3.0
FP100R12KT4_B11 INFINEON-FP100R12KT4_B11 Datasheet
602Kb / 12P
   EconoPIM3 module with fast Trench/Fieldstop IGBT4 and Emitter Controlled 4 diode and NTC
2010-04-29 revision:3.0
FS50R12W2T4 INFINEON-FS50R12W2T4 Datasheet
494Kb / 9P
   EasyPACK module with Trench/Fieldstop IGBT4 and Emitter Controlled 4 diode and NTC
2009-10-30 rev 2.4
FS100R07N2E4 INFINEON-FS100R07N2E4 Datasheet
536Kb / 9P
   EconoPACK2 module with Trench/Fieldstop IGBT4 and Emitter Controlled 4 diode and NTC
2011-04-14 revision:2.0
FF900R12IE4 INFINEON-FF900R12IE4 Datasheet
1Mb / 9P
   PrimePACK3 module with Trench/Fieldstop IGBT4 and Emitter Controlled 4 diode and NTC
2009-08-14 revision:2.4
FS75R07N2E4 INFINEON-FS75R07N2E4 Datasheet
536Kb / 9P
   EconoPACK2 module with Trench/Fieldstop IGBT4 and Emitter Controlled 4 diode and NTC
2011-04-14 revision:2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com