データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DZB6.2U データシート(PDF) 1 Page - Sanyo Semicon Device

部品番号 DZB6.2U
部品情報  1.0W Zener Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

DZB6.2U データシート(HTML) 1 Page - Sanyo Semicon Device

  DZB6.2U Datasheet HTML 1Page - Sanyo Semicon Device DZB6.2U Datasheet HTML 2Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
33098HA (KT)/13196GI/2089TA/1199MO/9205KI, TS No.653-1/2
DZB6.2 to DZB30
Ordering number :EN653F
1.0W Zener Diodes
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Sillicon Diffused Junction Type
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cs
g
n
i
t
a
Rt
i
n
U
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
PP
0
.
1W
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
Jj
T
0
5
1
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
Sg
t
s
T
0
5
1
+
o
t
0
4
Specifications
Absolute Maximum Ratings at Ta = 25˚C
Package Dimensions
unit:mm
1083
[DZB6.2 to DZB30]
Electrical Characteristics at Ta = 25˚C
Features
· Plastic molded structure.
· Voltage regulator use.
· Power dissipation:P=1.0W.
· Zener voltage:VZ=6.2 to 30V
˚C
˚C
C:Cathode
A:Anode
Type No.
Zener Characteristics
Forward Voltage Drop
Reverse Current
Zener Voltage
VZ
Dynamic
Resistance
Measured
Current
IZ
[mA]
Measured
Current
[A]
Measured
Voltage
[V]
VF
[V]
max
IR
[
µA]
max
[V]
typ
min
max
max
[
Ω]
6.2
5.60
6.80
60
–10
–10
–2.0
2
0.2
DZB6.2U
7.5
7.13
7.81
30
–10
–10
–4.5
2
0.2
6.8
6.45
7.14
60
–10
–10
–3.0
2
0.2
6.8C
7.5C
8.2C
9.1C
10C
11C
12C
13C
15C
16C
18C
20C
22C
24C
27C
30C
8.2
7.79
8.61
30
–10
–10
–4.9
2
0.2
9.1
8.65
9.55
30
–10
–10
–5.5
2
0.2
10
9.50
10.50
30
–10
–10
–6.0
2
0.2
11
10.50
11.50
30
–10
–10
–7.0
2
0.2
12
11.40
12.60
30
–10
–10
–8.0
2
0.2
13
12.40
13.60
30
–10
–10
–9.0
2
0.2
15
14.30
15.80
30
–10
–10
–10.0
2
0.2
16
15.20
16.80
30
–10
–10
–11.0
2
0.2
18
17.10
18.90
30
–10
–10
–13.0
2
0.2
20
19.00
21.00
30
–10
–10
–14.0
2
0.2
22
20.90
23.10
30
–10
–10
–16.0
2
0.2
24
22.80
25.20
30
–10
–10
–17.0
2
0.2
27
25.70
28.30
30
–10
–10
–19.0
2
0.2
30
28.50
31.50
30
–10
–10
–21.0
2
0.2


同様の部品番号 - DZB6.2U

メーカー部品番号データシート部品情報
logo
Littelfuse
DZB27DR LITTELFUSE-DZB27DR Datasheet
450Kb / 2P
   Diazed/Neozed Fuses
DZB27S LITTELFUSE-DZB27S Datasheet
450Kb / 2P
   Diazed/Neozed Fuses
DZB33DR LITTELFUSE-DZB33DR Datasheet
450Kb / 2P
   Diazed/Neozed Fuses
DZB33S LITTELFUSE-DZB33S Datasheet
450Kb / 2P
   Diazed/Neozed Fuses
More results

同様の説明 - DZB6.2U

メーカー部品番号データシート部品情報
logo
Shenzhen Luguang Electr...
SML4728 LUGUANG-SML4728 Datasheet
1Mb / 3P
   1.0W Zener Diodes
logo
TAITRON Components Inco...
Z1SMA3V3 TAITRON-Z1SMA3V3 Datasheet
329Kb / 7P
   1.0W Surface Mount Zener Diodes
logo
Diodes Incorporated
1N4728A DIODES-1N4728A_08 Datasheet
124Kb / 3P
   1.0W ZENER DIODE
logo
Won-Top Electronics
1N4728A WTE-1N4728A Datasheet
44Kb / 4P
   1.0W ZENER DIODE
logo
Comchip Technology
1N4728A COMCHIP-1N4728A Datasheet
123Kb / 3P
   1.0W Zener Diode
logo
Solid States Devices, I...
SZ1A3.3 SSDI-SZ1A3.3 Datasheet
111Kb / 2P
   1.0W and 1.5W 3.3 - 100 VOLTS ZENER DIODES
logo
Diodes Incorporated
1N4728A DIODES-1N4728A_1 Datasheet
451Kb / 4P
   1.0W ZENER DIODE
DS18007 Rev. 16 - 2
logo
Zibo Seno Electronic En...
1N4764A ZSELEC-1N4764A Datasheet
109Kb / 2P
   1.0W ZENER DIODE
logo
Diodes Incorporated
SMAZ36-13 DIODES-SMAZ36-13 Datasheet
129Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
SMAZ39-13 DIODES-SMAZ39-13 Datasheet
129Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com