データシートサーチシステム |
|
SMV3417B-LF データシート(PDF) 1 Page - Z-Communications, Inc |
|
SMV3417B-LF データシート(HTML) 1 Page - Z-Communications, Inc |
1 / 2 page LFSuffix = RoHS Compliant. All specifications are subject to change without notice. © Z-Communications, Inc. All Rights Reserved. Page 1 of 2 FRM-S-002 B PHASE NOISE (1 Hz BW, typical) OFFSET (Hz) Performance Specifications Typ Units Min Max 75 -83 -32 8 25 50 50 Oscillation Frequency Range Phase Noise @ 10 kHz offset (1 Hz BW) Harmonic Suppression (2nd) Tuning Voltage Tuning Sensitivity (avg.) Power Output Load Impedance Input Capacitance Pushing Pulling ( dB Return Loss, Any Phase) Operating Temperature Range MHz dBc/Hz dBc Vdc MHz/V dBm pF MHz/V MHz °C 3415 3420 14 03 Package Style -1 5 85 -40 2 -20 Power Supply Requirements Typ Units Min Max 3 17 Vdc mA Supply Voltage (Vcc, nom.) Supply Current (Icc) 25 Microwave Links WLAN Portable Radios • • • Applications Voltage-Controlled Oscillator Surface Mount Module SMV3417B-LF B2 Rev Additional Notes Application Notes • AN-101: Mounting and Grounding • AN-102: Output Loading • AN-107: Manual Soldering 14118 Stowe Drive, Suite B | Poway, CA 92064 TEL: (858) 621-2700 | FAX: (858) 486-1927 URL: www.zcomm.com EMAIL: applications@zcomm.com SUB-L |
同様の部品番号 - SMV3417B-LF_10 |
|
同様の説明 - SMV3417B-LF_10 |