データシートサーチシステム |
|
KMPC8567CVTANJGA データシート(PDF) 7 Page - Freescale Semiconductor, Inc |
|
KMPC8567CVTANJGA データシート(HTML) 7 Page - Freescale Semiconductor, Inc |
7 / 139 page MPC8568E/MPC8567E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 1 Freescale Semiconductor 7 MPC8568E Overview up to four banks of memory. The MPC8568E supports bank sizes from 64 Mbytes to 4 Gbytes. Nine column address strobes (MDM[0:8]) are used to provide byte selection for memory bank writes. The MPC8568E can be configured to retain the currently active SDRAM page for pipelined burst accesses. Page mode support of up to 16 simultaneously open pages (32 for DDR2) can dramatically reduce access latencies for page hits. Depending on the memory system design and timing parameters, using page mode can save 3 to 4 clock cycles from subsequent burst accesses that hit in an active page. Using ECC, the MPC8568E detects and corrects all single-bit errors and detects all double-bit errors and all errors within a nibble. The MPC8568E can invoke a level of system power management by asserting the MCKE SDRAM signal on-the-fly to put the memory into a low-power sleep mode. 1.2.7 Table Lookup Unit (TLU) The table lookup unit (TLU) provides access to application-defined routing topology and control tables in external memory. It accesses an external memory array attached to the local bus controller (LBC). Communication between the CPU and the TLU occurs via messages passed through the TLU’s memory-mapped configuration and status registers. The TLU provides resources for efficient generation of table entry addresses in memory, hash generation of addresses, and binary table searching algorithms for both exact-match and longest-prefix-match strategies.It supports the following TLU complex table types: • Hash-Trie-Key table for hash-based exact-match algorithms • Chained-Hash table for partially indexed and hashed exact-match algorithms • Longest-prefix-match algorithm • Flat-Data table for retrieving search results and simple indexed algorithms 1.2.8 PCI Controller The MPC8568E supports one 32-bit PCI controller, which supports speeds of up to 66 MHz. Other features include: • Compatible with the PCI Local Bus Specification, Revision 2.2, supporting 32- and 64-bit addressing • Can function as host or agent bridge interface • As a master, supports read and write operations to PCI memory space, PCI I/O space, and PCI configuration space • Can generate PCI special-cycle and interrupt-acknowledge commands. As a target, it supports read and write operations to system memory as well as configuration accesses. • Supports PCI-to-memory and memory-to-PCI streaming, memory prefetching of PCI read accesses, and posting of processor-to-PCI and PCI-to-memory writes • PCI 3.3-V compatible with selectable hardware-enforced coherency |
同様の部品番号 - KMPC8567CVTANJGA |
|
同様の説明 - KMPC8567CVTANJGA |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |