データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KMPC8568VTANJGA データシート(PDF) 5 Page - Freescale Semiconductor, Inc

部品番号 KMPC8568VTANJGA
部品情報  MPC8568E/MPC8567E PowerQUICC III Integrated Processor Hardware Specifications
Download  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FREESCALE [Freescale Semiconductor, Inc]
ホームページ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

KMPC8568VTANJGA データシート(HTML) 5 Page - Freescale Semiconductor, Inc

  KMPC8568VTANJGA Datasheet HTML 1Page - Freescale Semiconductor, Inc KMPC8568VTANJGA Datasheet HTML 2Page - Freescale Semiconductor, Inc KMPC8568VTANJGA Datasheet HTML 3Page - Freescale Semiconductor, Inc KMPC8568VTANJGA Datasheet HTML 4Page - Freescale Semiconductor, Inc KMPC8568VTANJGA Datasheet HTML 5Page - Freescale Semiconductor, Inc KMPC8568VTANJGA Datasheet HTML 6Page - Freescale Semiconductor, Inc KMPC8568VTANJGA Datasheet HTML 7Page - Freescale Semiconductor, Inc KMPC8568VTANJGA Datasheet HTML 8Page - Freescale Semiconductor, Inc KMPC8568VTANJGA Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 139 page
background image
MPC8568E/MPC8567E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 1
Freescale Semiconductor
5
MPC8568E Overview
— Three 1-Gbps Ethernet interfaces using three GMII, two RGMII/TBI/RTBI
— Up to eight 10/100-Mbps Ethernet interfaces using MII or RMII
— Up to eight T1/E1/J1/E3 or DS-3 serial interfaces
1.2.4
Integrated Security Engine (SEC)
The SEC is a modular and scalable security core optimized to process all the algorithms associated with
IPSec, IKE, WTLS/WAP, SSL/TLS, and 3GPP. Although it is not a protocol processor, the SEC is
designed to perform multi-algorithmic operations (for example, 3DES-HMAC-SHA-1) in a single pass of
the data. The version of the SEC used in the MPC8568E is specifically capable of performing single-pass
security cryptographic processing for SSL 3.0, SSL 3.1/TLS 1.0, IPSec, SRTP, and 802.11i.
Optimized to process all the algorithms associated with IPSec, IKE, WTLS/WAP, SSL/TLS, and
3GPP
Compatible with code written for the Freescale MPC8541E and MPC8555E devices
XOR engine for parity checking in RAID storage applications.
Four crypto-channels, each supporting multi-command descriptor chains
Cryptographic execution units:
— PKEU—public key execution unit
— DEU—Data Encryption Standard execution unit
— AESU—Advanced Encryption Standard unit
— AFEU—ARC four execution unit
— MDEU—message digest execution unit
— KEU—Kasumi execution unit
— RNG—Random number generator
1.2.5
Enhanced Three-Speed Ethernet Controllers
The MPC8568E has two on-chip enhanced three-speed Ethernet controllers (eTSECs). The eTSECs
incorporate a media access control (MAC) sublayer that supports 10- and 100-Mbps and 1-Gbps
Ethernet/802.3 networks with MII, RMII, GMII, RGMII, TBI, and RTBI physical interfaces. The eTSECs
include 2-Kbyte receive and 10-Kbyte transmit FIFOs and DMA functions.
The MPC8568E eTSECs support programmable CRC generation and checking, RMON statistics, and
jumbo frames of up to 9.6 Kbytes. Frame headers and buffer descriptors can be forced into the L2 cache
to speed classification or other frame processing. They are IEEE Std 802.3™, IEEE 802.3u, IEEE 802.3x,
IEEE 802.3z, IEEE 802.3ac, IEEE 802.3ab-compatible.
The buffer descriptors are based on the MPC8260 and MPC860T 10/100 Ethernet programming models.
Each eTSEC can emulate a PowerQUICC III TSEC, allowing existing driver software to be re-used with
minimal change.
Some of the key features of these controllers include:
Flexible configuration for multiple PHY interface configurations. Table 1 lists available
configurations.


同様の部品番号 - KMPC8568VTANJGA

メーカー部品番号データシート部品情報
logo
Freescale Semiconductor...
KMPC855TZQ50D4 FREESCALE-KMPC855TZQ50D4 Datasheet
1Mb / 80P
   Hardware Specifications
KMPC855TZQ50D4 FREESCALE-KMPC855TZQ50D4 Datasheet
1Mb / 80P
   PowerQUICC??Family Hardware Specifications
KMPC855TZQ66D4 FREESCALE-KMPC855TZQ66D4 Datasheet
1Mb / 80P
   Hardware Specifications
KMPC855TZQ66D4 FREESCALE-KMPC855TZQ66D4 Datasheet
1Mb / 80P
   PowerQUICC??Family Hardware Specifications
KMPC855TZQ80D4 FREESCALE-KMPC855TZQ80D4 Datasheet
1Mb / 80P
   Hardware Specifications
More results

同様の説明 - KMPC8568VTANJGA

メーカー部品番号データシート部品情報
logo
Freescale Semiconductor...
MPC8536E FREESCALE-MPC8536E Datasheet
1Mb / 128P
   PowerQUICC??III Integrated Processor Hardware Specifications
MPC8548E FREESCALE-MPC8548E_11 Datasheet
1Mb / 143P
   PowerQUICC III Integrated Processor Hardware Specifications
MPC8535E FREESCALE-MPC8535E Datasheet
1Mb / 126P
   PowerQUICC??III Integrated Processor Hardware Specifications
MPC8548E FREESCALE-MPC8548E Datasheet
1Mb / 144P
   PowerQUICC??III Integrated Processor Hardware Specifications
MPC8533E FREESCALE-MPC8533E Datasheet
1Mb / 116P
   PowerQUICC??III Integrated Processor Hardware Specifications
MPC8544E FREESCALE-MPC8544E Datasheet
1Mb / 120P
   PowerQUICC??III Integrated Processor Hardware Specifications
MPC8536E FREESCALE-MPC8536E_11 Datasheet
1Mb / 126P
   PowerQUICC III Integrated Processor Hardware Specifications
logo
NXP Semiconductors
MPC8572EEC NXP-MPC8572EEC Datasheet
1Mb / 141P
   MPC8572E PowerQUICC III Integrated Processor Hardware Specifications
Rev. 7, 03/2016
logo
Freescale Semiconductor...
MPC8533E FREESCALE-MPC8533E_11 Datasheet
1Mb / 112P
   MPC8533E PowerQUICC III Integrated Processor Hardware Specifications
MPC8572E FREESCALE-MPC8572E_11 Datasheet
1Mb / 138P
   MPC8572E PowerQUICC III Integrated Processor Hardware Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com