データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KMPC8568EVTAUJJA データシート(PDF) 8 Page - Freescale Semiconductor, Inc

部品番号 KMPC8568EVTAUJJA
部品情報  MPC8568E/MPC8567E PowerQUICC III Integrated Processor Hardware Specifications
Download  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FREESCALE [Freescale Semiconductor, Inc]
ホームページ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

KMPC8568EVTAUJJA データシート(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button KMPC8568EVTAUJJA Datasheet HTML 4Page - Freescale Semiconductor, Inc KMPC8568EVTAUJJA Datasheet HTML 5Page - Freescale Semiconductor, Inc KMPC8568EVTAUJJA Datasheet HTML 6Page - Freescale Semiconductor, Inc KMPC8568EVTAUJJA Datasheet HTML 7Page - Freescale Semiconductor, Inc KMPC8568EVTAUJJA Datasheet HTML 8Page - Freescale Semiconductor, Inc KMPC8568EVTAUJJA Datasheet HTML 9Page - Freescale Semiconductor, Inc KMPC8568EVTAUJJA Datasheet HTML 10Page - Freescale Semiconductor, Inc KMPC8568EVTAUJJA Datasheet HTML 11Page - Freescale Semiconductor, Inc KMPC8568EVTAUJJA Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 139 page
background image
MPC8568E/MPC8567E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 1
8
Freescale Semiconductor
MPC8568E Overview
1.2.9
High Speed I/O Interfaces
The MPC8568E supports two high-speed I/O interface standards: serial RapidIO and PCI Express. It can
be configured as x1/x4 SRIO and 1x/2x/4x PCI Express simultaneously with the following limitation:
Both SRIO and PCI-Express are limited to use the same clock and are limited to 2.5G.
Spread spectrum clocking can not be used because SRIO doesn't support this (PCI-Express does
support it).
If x8 PCI Express is needed, then SRIO is not available due to the pin multiplex limitation.
1.2.10 Serial RapidIO
The serial RapidIO interface is based on the RapidIO Interconnect Specification, Revision 1.2. RapidIO is
a high-performance, point-to-point, low-pin-count, packet-switched system-level interconnect that can be
used in a variety of applications as an open standard. The RapidIO architecture has a rich variety of
features including high data bandwidth, low-latency capability, and support for high-performance I/O
devices, as well as support for message-passing and software-managed programming models. Key features
of the serial RapidIO interface unit include:
Support for RapidIO Interconnect Specification, Revision 1.2 (all transaction flows and priorities)
Both 1x and 4x LP-serial link interfaces, with transmission rates of 1.25, 2.5, and 3.125 Gbaud
(data rates of 1.0, 2.0, and 2.5 Gbps) per lane
Auto detection of 1x or 4x mode operation during port initialization
34-bit addressing and up to 256-byte data payload
Receiver-controlled flow control
Support for RapidIO error injection
The RapidIO messaging unit supports two inbox/outbox mailboxes (queues) for data and one doorbell
message structure. Both chaining and direct modes are provided for the outbox, and messages can hold up
to 16 packets of 256 bytes, or a total of 4 Kbytes.
1.2.11 PCI Express Interface
The MPC8568E supports a PCI Express interface compatible with the PCI Express Base Specification
Revision 1.0a. It is configurable at boot time to act as either root complex or endpoint.The physical layer
of the PCI Express interface operates at a 2.5-Gbaud data rate per lane.
Other features of the PCI Express interface include:
x8, x4, x2, and x1 link widths supported
Selectable operation as root complex or endpoint
Both 32- and 64-bit addressing and 256-byte maximum payload size
Full 64-bit decode with 32-bit wide windows


同様の部品番号 - KMPC8568EVTAUJJA

メーカー部品番号データシート部品情報
logo
Freescale Semiconductor...
KMPC855TZQ50D4 FREESCALE-KMPC855TZQ50D4 Datasheet
1Mb / 80P
   Hardware Specifications
KMPC855TZQ50D4 FREESCALE-KMPC855TZQ50D4 Datasheet
1Mb / 80P
   PowerQUICC??Family Hardware Specifications
KMPC855TZQ66D4 FREESCALE-KMPC855TZQ66D4 Datasheet
1Mb / 80P
   Hardware Specifications
KMPC855TZQ66D4 FREESCALE-KMPC855TZQ66D4 Datasheet
1Mb / 80P
   PowerQUICC??Family Hardware Specifications
KMPC855TZQ80D4 FREESCALE-KMPC855TZQ80D4 Datasheet
1Mb / 80P
   Hardware Specifications
More results

同様の説明 - KMPC8568EVTAUJJA

メーカー部品番号データシート部品情報
logo
Freescale Semiconductor...
MPC8536E FREESCALE-MPC8536E Datasheet
1Mb / 128P
   PowerQUICC??III Integrated Processor Hardware Specifications
MPC8548E FREESCALE-MPC8548E_11 Datasheet
1Mb / 143P
   PowerQUICC III Integrated Processor Hardware Specifications
MPC8535E FREESCALE-MPC8535E Datasheet
1Mb / 126P
   PowerQUICC??III Integrated Processor Hardware Specifications
MPC8548E FREESCALE-MPC8548E Datasheet
1Mb / 144P
   PowerQUICC??III Integrated Processor Hardware Specifications
MPC8533E FREESCALE-MPC8533E Datasheet
1Mb / 116P
   PowerQUICC??III Integrated Processor Hardware Specifications
MPC8544E FREESCALE-MPC8544E Datasheet
1Mb / 120P
   PowerQUICC??III Integrated Processor Hardware Specifications
MPC8536E FREESCALE-MPC8536E_11 Datasheet
1Mb / 126P
   PowerQUICC III Integrated Processor Hardware Specifications
logo
NXP Semiconductors
MPC8572EEC NXP-MPC8572EEC Datasheet
1Mb / 141P
   MPC8572E PowerQUICC III Integrated Processor Hardware Specifications
Rev. 7, 03/2016
logo
Freescale Semiconductor...
MPC8533E FREESCALE-MPC8533E_11 Datasheet
1Mb / 112P
   MPC8533E PowerQUICC III Integrated Processor Hardware Specifications
MPC8572E FREESCALE-MPC8572E_11 Datasheet
1Mb / 138P
   MPC8572E PowerQUICC III Integrated Processor Hardware Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com