データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IRF7304PBF データシート(PDF) 8 Page - International Rectifier

部品番号 IRF7304PBF
部品情報  HEXFETPOWERMOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRF [International Rectifier]
ホームページ  http://www.irf.com
Logo IRF - International Rectifier

IRF7304PBF データシート(HTML) 8 Page - International Rectifier

  IRF7304PBF_10 Datasheet HTML 1Page - International Rectifier IRF7304PBF_10 Datasheet HTML 2Page - International Rectifier IRF7304PBF_10 Datasheet HTML 3Page - International Rectifier IRF7304PBF_10 Datasheet HTML 4Page - International Rectifier IRF7304PBF_10 Datasheet HTML 5Page - International Rectifier IRF7304PBF_10 Datasheet HTML 6Page - International Rectifier IRF7304PBF_10 Datasheet HTML 7Page - International Rectifier IRF7304PBF_10 Datasheet HTML 8Page - International Rectifier IRF7304PBF_10 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
IRF7304QPbF
www.irf.com
8
SO-8 Package Outline
Dimensions are shown in millimeters (inches)
SO-8 Part Marking
e1
D
E
y
b
A
A1
H
K
L
.189
.1497
.013
.050 BASIC
.0532
.0040
.2284
.0099
.016
.1968
.1574
.020
.0688
.0098
.2440
.0196
.050
4.80
3.80
0.33
1.35
0.10
5.80
0.25
0.40
1.27 BASIC
5.00
4.00
0.51
1.75
0.25
6.20
0.50
1.27
MIN
MAX
MILLIMETERS
INCHES
MIN
MAX
DIM
e
c
.0075
.0098
0.19
0.25
.025 BASIC
0.635 BASIC
87
5
65
D
B
E
A
e
6X
H
0.25 [.010]
A
6
7
K x 45°
8X L
8X c
y
0.25 [.010]
C A B
e1
A
A1
8X b
C
0.10 [.004]
4
3
12
FOOTPRINT
8X 0.72 [.028]
6.46 [.255]
3X 1.27 [.050]
4. OUTLINE CONFORMS TO JEDEC OUTLINE MS-012AA.
NOTES:
1. DIMENSIONING& TOLERANCINGPER ASME Y14.5M-1994.
2. CONTROLLINGDIMENSION: MILLIMETER
3. DIMENSIONS ARE SHOWN IN MILLIMETERS [INCHES].
5 DIMENSION DOES NOT INCLUDE MOLD PROTRUSIONS.
6 DIMENSION DOES NOT INCLUDE MOLD PROTRUSIONS.
MOLD PROTRUSIONS NOT TO EXCEED 0.25 [.010].
7 DIMENSION IS THE LENGTH OF LEAD FOR SOLDERINGTO
A SUBSTRATE.
MOLD PROTRUSIONS NOT TO EXCEED 0.15 [.006].
8X 1.78 [.070]
DATE CODE (YWW)
XXXX
INTERNATIONAL
RECTIFIER
LOGO
F7101
Y = LAST DIGIT OF THE YEAR
PART NUMBER
LOT CODE
WW = WEEK
EXAMPLE: THIS IS AN IRF7101 (MOSFET)
P = DESIGNATES LEAD-FREE
PRODUCT (OPTIONAL)
A = ASSEMBLY SITE CODE
Notes:
1. For an Automotive Qualified version of this part please see
http://www.irf.com/product-info/auto/
2. For the most current drawing please refer to IR website athttp://www.irf.com/package/


同様の部品番号 - IRF7304PBF_10

メーカー部品番号データシート部品情報
logo
International Rectifier
IRF7304PBF-1 IRF-IRF7304PBF-1 Datasheet
238Kb / 9P
   Industry-standard pinout SO-8 Package
IRF7304PBF-1 IRF-IRF7304PBF-1_15 Datasheet
238Kb / 9P
   Industry-standard pinout SO-8 Package
IRF7304PBF IRF-IRF7304PBF_15 Datasheet
237Kb / 9P
   GENERATION V TECHNOLOGY
More results

同様の説明 - IRF7304PBF_10

メーカー部品番号データシート部品情報
logo
International Rectifier
IRF9952QPBF IRF-IRF9952QPBF_10 Datasheet
269Kb / 10P
   HEXFETPOWERMOSFET
IRF7306QPBF IRF-IRF7306QPBF_10 Datasheet
247Kb / 9P
   HEXFETPOWERMOSFET
IRF7105QPBF IRF-IRF7105QPBF_10 Datasheet
316Kb / 10P
   HEXFETPOWERMOSFET
IRF7413QPBF IRF-IRF7413QPBF_10 Datasheet
243Kb / 9P
   HEXFETPOWERMOSFET
IRF7307QPBF IRF-IRF7307QPBF_10 Datasheet
300Kb / 10P
   HEXFETPOWERMOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com