データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74LVTH373 データシート(PDF) 5 Page - Fairchild Semiconductor

部品番号 74LVTH373
部品情報  Low Voltage Octal Transparent Latch with 3-STATE Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVTH373 データシート(HTML) 5 Page - Fairchild Semiconductor

  74LVTH373 Datasheet HTML 1Page - Fairchild Semiconductor 74LVTH373 Datasheet HTML 2Page - Fairchild Semiconductor 74LVTH373 Datasheet HTML 3Page - Fairchild Semiconductor 74LVTH373 Datasheet HTML 4Page - Fairchild Semiconductor 74LVTH373 Datasheet HTML 5Page - Fairchild Semiconductor 74LVTH373 Datasheet HTML 6Page - Fairchild Semiconductor 74LVTH373 Datasheet HTML 7Page - Fairchild Semiconductor 74LVTH373 Datasheet HTML 8Page - Fairchild Semiconductor 74LVTH373 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
©1999 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74LVT373, 74LVTH373 Rev. 1.5.0
5
DC Electrical Characteristics
Notes:
2. All typical values are at VCC = 3.3V, TA = 25°C.
3. Applies to bushold versions only (74LVTH373).
4. An external driver must source at least the specified current to switch from LOW-to-HIGH.
5. An external driver must sink at least the specified current to switch from HIGH-to-LOW.
6. This is the increase in supply current for each input that is at the specified voltage level rather than VCC or GND.
Symbol
Parameter
VCC (V)
Conditions
T A =–40°C to +85°C
Units
Min.
Typ.(2)
Max.
VIK
Input Clamp Diode Voltage
2.7
II = –18mA
–1.2
V
VIH
Input HIGH Voltage
2.7–3.6
VO ≤ 0.1V or
VO ≥ VCC – 0.1V
2.0
V
VIL
Input LOW Voltage
2.7–3.6
0.8
V
VOH
Output HIGH Voltage
2.7–3.6
IOH = –100µA
VCC–0.2
V
2.7
IOH = –8mA
2.4
3.0
IOH = –32mA
2.0
VOL
Output LOW Voltage
2.7
IOL = 100µA
0.2
V
IOL = 24mA
0.5
3.0
IOL = 16mA
0.4
IOL = 32mA
0.5
IOL = 64mA
0.55
II(HOLD)
(3)
Bushold Input Minimum
Drive
3.0
VI = 0.8V
75
µA
VI = 2.0V
–75
II(OD)
(3)
Bushold Input Over-Drive
Current to Change State
3.0
(4)
500
µA
(5)
–500
II
Input Current
3.6
VI = 5.5V
10
µA
Control Pins
3.6
VI = 0V or VCC
±1
Data Pins
3.6
VI = 0V
–5
VI = VCC
1
IOFF
Power Off Leakage Current
0
0V
≤ V
I or VO ≤ 5.5V
±100
µA
IPU/PD
Power up/down 3-STATE
Output Current
0–1.5V
VO = 0.5V to 3.0V,
VI = GND or VCC
±100
µA
IOZL
3-STATE Output Leakage
Current
3.6
VO = 0.5V
–5
µA
IOZH
3-STATE Output Leakage
Current
3.6
VO = 3.0V
5
µA
IOZH+
3-STATE Output Leakage
Current
3.6
VCC < VO ≤ 5.5V
10
µA
ICCH
Power Supply Current
3.6
Outputs HIGH
0.19
mA
ICCL
Power Supply Current
3.6
Outputs LOW
5
mA
ICCZ
Power Supply Current
3.6
Outputs Disabled
0.19
mA
ICCZ+Power Supply Current
3.6
VCC ≤ VO ≤ 5.5V,
Outputs Disabled
0.19
mA
∆I
CC
Increase in Power Supply
Current(6)
3.6
One Input at VCC – 0.6V,
Other Inputs at VCC or
GND
0.2
mA


同様の部品番号 - 74LVTH373

メーカー部品番号データシート部品情報
logo
ON Semiconductor
74LVTH373 ONSEMI-74LVTH373 Datasheet
306Kb / 12P
   Low Voltage Octal Transparent Latch 3-STATE Outputs
February 2008 Rev. 1.5.0
74LVTH373 ONSEMI-74LVTH373 Datasheet
306Kb / 12P
   Low Voltage Octal Transparent Latch 3-STATE Outputs
February 2008 Rev. 1.5.0
logo
Fairchild Semiconductor
74LVTH373MTC FAIRCHILD-74LVTH373MTC Datasheet
105Kb / 8P
   Low Voltage Octal Transparent Latch with 3-STATE Outputs
logo
ON Semiconductor
74LVTH373MTC ONSEMI-74LVTH373MTC Datasheet
306Kb / 12P
   Low Voltage Octal Transparent Latch 3-STATE Outputs
February 2008 Rev. 1.5.0
74LVTH373MTC ONSEMI-74LVTH373MTC Datasheet
306Kb / 12P
   Low Voltage Octal Transparent Latch 3-STATE Outputs
February 2008 Rev. 1.5.0
More results

同様の説明 - 74LVTH373

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74LVT573 FAIRCHILD-74LVT573 Datasheet
107Kb / 8P
   Low Voltage Octal Transparent Latch with 3-STATE Outputs
74LVX373 FAIRCHILD-74LVX373 Datasheet
80Kb / 7P
   Low Voltage Octal Transparent Latch with 3-STATE Outputs
74LVT373 FAIRCHILD-74LVT373 Datasheet
105Kb / 8P
   Low Voltage Octal Transparent Latch with 3-STATE Outputs
logo
ON Semiconductor
74LVX373 ONSEMI-74LVX373 Datasheet
198Kb / 9P
   Low Voltage Octal Transparent Latch with 3-STATE Outputs
Revised April 2005
logo
Fairchild Semiconductor
74LVQ373 FAIRCHILD-74LVQ373 Datasheet
70Kb / 7P
   Low Voltage Octal Transparent Latch with 3-STATE Outputs
logo
ON Semiconductor
74LVT373 ONSEMI-74LVT373 Datasheet
306Kb / 12P
   Low Voltage Octal Transparent Latch 3-STATE Outputs
February 2008 Rev. 1.5.0
74LVTH373 ONSEMI-74LVTH373 Datasheet
306Kb / 12P
   Low Voltage Octal Transparent Latch 3-STATE Outputs
February 2008 Rev. 1.5.0
logo
Motorola, Inc
MC5474F373 MOTOROLA-MC5474F373 Datasheet
79Kb / 3P
   OCTAL TRANSPARENT LATCH WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ACT533 FAIRCHILD-74ACT533 Datasheet
92Kb / 7P
   Octal Transparent Latch with 3-STATE Outputs
logo
List of Unclassifed Man...
T74LS373 ETC-T74LS373 Datasheet
236Kb / 5P
   OCTAL TRANSPARENT LATCH WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com