データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74LVT373MTC データシート(PDF) 6 Page - Fairchild Semiconductor

部品番号 74LVT373MTC
部品情報  Low Voltage Octal Transparent Latch with 3-STATE Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVT373MTC データシート(HTML) 6 Page - Fairchild Semiconductor

Back Button 74LVT373MTC Datasheet HTML 2Page - Fairchild Semiconductor 74LVT373MTC Datasheet HTML 3Page - Fairchild Semiconductor 74LVT373MTC Datasheet HTML 4Page - Fairchild Semiconductor 74LVT373MTC Datasheet HTML 5Page - Fairchild Semiconductor 74LVT373MTC Datasheet HTML 6Page - Fairchild Semiconductor 74LVT373MTC Datasheet HTML 7Page - Fairchild Semiconductor 74LVT373MTC Datasheet HTML 8Page - Fairchild Semiconductor 74LVT373MTC Datasheet HTML 9Page - Fairchild Semiconductor 74LVT373MTC Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
©1999 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74LVT373, 74LVTH373 Rev. 1.5.0
6
Dynamic Switching Characteristics(7)
Notes:
7. Characterized in SOIC package. Guaranteed parameter, but not tested.
8. Max number of outputs defined as (n). n–1 data inputs are driven 0V to 3V. Output under test held LOW.
AC Electrical Characteristics
Note:
9. All typical values are at VCC = 3.3V, TA = 25°C.
Capacitance(10)
Note:
10. Capacitance is measured at frequency f
= 1MHz, per MIL-STD-883, Method 3012.
Symbol
Parameter
VCC (V)
Conditions
TA = 25°C
Units
CL = 50pF, RL = 500Ω
Min.
Typ.
Max.
VOLP
Quiet Output Maximum
Dynamic VOL
3.3
(8)
0.8
V
VOLV
Quiet Output Minimum
Dynamic VOL
3.3
(8)
–0.8
V
Symbol
Parameter
TA = –40°C to +85°C,
CL = 50pF, RL = 500Ω
Units
VCC = 3.3V ±0.3V
VCC = 2.7V
Min.
Typ.(9)
Max.
Min.
Max.
tPHL
Propagation Delay,
Dn to On
1.5
4.5
1.5
5.0
ns
tPLH
1.5
4.5
1.5
4.9
tPHL
Propagation Delay,
LE to On
1.7
4.6
1.7
4.9
ns
tPLH
1.7
4.5
1.7
5.0
tPZL
Output Enable Time
1.3
4.8
1.3
5.9
ns
tPZH
1.3
4.8
1.3
5.5
tPLZ
Output Disable Time
1.9
4.6
1.9
4.9
ns
tPHZ
1.9
4.6
1.9
4.9
tW
LE Pulse Width
3.0
3.0
ns
tS
Setup Time, Dn to LE
1.1
1.0
ns
tH
Hold Time, Dn to LE
1.4
1.4
ns
Symbol
Parameter
Conditions
Typical
Units
CIN
Input Capacitance
VCC = OPEN, VI = 0V or VCC
3pF
COUT
Output Capacitance
VCC = 3.0V, VO = 0V or VCC
5pF


同様の部品番号 - 74LVT373MTC

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74LVT373MTC FAIRCHILD-74LVT373MTC Datasheet
105Kb / 8P
   Low Voltage Octal Transparent Latch with 3-STATE Outputs
logo
ON Semiconductor
74LVT373MTC ONSEMI-74LVT373MTC Datasheet
306Kb / 12P
   Low Voltage Octal Transparent Latch 3-STATE Outputs
February 2008 Rev. 1.5.0
74LVT373MTC ONSEMI-74LVT373MTC Datasheet
306Kb / 12P
   Low Voltage Octal Transparent Latch 3-STATE Outputs
February 2008 Rev. 1.5.0
More results

同様の説明 - 74LVT373MTC

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74LVT573 FAIRCHILD-74LVT573 Datasheet
107Kb / 8P
   Low Voltage Octal Transparent Latch with 3-STATE Outputs
74LVX373 FAIRCHILD-74LVX373 Datasheet
80Kb / 7P
   Low Voltage Octal Transparent Latch with 3-STATE Outputs
74LVT373 FAIRCHILD-74LVT373 Datasheet
105Kb / 8P
   Low Voltage Octal Transparent Latch with 3-STATE Outputs
logo
ON Semiconductor
74LVX373 ONSEMI-74LVX373 Datasheet
198Kb / 9P
   Low Voltage Octal Transparent Latch with 3-STATE Outputs
Revised April 2005
logo
Fairchild Semiconductor
74LVQ373 FAIRCHILD-74LVQ373 Datasheet
70Kb / 7P
   Low Voltage Octal Transparent Latch with 3-STATE Outputs
logo
ON Semiconductor
74LVT373 ONSEMI-74LVT373 Datasheet
306Kb / 12P
   Low Voltage Octal Transparent Latch 3-STATE Outputs
February 2008 Rev. 1.5.0
74LVTH373 ONSEMI-74LVTH373 Datasheet
306Kb / 12P
   Low Voltage Octal Transparent Latch 3-STATE Outputs
February 2008 Rev. 1.5.0
logo
Motorola, Inc
MC5474F373 MOTOROLA-MC5474F373 Datasheet
79Kb / 3P
   OCTAL TRANSPARENT LATCH WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ACT533 FAIRCHILD-74ACT533 Datasheet
92Kb / 7P
   Octal Transparent Latch with 3-STATE Outputs
logo
List of Unclassifed Man...
T74LS373 ETC-T74LS373 Datasheet
236Kb / 5P
   OCTAL TRANSPARENT LATCH WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com