データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI4432-B1 データシート(PDF) 10 Page - Silicon Laboratories

部品番号 SI4432-B1
部品情報  Si4430/31/32 ISM TRANSCEIVER
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SILABS [Silicon Laboratories]
ホームページ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4432-B1 データシート(HTML) 10 Page - Silicon Laboratories

Back Button SI4432-B1 Datasheet HTML 6Page - Silicon Laboratories SI4432-B1 Datasheet HTML 7Page - Silicon Laboratories SI4432-B1 Datasheet HTML 8Page - Silicon Laboratories SI4432-B1 Datasheet HTML 9Page - Silicon Laboratories SI4432-B1 Datasheet HTML 10Page - Silicon Laboratories SI4432-B1 Datasheet HTML 11Page - Silicon Laboratories SI4432-B1 Datasheet HTML 12Page - Silicon Laboratories SI4432-B1 Datasheet HTML 13Page - Silicon Laboratories SI4432-B1 Datasheet HTML 14Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 74 page
background image
Si4430/31/32-B1
10
Rev 1.1
Table 4. Transmitter AC Electrical Characteristics1
Parameter
Symbol
Conditions
Min
Typ
Max
Units
TX Frequency
Range—Si4431/32
FTX
240
930
MHz
TX Frequency
Range—Si4430
FTX
900
960
MHz
FSK Data Rate2
DRFSK
0.123
256
kbps
OOK Data Rate2
DROOK
0.123
40
kbps
Modulation Deviation
Δf1
860–960 MHz
±0.625
±320
kHz
Δf2
240–860 MHz
±0.625
±160
kHz
Modulation Deviation
Resolution2
ΔfRES
—0.625
kHz
Output Power
Range—Si44323
PTX
+1
+20
dBm
Output Power
Range—Si4430/313
PTX
–8
+13
dBm
TX RF Output Steps2
PRF_OUT
controlled by txpow[2:0]
3
dB
TX RF Output Level2
Variation vs. Temperature
PRF_TEMP
–40 to +85
C—
2
dB
TX RF Output Level
Variation vs. Frequency2
PRF_FREQ
Measured across any one
frequency band
—1—
dB
Transmit Modulation
Filtering2
B*T
Gaussian Filtering Bandwith Time
Product
—0.5
Spurious Emissions2
POB-TX1
POUT =+13 dBm,
Frequencies <1 GHz
——
–54
dBm
POB-TX2
1–12.75 GHz, excluding harmonics
–54
dBm
Harmonics2
P2HARM
Using reference design TX matching
network and filter with max output
power. Harmonics reduce linearly with
output power.
——
–42
dBm
P3HARM
——
–42
dBm
Notes:
1.
All specification guaranteed by production test unless otherwise noted. Production test conditions and max limits are
listed in the "Production Test Conditions" section on page 14.
2.
Guaranteed by qualification. Qualification test conditions are listed in the "Production Test Conditions" section on
page 14.
3.
Output power is dependent on matching components, board layout, and is measured at the pin.


同様の部品番号 - SI4432-B1

メーカー部品番号データシート部品情報
logo
Silicon Laboratories
Si4432-B1-FM SILABS-Si4432-B1-FM Datasheet
145Kb / 2P
   Updated pin 6, ANT1 to ANT
Si4432-B1-ZM1 SILABS-Si4432-B1-ZM1 Datasheet
145Kb / 2P
   Updated pin 6, ANT1 to ANT
Si4432-B1-ZM2 SILABS-Si4432-B1-ZM2 Datasheet
145Kb / 2P
   Updated pin 6, ANT1 to ANT
More results

同様の説明 - SI4432-B1

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
SI4031-B1-FMR ETC2-SI4031-B1-FMR Datasheet
592Kb / 58P
   Si4030/31/32 ISM TRANSMITTER
TRW-24L01 ETC2-TRW-24L01 Datasheet
783Kb / 23P
   2.4G ISM Transceiver
logo
HOPE Microelectronics C...
RFM23BP HOPE-RFM23BP Datasheet
609Kb / 62P
   ISM TRANSCEIVER MODULE
RFM64B HOPE-RFM64B Datasheet
2Mb / 75P
   ISM TRANSCEIVER MODULE
RFM69CW HOPE-RFM69CW Datasheet
1Mb / 78P
   ISM TRANSCEIVER MODULE
RFM69HCW HOPE-RFM69HCW Datasheet
1Mb / 79P
   ISM TRANSCEIVER MODULE
logo
List of Unclassifed Man...
RFM69HCW-315S2 ETC2-RFM69HCW-315S2 Datasheet
1Mb / 79P
   ISM TRANSCEIVER MODULE
logo
HOPE Microelectronics C...
RFM26W HOPE-RFM26W Datasheet
591Kb / 34P
   ISM Transceiver module
RFM64W HOPE-RFM64W Datasheet
1Mb / 75P
   ISM TRANSCEIVER MODULE
logo
List of Unclassifed Man...
RFM26W ETC2-RFM26W Datasheet
591Kb / 34P
   ISM Transceiver module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com