データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC13851EP データシート(PDF) 1 Page - Freescale Semiconductor, Inc

部品番号 MC13851EP
部品情報  General Purpose Low Noise Amplifier with Bypass Switch
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FREESCALE [Freescale Semiconductor, Inc]
ホームページ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC13851EP データシート(HTML) 1 Page - Freescale Semiconductor, Inc

  MC13851EP Datasheet HTML 1Page - Freescale Semiconductor, Inc MC13851EP Datasheet HTML 2Page - Freescale Semiconductor, Inc MC13851EP Datasheet HTML 3Page - Freescale Semiconductor, Inc MC13851EP Datasheet HTML 4Page - Freescale Semiconductor, Inc MC13851EP Datasheet HTML 5Page - Freescale Semiconductor, Inc MC13851EP Datasheet HTML 6Page - Freescale Semiconductor, Inc MC13851EP Datasheet HTML 7Page - Freescale Semiconductor, Inc MC13851EP Datasheet HTML 8Page - Freescale Semiconductor, Inc MC13851EP Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
© Freescale Semiconductor, Inc., 2006–2010. All rights reserved.
Freescale Semiconductor
Data Sheet: Advance Information
This document contains information on a new product. Specifications and information herein are subject to change without notice.
Document Number: MC13851
Rev. 2.0, 12/2010
MC13851
Package Information
Plastic Package:
MLPD-8
2.0
× 2.0 × 0.6 mm
Case: 2128-01
Ordering Information
Device
Device Marking
Package
MC13851EP
851
MLPD-8
1
Introduction
The MC13851 is a cost-effective, high IP3 LNA with low
noise figure. This is the smaller leadless package version
of the MC13821 device. The MC13851 includes an
integrated bypass switch to preserve high input intercept
performance in variable signal strength environments
and boosts dynamic range. On-chip bias circuitry offers
low system cost. The input and output match are external
to allow maximum design flexibility. An external resistor
is used to set device current which allows balancing
required linearity with low current consumption. Gain is
optimized for applications greater than 1000 MHz. The
MC13851 is fabricated with the advanced RF BiCMOS
process using the eSiGe:C module and is available in the
2
× 2 mm MLPD-8 leadless package, offering a small,
low height, easy-to-solder solution for applications with
tight printed circuit board placement requirements.
MC13851
General Purpose Low Noise
Amplifier with Bypass Switch
Contents:
1 Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
2 Electrical Specifications . . . . . . . . . . . . . . . . . . .3
3 Application Information . . . . . . . . . . . . . . . . . . . . 9
4 Printed Circuit and Bill of Materials . . . . . . . . . 20
5 Scattering and Noise Parameters . . . . . . . . . . . 22
6 Packaging . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 32
7 Product Documentation . . . . . . . . . . . . . . . . . . . 33
8 Revision History . . . . . . . . . . . . . . . . . . . . . . . . . 33


同様の部品番号 - MC13851EP

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
MC13851EP NXP-MC13851EP Datasheet
2Mb / 34P
   General Purpose Low Noise Amplifier with Bypass Switch
Rev. 2.0, 12/2010
More results

同様の説明 - MC13851EP

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
MC13851 NXP-MC13851 Datasheet
2Mb / 34P
   General Purpose Low Noise Amplifier with Bypass Switch
Rev. 2.0, 12/2010
logo
Freescale Semiconductor...
MC13852 FREESCALE-MC13852 Datasheet
2Mb / 30P
   General Purpose Low Noise Amplifier with Bypass Switch
logo
NXP Semiconductors
MC13852 NXP-MC13852 Datasheet
2Mb / 30P
   General Purpose Low Noise Amplifier with Bypass Switch
Rev. 2.0, 12/2010
logo
Freescale Semiconductor...
MC13821 FREESCALE-MC13821 Datasheet
1Mb / 42P
   Low Noise Amplifier with Bypass Switch
MC13820 FREESCALE-MC13820 Datasheet
1Mb / 38P
   Low Noise Amplifier with Bypass Switch
logo
NXP Semiconductors
MC13821 NXP-MC13821 Datasheet
925Kb / 42P
   Low Noise Amplifier with Bypass Switch
Rev. 1.5, 09/2009
logo
Broadcom Corporation.
MGA-785T6 BOARDCOM-MGA-785T6 Datasheet
228Kb / 17P
   Low Noise Amplifier with Bypass Switch
logo
NXP Semiconductors
MC13820 NXP-MC13820 Datasheet
1Mb / 38P
   Low Noise Amplifier with Bypass Switch
Rev. 1.1, 09/2005
logo
Freescale Semiconductor...
MC13850 FREESCALE-MC13850 Datasheet
3Mb / 54P
   Low Noise Amplifier with Bypass Switch
MC13821 FREESCALE-MC13821_08 Datasheet
781Kb / 42P
   Low Noise Amplifier with Bypass Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com