データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MCZ33904B5EK データシート(PDF) 8 Page - Freescale Semiconductor, Inc

部品番号 MCZ33904B5EK
部品情報  SBC Gen2 with CAN High Speed and LIN Interface
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FREESCALE [Freescale Semiconductor, Inc]
ホームページ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCZ33904B5EK データシート(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MCZ33904B5EK Datasheet HTML 4Page - Freescale Semiconductor, Inc MCZ33904B5EK Datasheet HTML 5Page - Freescale Semiconductor, Inc MCZ33904B5EK Datasheet HTML 6Page - Freescale Semiconductor, Inc MCZ33904B5EK Datasheet HTML 7Page - Freescale Semiconductor, Inc MCZ33904B5EK Datasheet HTML 8Page - Freescale Semiconductor, Inc MCZ33904B5EK Datasheet HTML 9Page - Freescale Semiconductor, Inc MCZ33904B5EK Datasheet HTML 10Page - Freescale Semiconductor, Inc MCZ33904B5EK Datasheet HTML 11Page - Freescale Semiconductor, Inc MCZ33904B5EK Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 98 page
background image
CS
SCLK
MOSI
INT
5V-CAN
VSUP1
MISO
GND
SPI
RST
VDD Regulator
DBG
5V-CAN
Configurable
VDD
VB
Analog Monitoring
VBAUX
5 V Auxiliary
SAFE
Signals Condition & Analog MUX
Input-Output
VSENSE
VE
Regulator
VS2-INT
Oscillator
Regulator
State Machine
Fail Safe
Power Management
VSUP2
VS2-INT
VAUX
VCAUX
MUX-OUT
RXD
TxD
Enhanced High Speed CAN
Physical Interface
CANL
CANH
SPLIT
I/O-1
I/O-2
I/O-3
I/O-0
Analog Integrated Circuit Device Data
8
Freescale Semiconductor
33903/4/5
INTERNAL BLOCK DIAGRAM
Figure 7. 33904 Internal Block Diagram
CS
SCLK
MOSI
INT
5V-CAN
VSUP2
MISO
GND
SPI
RST
VDD Regulator
DBG
5V-CAN
Configurable
VDD
Input-Output
Regulator
VS2-INT
Oscillator
State Machine
Power Management
VS2-INT
I/O-0
RXD
TxD
Enhanced High Speed CAN
Physical Interface
CANL
CANH
SPLIT
SAFE
Figure 8. 33903 Internal Block Diagram
VSUP1


同様の部品番号 - MCZ33904B5EK

メーカー部品番号データシート部品情報
logo
Freescale Semiconductor...
MCZ33904B5EK FREESCALE-MCZ33904B5EK Datasheet
2Mb / 104P
   SBC Gen2 with CAN High Speed and LIN Interface
MCZ33904B5EK-R2 FREESCALE-MCZ33904B5EK-R2 Datasheet
1Mb / 766P
   SBC Gen2 with CAN High Speed and LIN Interface
logo
NXP Semiconductors
MCZ33904B5EK/R2 NXP-MCZ33904B5EK/R2 Datasheet
2Mb / 107P
   SBC Gen2 with CAN high speed and LIN interface
Rev. 14.0, 2/2018
More results

同様の説明 - MCZ33904B5EK

メーカー部品番号データシート部品情報
logo
Freescale Semiconductor...
MCZ33905CS5EK FREESCALE-MCZ33905CS5EK Datasheet
1Mb / 106P
   SBC Gen2 with CAN High Speed and LIN Interface
33903 FREESCALE-33903 Datasheet
2Mb / 104P
   SBC Gen2 with CAN High Speed and LIN Interface
MC33903_4 FREESCALE-MC33903_4_5 Datasheet
1Mb / 106P
   SBC Gen2 with CAN High Speed and LIN Interface
logo
NXP Semiconductors
MC33903 NXP-MC33903 Datasheet
2Mb / 111P
   SBC Gen2 with CAN high speed and LIN interface
Rev. 15.0, 6/2023
logo
Freescale Semiconductor...
MC33905D FREESCALE-MC33905D Datasheet
1Mb / 766P
   SBC Gen2 with CAN High Speed and LIN Interface
logo
NXP Semiconductors
33903 NXP-33903 Datasheet
2Mb / 107P
   SBC Gen2 with CAN high speed and LIN interface
Rev. 14.0, 2/2018
logo
Freescale Semiconductor...
33904 FREESCALE-33904 Datasheet
2Mb / 91P
   System Basis Chip Gen2 with High Speed CAN and LIN Interface
logo
NXP Semiconductors
MC34903 NXP-MC34903 Datasheet
4Mb / 16P
   System Basis Chip with CAN High Speed and LIN Interface
Rev. 4.0, 10/2013
logo
ON Semiconductor
NCV7462 ONSEMI-NCV7462 Datasheet
420Kb / 56P
   LIN/CAN SBC/System-IC
January, 2013 ??Rev. 0
NCV7462 ONSEMI-NCV7462_1 Datasheet
379Kb / 56P
   LIN/CAN SBC/System-IC
June, 2016 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com