データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL28110_1012 データシート(PDF) 4 Page - Intersil Corporation

部品番号 ISL28110_1012
部品情報  Precision Low Noise JFET Operational Amplifiers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28110_1012 データシート(HTML) 4 Page - Intersil Corporation

  ISL28110_1012 Datasheet HTML 1Page - Intersil Corporation ISL28110_1012 Datasheet HTML 2Page - Intersil Corporation ISL28110_1012 Datasheet HTML 3Page - Intersil Corporation ISL28110_1012 Datasheet HTML 4Page - Intersil Corporation ISL28110_1012 Datasheet HTML 5Page - Intersil Corporation ISL28110_1012 Datasheet HTML 6Page - Intersil Corporation ISL28110_1012 Datasheet HTML 7Page - Intersil Corporation ISL28110_1012 Datasheet HTML 8Page - Intersil Corporation ISL28110_1012 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
ISL28110, ISL28210
4
FN6639.1
December 8, 2010
Absolute Voltage Ratings
Thermal Information
Maximum Supply Voltage . . . . . . . . . . . . . . . . . . . . . . 42V
Maximum Supply Turn On Voltage Slew Rate . . . . . . . . 1V/µs
Maximum Differential Input Voltage . . . . . . . . . . . . . . . 33V
Min/Max Input Voltage . . . . . . . . . . . V- - 0.5V to V+ + 0.5V
Max/Min Input Current for Input Voltage >V+ or <V- . .±20mA
Output Short-Circuit Duration
(1 output at a time) . . . . . . . . . . . . . . . . . . . . Indefinite
ESD Ratings
Human Body Model . . . . . . . . . . . . . . . . . . . . . . . 4000V
Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . 400V
Charged Device Model . . . . . . . . . . . . . . . . . . . . . 2000V
Thermal Resistance (Typical)
θJA (°C/W) θJC (°C/W)
8 Ld SOIC (Notes 5, 7)
ISL28110 . . . . . . . . . . . . . . . . .
125
70
ISL28210 . . . . . . . . . . . . . . . . .
120
50
8 Ld TDFN (Notes 4, 6)
ISL28110 . . . . . . . . . . . . . . . . .
48
7.8
ISL28210 . . . . . . . . . . . . . . . . .
46
4.5
8 Ld MSOP (Notes 5, 7)
ISL28110 . . . . . . . . . . . . . . . . .
158
60
Ambient Operating Temperature Range . . . -40°C to +125°C
Storage Temperature Range . . . . . . . . . . . -65°C to +150°C
Operating Junction Temperature . . . . . . . . . . . . . . +150°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact
product reliability and result in failures not covered by warranty.
NOTES:
4. θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach”
features. See Tech Brief TB379.
5. θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief
TB379 for details.
6. For θJC, the “case temp” location is the center of the exposed metal pad on the package underside.
7. For θJC, the “case temp” location is taken at the package top center.
Electrical Specifications VS = ±5V, VCM = 0, VOUT = 0V, TA = +25°C, unless otherwise noted. Boldface limits apply
over the operating temperature range, -40°C to +125°C.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 8)
TYP
MAX
(Note 8) UNITS
INPUT CHARACTERISTICS
VOS
Input Offset Voltage
-300
300
µV
-40°C < TA < +125°C
-1300
1300
µV
TCVOS
Input Offset Voltage
Temperature Coefficient
-40°C < TA < +125°C
110
µV/C
IB
Input Bias Current
ISL28110
-2
±0.3
2
pA
-40°C < TA < +60°C
-5.3
5.3
pA
-40°C < TA < +85°C
-36
36
pA
-40°C < TA < +125°C
-235
235
pA
Input Bias Current
ISL28210
-2
±0.3
2
pA
-40°C < TA < +60°C
-4.5
4.5
pA
-40°C < TA < +85°C
-50
50
pA
-40°C < TA < +125°C
-245
245
pA
IOS
Input Offset Current
ISL28110
-1
±0.15
1
pA
-40°C < TA < +60°C
-2.25
2.25
pA
-40°C < TA < +85°C
-30
30
pA
-40°C < TA < +125°C
-105
105
pA
Input Offset Current
ISL28210
-1
±0.15
1
pA
-40°C < TA < +60°C
-3.5
3.5
pA
-40°C < TA < +85°C
-32
32
pA
-40°C < TA < +125°C
-245
245
pA
CIN-DIFF
Differential Input Capacitance
8.3
pF
ISL28110, ISL28210


同様の部品番号 - ISL28110_1012

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL28110 INTERSIL-ISL28110_11 Datasheet
1Mb / 25P
   Precision Low Noise JFET Operational Amplifiers
More results

同様の説明 - ISL28110_1012

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL28110 INTERSIL-ISL28110 Datasheet
803Kb / 19P
   Precision Low Noise JFET Operational Amplifiers
logo
Renesas Technology Corp
ISL28110 RENESAS-ISL28110 Datasheet
1Mb / 23P
   Precision Low Noise JFET Operational Amplifiers
logo
Intersil Corporation
ISL28110 INTERSIL-ISL28110_11 Datasheet
1Mb / 25P
   Precision Low Noise JFET Operational Amplifiers
ISL28110FBZ INTERSIL-ISL28110FBZ Datasheet
900Kb / 23P
   Precision Low Noise JFET Operational Amplifiers
November 29, 2012
logo
ON Semiconductor
TL071C ONSEMI-TL071C Datasheet
169Kb / 8P
   LOW NOISE, JFET INPUT OPERATIONAL AMPLIFIERS
1997 REV 1
logo
Motorola, Inc
TL071C MOTOROLA-TL071C Datasheet
169Kb / 8P
   LOW NOISE, JFET INPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL071 TI-TL071_10 Datasheet
1Mb / 40P
[Old version datasheet]   LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TL072CDT STMICROELECTRONICS-TL072CDT Datasheet
323Kb / 16P
   Low noise JFET dual operational amplifiers
logo
Texas Instruments
TL074CJ TI1-TL074CJ Datasheet
1Mb / 48P
[Old version datasheet]   LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
TL071 TI-TL071_09 Datasheet
1Mb / 40P
[Old version datasheet]   LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com