データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL12022MIBZ-TR5421 データシート(PDF) 6 Page - Intersil Corporation

部品番号 ISL12022MIBZ-TR5421
部品情報  Low Power RTC with Battery Backed SRAM, Integrated 5ppm
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL12022MIBZ-TR5421 データシート(HTML) 6 Page - Intersil Corporation

Back Button ISL12022MIBZ-TR5421 Datasheet HTML 2Page - Intersil Corporation ISL12022MIBZ-TR5421 Datasheet HTML 3Page - Intersil Corporation ISL12022MIBZ-TR5421 Datasheet HTML 4Page - Intersil Corporation ISL12022MIBZ-TR5421 Datasheet HTML 5Page - Intersil Corporation ISL12022MIBZ-TR5421 Datasheet HTML 6Page - Intersil Corporation ISL12022MIBZ-TR5421 Datasheet HTML 7Page - Intersil Corporation ISL12022MIBZ-TR5421 Datasheet HTML 8Page - Intersil Corporation ISL12022MIBZ-TR5421 Datasheet HTML 9Page - Intersil Corporation ISL12022MIBZ-TR5421 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
ISL12022MR5421
6
FN7576.1
June 4, 2010
ΔFoutI
Oscillator Initial Accuracy
VDD = 3.3V
-3
+3
ppm
5
Temp
Temperature Sensor Accuracy
VDD = VBAT = 3.3V
±2
°C
12
IRQ/FOUT (OPEN DRAIN OUTPUT)
VOL
Output Low Voltage
VDD = 5V, IOL = 3mA
0.4
V
VDD = 2.7V, IOL = 1mA
0.4
V
DC Operating Characteristics RTC Test Conditions: VDD = +2.7 to +5.5V, TA = -40°C to +85°C, unless otherwise
stated. Boldface limits apply over the operating temperature range,
-40°C to +85°C. (Continued)
SYMBOL
PARAMETER
CONDITIONS
MIN
(Note 6)
TYP
(Note 7)
MAX
(Note 6) UNITS NOTES
Power-Down Timing Test Conditions: VDD = +2.7 to +5.5V, Temperature = -40°C to +85°C, unless otherwise stated.
Boldface limits apply over the operating temperature range, -40°C to +85°C.
SYMBOL
PARAMETER
CONDITIONS
MIN
(Note 6)
TYP
(Note 7)
MAX
(Note 6) UNITS
NOTES
VDDSR-
VDD Negative Slew Rate
10
V/ms
11
I2C Interface Specifications Test Conditions: VDD = +2.7 to +5.5V, Temperature = -40°C to +85°C, unless
otherwise specified. Boldface limits apply over the operating temperature range,
-40°C to +85°C.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 6)
TYP
(Note 7)
MAX
(Note 6) UNITS
NOTES
VIL
SDA and SCL Input Buffer
LOW Voltage
-0.3
0.3 x
VDD
V
VIH
SDA and SCL Input Buffer
HIGH Voltage
0.7 x VDD
VDD +
0.3
V
Hysteresis
SDA and SCL Input Buffer
Hysteresis
0.05 x
VDD
V
12, 13
VOL
SDA Output Buffer LOW
Voltage, Sinking 3mA
VDD = 5V, IOL = 3mA
0
0.02
0.4
V
CPIN
SDA and SCL Pin Capacitance TA = +25°C, f = 1MHz,
VDD = 5V, VIN =0V,
VOUT = 0V
10
pF
12, 13
fSCL
SCL Frequency
400
kHz
tIN
Pulse Width Suppression
Time at SDA and SCL Inputs
Any pulse narrower than
the max spec is
suppressed.
50
ns
tAA
SCL Falling Edge to SDA
Output Data Valid
SCL falling edge crossing
30% of VDD, until SDA
exits the 30% to 70% of
VDD window.
900
ns
tBUF
Time the Bus Must be Free
Before the Start of a New
Transmission
SDA crossing 70% of
VDD during a STOP
condition, to SDA
crossing 70% of VDD
during the following
START condition.
1300
ns
tLOW
Clock LOW Time
Measured at the 30% of
VDD crossing.
1300
ns
tHIGH
Clock HIGH Time
Measured at the 70% of
VDD crossing.
600
ns
tSU:STA
START Condition Setup Time SCL rising edge to SDA
falling edge. Both
crossing 70% of VDD.
600
ns
ISL12022MR5421


同様の部品番号 - ISL12022MIBZ-TR5421

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ISL12022MIBZ-TR5421 RENESAS-ISL12022MIBZ-TR5421 Datasheet
1Mb / 31P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
More results

同様の説明 - ISL12022MIBZ-TR5421

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ISL12022M RENESAS-ISL12022M_V01 Datasheet
1Mb / 33P
   Low Power RTC with Battery Backed SRAM, Integrated ±5ppm Temperature Compensation and Auto Daylight Saving
Oct 24, 2019
logo
Intersil Corporation
ISL1218 INTERSIL-ISL1218 Datasheet
351Kb / 21P
   Low Power RTC with Battery Backed SRAM
ISL1208 INTERSIL-ISL1208_06 Datasheet
348Kb / 21P
   Low Power RTC with Battery Backed SRAM
ISL1208IRT8Z INTERSIL-ISL1208IRT8Z Datasheet
406Kb / 24P
   Low Power RTC with Battery Backed SRAM
logo
Renesas Technology Corp
ISL1218 RENESAS-ISL1218 Datasheet
883Kb / 21P
   Low Power RTC with Battery Backed SRAM
ISL12022 RENESAS-ISL12022_V01 Datasheet
1Mb / 32P
   Low Power RTC with Battery-Backed SRAM and Embedded Temp Compensation ±5ppm with Auto Daylight Saving
Oct 24, 2019
logo
Intersil Corporation
ISL1221 INTERSIL-ISL1221 Datasheet
649Kb / 24P
   Low Power RTC with Battery Backed
ISL1209 INTERSIL-ISL1209 Datasheet
416Kb / 24P
   Low Power RTC with Battery Backed SRAM and Event Detection
ISL1219 INTERSIL-ISL1219 Datasheet
643Kb / 24P
   Low Power RTC with Battery Backed SRAM and Event Detection
ISL1209 INTERSIL-ISL1209_06 Datasheet
358Kb / 24P
   Low Power RTC with Battery Backed SRAM and Event Detection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com