データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL33001MSOPEVAL1Z データシート(PDF) 9 Page - Intersil Corporation

部品番号 ISL33001MSOPEVAL1Z
部品情報  I2C Bus Buffer with Rise Time Accelerators and Hot Swap Capability
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL33001MSOPEVAL1Z データシート(HTML) 9 Page - Intersil Corporation

Back Button ISL33001MSOPEVAL1Z Datasheet HTML 5Page - Intersil Corporation ISL33001MSOPEVAL1Z Datasheet HTML 6Page - Intersil Corporation ISL33001MSOPEVAL1Z Datasheet HTML 7Page - Intersil Corporation ISL33001MSOPEVAL1Z Datasheet HTML 8Page - Intersil Corporation ISL33001MSOPEVAL1Z Datasheet HTML 9Page - Intersil Corporation ISL33001MSOPEVAL1Z Datasheet HTML 10Page - Intersil Corporation ISL33001MSOPEVAL1Z Datasheet HTML 11Page - Intersil Corporation ISL33001MSOPEVAL1Z Datasheet HTML 12Page - Intersil Corporation ISL33001MSOPEVAL1Z Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
9
FN7560.2
September 30, 2010
Application Information
The ISL33001, ISL33002, ISL33003 ICs are 2-Wire
Bidirectional Bus Buffers designed to drive heavy
capacitive loads in open-drain/open-collector systems.
The ISL33001, ISL33002, ISL33003 incorporate rise time
accelerator circuitry that improves the rise time for
systems that use a passive pull-up resistor for logic
HIGH. These devices also feature hot swapping circuitry
for applications that require hot insertion of boards into a
host system (i.e., servers racks and I/O card modules).
The ISL33001 features a logic output flag (READY) that
signals the status of the buffer and an EN pin to enable or
disable the buffer. The ISL33002 features two separate
supply pins for voltage level shifting on the I/O pins and
a logic input to disable the rise time accelerator circuitry.
The ISL33003 features an EN pin and the level shifting
functionality.
I2C and SMBUS Compatibility
The ISL33001, ISL33002, ISL33003 ICs are I2C and
SMBUS compatible devices, designed to work in
open-drain/open-collector bus environments. The ICs
support both clock stretching and bus arbitration on the
SDA and SCL pins. They are designed to operate from DC
to more than 400kHz, supporting Fast Mode data rates of
the I2C specification.
In addition, the buffer rise time accelerators are designed
to increase the capacitive drive capability of the bus.
With careful choosing of components, driving a bus with
the I2C specified maximum bus capacitance of 400pF at
400kHz data rate is possible.
Start-Up Sequencing and Hot Swap Circuitry
The ISL33001, ISL33002, ISL33003 buffers contain
undervoltage lock out (UVLO) circuitry that prevents
operation of the buffer until the IC receives the proper
supply voltage. For VCC1 and VCC2, this voltage is
approximately 1.8V on the rising edge of the supply
voltage. Externally driven signals at the SDA/SCL pins
are ignored until the device supply voltage is above 1.8V.
This prevents communication errors on the bus until the
device is properly powered up. The UVLO circuitry is also
triggered on the falling edge when the supply voltage
drops below 1.7V.
Once the IC comes out of the UVLO state, the buffer will
remain disconnected until it detects a valid connection
state. A valid connection state is either a BUS IDLE
condition (see Figure 2) or a STOP BIT condition (a rising
edge on SDA_IN when SCL_IN is high) along with the
SCL_OUT and SDA_OUT pins being logic high.
Note - For the ISL33001 and ISL33003 with EN pins,
after coming out of UVLO, there will be an additional
delay from the enable circuitry if the EN pin voltage is not
rising at the same time as the supply pins (see Figure 1)
before a valid connection state can be established.
FIGURE 8. CIRCUIT BLOCK DIAGRAM
U1
U2
M1
M2
LOGIC CONTROL
START-UP CIRCUITRY
PRECHARGE
CIRCUIT
RISE TIME
ACCELERATOR
SDA_OUT
SDA_IN
VCC1
EN
VCC2
ACC
READY
U3
U4
M3
M4
SCL_OUT
SCL_IN
M5
ISL33001 and ISL33003
ISL33001 only
ISL33002 only
ISL33002 and ISL33003
ISL33001, ISL33002, ISL33003


同様の部品番号 - ISL33001MSOPEVAL1Z

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL33001MSOPEVAL1Z INTERSIL-ISL33001MSOPEVAL1Z Datasheet
636Kb / 18P
   I2C Bus Buffer with Rise Time Accelerators and Hot Swap Capability
July 11, 2014
logo
Renesas Technology Corp
ISL33001MSOPEVAL1Z RENESAS-ISL33001MSOPEVAL1Z Datasheet
1Mb / 18P
   I2C Bus Buffer with Rise Time Accelerators and Hot Swap Capability
More results

同様の説明 - ISL33001MSOPEVAL1Z

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ISL33001 RENESAS-ISL33001 Datasheet
1Mb / 18P
   I2C Bus Buffer with Rise Time Accelerators and Hot Swap Capability
logo
Intersil Corporation
ISL33001IRTZ INTERSIL-ISL33001IRTZ Datasheet
636Kb / 18P
   I2C Bus Buffer with Rise Time Accelerators and Hot Swap Capability
July 11, 2014
logo
Texas Instruments
TCA9416 TI-TCA9416_V02 Datasheet
1Mb / 30P
[Old version datasheet]   TCA9416 Ultra-Low-Voltage I2C Translator with Rise Time Accelerators
REVISED AUGUST 2021
TCA9416 TI-TCA9416_V03 Datasheet
1Mb / 30P
[Old version datasheet]   TCA9416 Ultra-Low-Voltage I2C Translator with Rise Time Accelerators
logo
NXP Semiconductors
PCA9510A PHILIPS-PCA9510A Datasheet
140Kb / 23P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 01-8 September 2005
PCA9511A NXP-PCA9511A Datasheet
156Kb / 24P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 04-19 August 2009
PCA9513A NXP-PCA9513A Datasheet
172Kb / 26P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 04-18 August 2009
PCA9510A NXP-PCA9510A Datasheet
153Kb / 24P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 04-18 August 2009
PCA9511A PHILIPS-PCA9511A Datasheet
144Kb / 23P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 01-15 August 2005
PCA9514A PHILIPS-PCA9514A Datasheet
154Kb / 25P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 01-11 October 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com