データシートサーチシステム |
|
ISL33002MSOPEVAL1Z データシート(PDF) 4 Page - Intersil Corporation |
|
ISL33002MSOPEVAL1Z データシート(HTML) 4 Page - Intersil Corporation |
4 / 19 page 4 FN7560.2 September 30, 2010 Absolute Maximum Ratings (All voltages referenced to GND) Thermal Information VCC1, VCC2 . . . . . . . . . . . . . . . . . . . . . . . . . .-0.3V to +7V SDA_IN, SCL_IN . . . . . . . . . . . . . -0.3V to +(VCC1 + 0.3)V SDA_OUT, SCL_OUT . . . . . . . . . . . -0.3V to +(VCC2 + 0.3)V ENABLE, READY, ACC . . . . . . . . . . -0.3V to +(VCC1 + 0.3)V Maximum Sink Current (SDA and SCL Pins). . . . . . . . . 20mA Maximum Sink Current (READY pin) . . . . . . . . . . . . . . .7mA Latch-Up Tested per JESD78, Level 2, Class A . . . . . . . 85°C ESD Ratings. . . . . . . . . . See “ESD PROTECTION” on page 5 Thermal Resistance θJA (°C/W) θJC (°C/W) 8 Ld TDFN Package (Notes 5, 6) . . . 47 4 (0.50mm Pitch) 8 Ld TDFN Package (Notes 5, 6) . . . 48 6 (0.65mm Pitch) 8 Ld MSOP Package (Notes 4, 7) . . . 151 50 8 Ld SOIC Package (Notes 4, 7). . . . 120 56 Maximum Storage Temperature Range . . . -65°C to +150°C Maximum Junction Temperature . . . . . . . . . . . . . . . +150°C Pb-free Reflow Profile . . . . . . . . . . . . . . . . . .see link below http://www.intersi.com/pbfree/Pb-FreeReflow.asp Operating Conditions Temperature Range, TA . . . . . . . . . . . . . . . -40°C to +85°C VCC1 and VCC2 Supply Voltage Range . . . . . +2.3V to +5.5V CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and result in failures not covered by warranty. NOTES: 4. θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB7379 for details. 5. θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See Tech Brief TB379. 6. For θJC, the “case temp” location is the center of the exposed metal pad on the package underside. 7. For θJC, the “case temp” location is taken at the package top center. Electrical Specifications VEN = VCC1, VCC1 = +2.3V to +5.5V, VCC2 = +2.3V to +5.5V, unless otherwise noted (Note 8). Boldface limits apply over the operating temperature range, -40°C to +85°C. PARAMETER SYMBOL CONDITIONS TEMP (°C) MIN (Note 9) TYP MAX (Note 9) UNITS POWER SUPPLIES VCC1 Supply Range VCC1 Full 2.3 - 5.5 V VCC2 Supply Range VCC2 ISL33002 and ISL33003 Full 2.3 - 5.5 V Supply Current from VCC1 ICC1 VCC1 = 5.5V; ISL33001 only (Note 11) Full - 2.1 4.0 mA VCC1 = VCC2 = 5.5V; ISL33002 and ISL33003 (Note 11) Full - 2.0 3.0 mA Supply Current from VCC2 ICC2 VCC2 = VCC = 5.5V; ISL33002 and ISL33003 (Note 11) Full - 0.22 0.6 mA VCC1 Shut-down Supply Current ISHDN1 VCC1 = 5.5V, VEN = GND; ISL33001 only Full - 0.5 - µA VCC1 = VCC2 = 5.5V, VEN = GND; ISL33003 only Full - 0.05 - µA VCC2 Shut-down Supply Current ISHDN2 VCC1 = VCC2 = 5.5V, VEN = GND, ISL33003 only Full - 0.06 - µA START-UP CIRCUITRY Precharge Circuitry Voltage VPRE SDA and SCL pins floating Full 0.8 1 1.2 V Enable High Threshold Voltage VEN_H +25 - 0.5*VCC 0.7*VCC V Enable Low Threshold Voltage VEN_L +25 0.3*VCC 0.5*VCC -V Enable Pin Input Current IEN Enable from 0V to VCC1; ISL33001 and ISL33003 Full -1 0.1 1 µA ISL33001, ISL33002, ISL33003 |
同様の部品番号 - ISL33002MSOPEVAL1Z |
|
同様の説明 - ISL33002MSOPEVAL1Z |