データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL54228 データシート(PDF) 5 Page - Intersil Corporation

部品番号 ISL54228
部品情報  High-Speed USB 2.0 (480Mbps) DPST Switch with Overvoltage Protection (OVP)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54228 データシート(HTML) 5 Page - Intersil Corporation

  ISL54228 Datasheet HTML 1Page - Intersil Corporation ISL54228 Datasheet HTML 2Page - Intersil Corporation ISL54228 Datasheet HTML 3Page - Intersil Corporation ISL54228 Datasheet HTML 4Page - Intersil Corporation ISL54228 Datasheet HTML 5Page - Intersil Corporation ISL54228 Datasheet HTML 6Page - Intersil Corporation ISL54228 Datasheet HTML 7Page - Intersil Corporation ISL54228 Datasheet HTML 8Page - Intersil Corporation ISL54228 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
ISL54228
5
FN7628.0
July 29, 2010
OVERVOLTAGE PROTECTION DETECTION
Positive Fault-Protection Trip
Threshold, VPFP
VDD = 2.7V to 5.25V, OE = VDD
(see Table 1 on page 3)
25
3.62
3.8
3.95
V
Negative Fault-Protection Trip
Threshold, VNFP
VDD = 2.7V to 5.25V, OE = VDD
(see Table 1 on page 3)
25
-0.6
-0.45
-0.29
V
OFF Persistence Time
Fault Protection Response Time
Negative OVP Response: VDD = 2.7V,
SEL = 0V or VDD, OE = VDD, VDx = 0V to
-5V, RL = 15kΩ
25
-
102
-
ns
Positive OVP Response: VDD = 2.7V,
SEL = 0V or VDD, OE = VDD, VDx = 0V to
5.25V, RL = 15kΩ
25
-
2
-
µs
ON Persistence Time
Fault Protection Recovery Time
VDD = 2.7V, OE = VDD, VDx = 0V to 5.25V
or 0V to -5V, RL = 15kΩ
25
-
45
-
µs
DYNAMIC CHARACTERISTICS
Turn-ON Time, tON
VDD = 3.3V, Vinput = 3V, RL = 50Ω,
CL = 50pF (see Figure 1)
25
-
160
-
ns
Turn-OFF Time, tOFF
VDD = 3.3V, Vinput = 3V, RL = 50Ω,
CL = 50pF (see Figure 1)
25
-
60
-
ns
Skew, (tSKEWOUT - tSKEWIN) VDD = 3.3V, OE = 3.3V, RL = 45Ω,
CL = 10pF, tR = tF = 500ps at 480Mbps,
(Duty Cycle = 50%) (see Figure 5)
25
-
50
-
ps
Rise/Fall Degradation
(Propagation Delay), tPD
VDD = 3.3V, OE = 3.3V, RL = 45Ω,
CL = 10pF, (see Figure 5)
25
-
250
-
ps
Crosstalk
VDD = 3.3V, RL = 50Ω, f = 240MHz
(see Figure 4)
25
-
-39
-
dB
OFF-Isolation
VDD = 3.3V, OE = 0V, RL = 50Ω, f = 240MHz 25
-
-23
-
dB
-3dB Bandwidth
Signal = 0dBm, 0.2VDC offset, RL = 50Ω 25
-
790
-
MHz
OFF Capacitance, COFF
f = 1MHz, VDD = 3.3V, LP = 0V, OE = 0V
(Figure 3)
25
-
2.5
-
pF
COM ON Capacitance, C(ON) f = 1MHz, VDD = 3.3V, LP = 0V, OE = 3.3V
(Figure 3)
25
-
4
-
pF
COM ON Capacitance, C(ON) f = 240MHz, VDD = 3.3V, LP = 0V, OE = 3.3V 25
-
2
-
pF
POWER SUPPLY CHARACTERISTICS
Power Supply Range, VDD
Full
2.7
5.25
V
Positive Supply Current, IDD VDD = 5.25V, OE = 5.25V, LP = GND
25
-
45
56
µA
Full
-
-
59
µA
Positive Supply Current, IDD VDD = 3.6V, OE = 3.6V, LP = GND
25
-
23
30
µA
Full
-
-
34
µA
Positive Supply Current, IDD
(Low Power State)
VDD = 3.6V, OE = 0V, LP = VDD
25
-
5
6
µA
Full
-
-
10
µA
Positive Supply Current, IDD VDD = 4.3V, OE = 2.6V, LP = GND
25
-
35
45
µA
Full
-
-
50
µA
Electrical Specifications - 2.7V to 5.25V Supply Test Conditions: VDD = +3.3V, GND = 0V, VLP = GND,
VOEH =1.4V, VOEL = 0.5V, (Note 9), Unless Otherwise Specified. Boldface limits apply over the operating temperature
range, -40°C to +85°C. (Continued)
PARAMETER
TEST CONDITIONS
TEMP
(°C)
MIN
(Notes 10, 11) TYP
MAX
(Notes 10, 11) UNITS
ISL54228


同様の部品番号 - ISL54228

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL54228 INTERSIL-ISL54228 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL54228 RENESAS-ISL54228 Datasheet
1Mb / 17P
   High-Speed USB 2.0 (480Mbps) DPST Switch with Overvoltage Protection (OVP)
ISL54228IRTZ-T RENESAS-ISL54228IRTZ-T Datasheet
1Mb / 17P
   High-Speed USB 2.0 (480Mbps) DPST Switch with Overvoltage Protection (OVP)
ISL54228IRTZ-T7A RENESAS-ISL54228IRTZ-T7A Datasheet
1Mb / 17P
   High-Speed USB 2.0 (480Mbps) DPST Switch with Overvoltage Protection (OVP)
ISL54228IRUZ-T RENESAS-ISL54228IRUZ-T Datasheet
1Mb / 17P
   High-Speed USB 2.0 (480Mbps) DPST Switch with Overvoltage Protection (OVP)
More results

同様の説明 - ISL54228

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ISL54228 RENESAS-ISL54228 Datasheet
1Mb / 17P
   High-Speed USB 2.0 (480Mbps) DPST Switch with Overvoltage Protection (OVP)
ISL54227 RENESAS-ISL54227 Datasheet
1Mb / 18P
   High-Speed USB 2.0 (480Mbps) DPST Switch with Overvoltage Protection (OVP) and Dedicated Charger Port Detection
ISL54225 RENESAS-ISL54225 Datasheet
1Mb / 18P
   High-Speed USB 2.0 (480Mbps) Multiplexer with Overvoltage Protection (OVP)
logo
Intersil Corporation
ISL54226 INTERSIL-ISL54226_10 Datasheet
784Kb / 18P
   High-Speed USB 2.0 (480Mbps) DPST Switch with Overvoltage Protection (OVP) and Dedicated Charger Port Detection
ISL54227 INTERSIL-ISL54227_10 Datasheet
785Kb / 18P
   High-Speed USB 2.0 (480Mbps) DPST Switch with Overvoltage Protection (OVP) and Dedicated Charger Port Detection
logo
Renesas Technology Corp
ISL54226 RENESAS-ISL54226 Datasheet
1Mb / 17P
   High-Speed USB 2.0 (480Mbps) DPST Switch with Overvoltage Protection (OVP) and Dedicated Charger Port Detection
logo
Intersil Corporation
ISL54225 INTERSIL-ISL54225_10 Datasheet
758Kb / 18P
   High-Speed USB 2.0 (480Mbps) Multiplexer with Overvoltage Protection (OVP)
logo
Renesas Technology Corp
ISL54224 RENESAS-ISL54224 Datasheet
1,019Kb / 18P
   High-Speed USB 2.0 (480Mbps) Multiplexer with Overvoltage Protection (OVP) and Overvoltage Indicator Output
logo
Intersil Corporation
ISL54224 INTERSIL-ISL54224 Datasheet
807Kb / 18P
   High-Speed USB 2.0 (480Mbps) Multiplexer with Overvoltage Protection (OVP) and Overvoltage Indicator Output
logo
ON Semiconductor
NLAS7213 ONSEMI-NLAS7213_14 Datasheet
264Kb / 9P
   High-Speed USB 2.0 DPST Switch
November, 2014 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com