データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL12022 データシート(PDF) 10 Page - Intersil Corporation

部品番号 ISL12022
部品情報  Real Time Clock with On Chip 짹5ppm Temp Compensation
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL12022 データシート(HTML) 10 Page - Intersil Corporation

Back Button ISL12022 Datasheet HTML 6Page - Intersil Corporation ISL12022 Datasheet HTML 7Page - Intersil Corporation ISL12022 Datasheet HTML 8Page - Intersil Corporation ISL12022 Datasheet HTML 9Page - Intersil Corporation ISL12022 Datasheet HTML 10Page - Intersil Corporation ISL12022 Datasheet HTML 11Page - Intersil Corporation ISL12022 Datasheet HTML 12Page - Intersil Corporation ISL12022 Datasheet HTML 13Page - Intersil Corporation ISL12022 Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
10
FN6659.2
June 23, 2009
Power Failure Detection
The ISL12022 provides a Real Time Clock Failure Bit
(RTCF) to detect total power failure. It allows users to
determine if the device has powered up after having lost all
power to the device (both VDD and VBAT).
Brownout Detection
The ISL12022 monitors the VDD level continuously and
provides warning if the VDD level drops below prescribed
levels. There are six (6) levels that can be selected for the
trip level. These values are 85% below popular VDD levels.
The LVDD bit in the Status Register will be set to “1” when
brownout is detected. Note that the I2C serial bus remains
active unless the Battery VTRIP levels are reached.
Battery Level Monitor
The ISL12022 has a built in warning feature once the
Back-up battery level drops first to 85% and then to 75% of
the battery’s nominal VBAT level. When the battery voltage
drops to between 85% and 75%, the LBAT85 bit is set in the
status register. When the level drops below 75%, both
LBAT85 and LBAT75 bits are set in the status register.
The battery level monitor is not functional in battery backup
mode. In order to read the monitor bits after powering up
VDD, instigate a battery level measurement by setting the
TSE bit to "1" (BETA register), and then read the bits.
There is a Battery Time Stamp Function available. Once the
VDD is low enough to enable switchover to the battery, the
RTC time/date are written into the TSV2B register. This
information can be read from the TSV2B registers to
discover the point in time of the VDD power-down. If there
are multiple power-down cycles before reading these
registers, the first values stored in these registers will be
retained. These registers will hold the original power-down
value until they are cleared by setting CLRTS = 1 to clear the
registers.
The normal power switching of the ISL12022 is designed to
switch into battery-backup mode only if the VDD power is
lost. This will ensure that the device can accept a wide range
of backup voltages from many types of sources while reliably
switching into backup mode.
Note that the ISL12022 is not guaranteed to operate with
VBAT < 1.8V. If the battery voltage is expected to drop lower
than this minimum, correct operation of the device,
especially after a VDD power-down cycle, is not guaranteed.
The minimum VBAT to insure SRAM is stable is 1.0V. Below
that, the SRAM may be corrupted when VDD power resumes.
Real Time Clock Operation
The Real Time Clock (RTC) uses an external 32.768kHz
quartz crystal to maintain an accurate internal representation
of second, minute, hour, day of week, date, month, and year.
The RTC also has leap-year correction. The clock also
corrects for months having fewer than 31 days and has a bit
that controls 24-hour or AM/PM format. When the ISL12022
powers up after the loss of both VDD and VBAT, the clock will
not begin incrementing until at least one byte is written to the
clock register.
Single Event and Interrupt
The alarm mode is enabled via the MSB bit. Choosing single
event or interrupt alarm mode is selected via the IM bit. Note
that when the frequency output function is enabled, the
alarm function is disabled.
The standard alarm allows for alarms of time, date, day of
the week, month, and year. When a time alarm occurs in
single event mode, the IRQ/FOUT pin will be pulled low and
the alarm status bit (ALM) will be set to “1”.
The pulsed interrupt mode allows for repetitive or recurring
alarm functionality. Hence, once the alarm is set, the device
will continue to alarm for each occurring match of the alarm
and present time. Thus, it will alarm as often as every minute
(if only the nth second is set) or as infrequently as once a
year (if at least the nth month is set). During pulsed interrupt
mode, the IRQ/FOUT pin will be pulled low for 250ms and
the alarm status bit (ALM) will be set to “1”.
The ALM bit can be reset by the user or cleared automatically
using the auto reset mode (see ARST bit). The alarm function
can be enabled/disabled during battery-backup mode using
the FOBATB bit. For more information on the alarm, please
see “ALARM Registers (10h to 15h)” on page 19.
Frequency Output Mode
The ISL12022 has the option to provide a clock output signal
using the IRQ/FOUT open drain output pin. The frequency
output mode is set by using the FO bits to select 15 possible
output frequency values from 1/32Hz to 32kHz. The
frequency output can be enabled/disabled during
battery-backup mode using the FOBATB bit.
General Purpose User SRAM
The ISL12022 provides 128 bytes of user SRAM. The SRAM
will continue to operate in battery-backup mode. However, it
should be noted that the I2C bus is disabled in
battery-backup mode.
I2C Serial Interface
The ISL12022 has an I2C serial bus interface that provides
access to the control and status registers and the user
SRAM. The I2C serial interface is compatible with other
industry I2C serial bus protocols using a bi-directional data
signal (SDA) and a clock signal (SCL).
Oscillator Compensation
The ISL12022 provides both initial timing correction and
temperature correction due to variation of the crystal
oscillator. Analog and digital trimming control is provided for
initial adjustment, and a temperature compensation function
is provided to automatically correct for temperature drift of
ISL12022


同様の部品番号 - ISL12022

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL12022 INTERSIL-ISL12022 Datasheet
768Kb / 6P
   High-Accuracy RTC Modules, Feature-Rich RTCs
ISL12022 INTERSIL-ISL12022 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL12022 RENESAS-ISL12022 Datasheet
1Mb / 29P
   Low Power RTC with Battery-Backed SRAM and Embedded Temp Compensation 짹5ppm with Auto Daylight Saving
ISL12022 RENESAS-ISL12022 Datasheet
1Mb / 32P
   Low Power RTC with Battery-Backed SRAM and Embedded Temp Compensation ±5ppm with Auto Daylight Saving
Oct 24, 2019
ISL12022IBZ RENESAS-ISL12022IBZ Datasheet
1Mb / 29P
   Low Power RTC with Battery-Backed SRAM and Embedded Temp Compensation 짹5ppm with Auto Daylight Saving
More results

同様の説明 - ISL12022

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL12021 INTERSIL-ISL12021 Datasheet
311Kb / 24P
   Real Time Clock with On Chip Temp Compensation 짹5ppm
logo
Maxim Integrated Produc...
DS3231M MAXIM-DS3231M Datasheet
1Mb / 20P
   짹5ppm, I2C Real-Time Clock
19-5312; Rev 0; 6/10
logo
Intersil Corporation
ISL12022M INTERSIL-ISL12022M Datasheet
376Kb / 27P
   Real Time Clock with Embedded Crystal, 짹5ppm Accuracy
logo
Maxim Integrated Produc...
MAX31343 MAXIM-MAX31343 Datasheet
1Mb / 40P
   짹5ppm, I2C Real-Time Clock with Integrated MEMS Oscillator
2021
logo
Dallas Semiconductor
DS1285 DALLAS-DS1285 Datasheet
21Kb / 1P
   Real Time Clock
logo
Toshiba Semiconductor
TC8521AP TOSHIBA-TC8521AP Datasheet
863Kb / 25P
   REAL TIME CLOCK ?
logo
RICOH electronics devic...
RP5C15 RICOH-RP5C15 Datasheet
137Kb / 12P
   REAL-TIME CLOCK
logo
Epson ToYoCom
RTC-63421 EPSONTOYOCOM-RTC-63421 Datasheet
413Kb / 2P
   Real time clock
logo
Golledge Electronics Lt...
RV8564C3 GOLLEDGE-RV8564C3 Datasheet
128Kb / 1P
   Real Time Clock
RV8564C2 GOLLEDGE-RV8564C2 Datasheet
62Kb / 1P
   Real Time clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com