データシートサーチシステム |
|
ISL12022IBZ データシート(PDF) 3 Page - Intersil Corporation |
|
ISL12022IBZ データシート(HTML) 3 Page - Intersil Corporation |
3 / 28 page 3 FN6659.2 June 23, 2009 Absolute Maximum Ratings Thermal Information Voltage on VDD, VBAT and IRQ/FOUT pins (respect to ground) . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 6.0V Voltage on SCL and SDA pins (respect to ground) . . . . . . . . . . . . . . . . . . . . . -0.3V to VDD +0.3V Voltage on X1 and X2 pins (respect to ground) . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 2.5V ESD Rating Human Body Model (Per MIL-STD-883 Method 3014) . . . . .>3kV Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .>300V Thermal Resistance (Typical, Note 1) θJA (°C/W) 8 Ld SOIC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 110 Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . -65°C to +150°C Pb-free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . .see link below http://www.intersil.com/pbfree/Pb-FreeReflow.asp CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and result in failures not covered by warranty. NOTE: 1. θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details. DC Operating Characteristics - RTC Test Conditions: VDD = +2.7 to +5.5V, TA = -40°C to +85°C, unless otherwise stated. SYMBOL PARAMETER CONDITIONS MIN (Note 9) TYP (Note 5) MAX (Note 9) UNITS NOTES VDD Main Power Supply (Note 11) 2.7 5.5 V VBAT Battery Supply Voltage (Note 11) 1.8 5.5 V 2 IDD1 Supply Current. (I2C not Active, Temperature Conversion not Active, FOUT not Active) VDD = 5V 4.1 7 µA 3, 4 VDD = 3V 3.5 6 µA 3, 4 IDD2 Supply Current. (I2C Active, Temperature Conversion not Active, FOUT not Active) VDD = 5V 200 500 µA 3, 4 IDD3 Supply Current. (I2C not Active, Temperature Conversion Active, FOUT not Active) VDD = 5V 120 400 µA 3, 4 IBAT Battery Supply Current VDD = 0V, VBAT = 3V, TA = +25°C 1.0 1.6 µA 3 VDD = 0V, VBAT = 3V 1.0 5.0 µA 3 IBATLKG Battery Input Leakage VDD = 5.5V, VBAT = 1.8V 100 nA ILI Input Leakage Current on SCL VIL = 0V, VIH = 5.5V -1.0 ±0.1 1.0 µA ILO I/O Leakage Current on SDA VIL = 0V, VIH = 5.5V -1.0 ±0.1 1.0 µA VBATM Battery Level Monitor Threshold -100 +100 mV VPBM Brownout Level Monitor Threshold -100 +100 mV VTRIP VBAT Mode Threshold (Note 11) 2.0 2.2 2.4 V VTRIPHYS VTRIP Hysteresis 30 mV 7 VBATHYS VBAT Hysteresis 50 mV 7 ΔFoutT Oscillator Stability vs Temperature VDD = 3.3V -5 +5 ppm 10 ΔFoutV Oscillator Stability vs Voltage 2.7V ≤ VDD ≤ 5.5V -3 +3 ppm 10 ΔAT LSB AT Sensitivity per LSB BETA (4:0) = 10000 0.5 1 2 ppm 10 Temp Temperature Sensor Accuracy VDD = VBAT = 3.3V ±2 °C 7 IRQ/FOUT (OPEN DRAIN OUTPUT) VOL Output Low Voltage VDD = 5.5V, IOL = 3mA 0.4 V VDD = 2.7V, IOL = 1mA 0.4 V ISL12022 |
同様の部品番号 - ISL12022IBZ |
|
同様の説明 - ISL12022IBZ |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |