データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL25700FRUZ-T データシート(PDF) 6 Page - Intersil Corporation

部品番号 ISL25700FRUZ-T
部品情報  Programmable Temperature Controlled MOSFET Driver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL25700FRUZ-T データシート(HTML) 6 Page - Intersil Corporation

Back Button ISL25700FRUZ-T Datasheet HTML 2Page - Intersil Corporation ISL25700FRUZ-T Datasheet HTML 3Page - Intersil Corporation ISL25700FRUZ-T Datasheet HTML 4Page - Intersil Corporation ISL25700FRUZ-T Datasheet HTML 5Page - Intersil Corporation ISL25700FRUZ-T Datasheet HTML 6Page - Intersil Corporation ISL25700FRUZ-T Datasheet HTML 7Page - Intersil Corporation ISL25700FRUZ-T Datasheet HTML 8Page - Intersil Corporation ISL25700FRUZ-T Datasheet HTML 9Page - Intersil Corporation ISL25700FRUZ-T Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
ISL25700
6
FN6885.0
September 3, 2010
VDAC_OFFSET Offset
DAC register set to 0, No load
0
0.2
1
LSB
(Note 7)
ROUT
DAC Output Impedance
350
Ω
PSRR
Power Supply Rejection Ratio DAC at middle scale, frequency
from 0Hz to 25kHz
-85
dB
TCV
(Notes 10,
11)
Temperature Coefficient
DAC register set between 20 hex
and FF hex
±45
ppm/°C
Analog Specifications Over recommended operating conditions unless otherwise stated. Boldface limits apply over
the operating temperature range, -40°C to +125°C. (Continued)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 13)
TYP
(Note 6)
MAX
(Note 13) UNITS
Operating Specifications Over the recommended operating conditions unless otherwise specified. Boldface limits
apply over the operating temperature range, -40°C to +125°C.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 13)
TYP
(Note 6)
MAX
(Note 13) UNITS
IDD1
VDD Supply Current
(Non-Volatile Write/read)
fSCL = 400kHz; SDA = Open;
(for I2C, Active, Read and Write
States) IPMOS = 0mA, DAC unload
4
mA
IDD2
VDD Supply Current
(Volatile Write/read)
IPMOS = 0mA, DAC unload
2.8
mA
ILkgDig
Leakage Current, at SDA and
SCL Pins
Voltage at pin from GND to VCC
-2
2
μA
tDAC
(Note 11)
DAC Settling Time
From bus STOP condition to VDAC
change
3
μs
VPOR
Power-On Recall Voltage
Minimum VDD at which memory recall
occurs
2.5
2.9
V
VDD Ramp VDD Ramp Rate
@ any level from 0V to 15V
0.2
50
V/ms
tD
(Note 11)
Power-Up Delay
VDD above VPOR, to DAC Register recall
completed, and I2C Interface in
standby state
1
ms
EEPROM SPECIFICATIONS
EEPROM Endurance
10,000
Cycles
EEPROM Retention
Temperature ≤ +55°C
50
Years
Temperature ≤ +125°C
10
Years
SERIAL INTERFACE SPECIFICATIONS
VI2C
I2C Bus Voltage
VI2C ≤ VDD
2.7
5.5
V
VIL
SDA, and SCL Input Buffer
LOW Voltage
VI2C from 2.7V to 5.5V
0.8
V
VIH
SDA, and SCL Input Buffer
HIGH Voltage
VI2C from 2.7V to 5.5V
1.4
V
Hysteresis
(Note 11)
SDA and SCL Input Buffer
Hysteresis
0.05*VI2C
V
VOL
(Note 11)
SDA Output Buffer LOW
Voltage, Sinking 4mA
0
0.4
V
Cpin
(Note 11)
SDA, and SCL Pin Capacitance
10
pF
fSCL
SCL Frequency
400
kHz
tIN
(Note 11)
Pulse Width Suppression Time
at SDA and SCL Inputs
Any pulse narrower than the max spec
is suppressed
50
ns


同様の部品番号 - ISL25700FRUZ-T

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ISL25700FRUZ-T RENESAS-ISL25700FRUZ-T Datasheet
973Kb / 18P
   Programmable Temperature Controlled MOSFET Driver
ISL25700FRUZ-T7A RENESAS-ISL25700FRUZ-T7A Datasheet
973Kb / 18P
   Programmable Temperature Controlled MOSFET Driver
ISL25700FRUZ-TK RENESAS-ISL25700FRUZ-TK Datasheet
973Kb / 18P
   Programmable Temperature Controlled MOSFET Driver
More results

同様の説明 - ISL25700FRUZ-T

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ISL25700 RENESAS-ISL25700 Datasheet
973Kb / 18P
   Programmable Temperature Controlled MOSFET Driver
logo
Allegro MicroSystems
A3985 ALLEGRO-A3985 Datasheet
446Kb / 15P
   Digitally Programmable Dual Full-Bridge MOSFET Driver
logo
Linear Technology
LT3597 LINER-LT3597 Datasheet
441Kb / 24P
   60V Triple Step-Down LED Driver Programmable Temperature Protection
logo
Maxim Integrated Produc...
MAX16816 MAXIM-MAX16816 Datasheet
341Kb / 33P
   Programmable Switch-Mode LED Driver with Analog-Controlled PWM Dimming
Rev 0; 1/08
logo
Texas Instruments
LP5522 TI1-LP5522 Datasheet
797Kb / 17P
[Old version datasheet]   Programmable LED Driver
logo
National Semiconductor ...
LP5522 NSC-LP5522 Datasheet
255Kb / 14P
   Programmable LED Driver
logo
List of Unclassifed Man...
MN2020 ETC-MN2020 Datasheet
973Kb / 6P
   Digitally Controlled Programmable-Gain Amplifier
logo
Epson Company
VG7050EAN EPSON-VG7050EAN Datasheet
427Kb / 3P
   Programmable Voltage Controlled Oscillator (VCXO)
VG7050ECN-SM20T007 EPSON-VG7050ECN-SM20T007 Datasheet
808Kb / 3P
   Programmable Voltage Controlled Oscillator (VCXO)
logo
API Technologies Corp
MN2020 APITECH-MN2020 Datasheet
979Kb / 6P
   Digitally Controlled Programmable-Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com