データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FAN4800IMX データシート(PDF) 11 Page - Fairchild Semiconductor

部品番号 FAN4800IMX
部品情報  Low Start-Up Current PFC/PWM Controller Combos
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN4800IMX データシート(HTML) 11 Page - Fairchild Semiconductor

Back Button FAN4800IMX Datasheet HTML 7Page - Fairchild Semiconductor FAN4800IMX Datasheet HTML 8Page - Fairchild Semiconductor FAN4800IMX Datasheet HTML 9Page - Fairchild Semiconductor FAN4800IMX Datasheet HTML 10Page - Fairchild Semiconductor FAN4800IMX Datasheet HTML 11Page - Fairchild Semiconductor FAN4800IMX Datasheet HTML 12Page - Fairchild Semiconductor FAN4800IMX Datasheet HTML 13Page - Fairchild Semiconductor FAN4800IMX Datasheet HTML 14Page - Fairchild Semiconductor FAN4800IMX Datasheet HTML 15Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
© 2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN4800 Rev. 1.0.5
11
Figure 7. PFC Section Block Diagram
1.6 Error Amplifier Compensation
The PWM loading of the PFC can be modeled as a neg-
ative resistor because an increase in the input voltage to
the PWM causes a decrease in the input current. This
response dictates the proper compensation of the two
transconductance error amplifiers.
Figure 8 shows the types of compensation networks
most commonly used for the voltage and current error
amplifiers, along with their respective return points. The
current-loop compensation is returned to VREF to pro-
duce a soft-start characteristic on the PFC: As the refer-
ence
voltage
increases
from
0V,
it
creates
a
differentiated voltage on IEAO, which prevents the PFC
from immediately demanding a full duty cycle on its
boost converter.
1.7 PFC Voltage Loop
There are two major concerns when compensating the
voltage loop error amplifier (VEAO); stability and transient
response. Optimizing interaction between transient
response and stability requires that the error amplifier’s
open-loop crossover frequency half that of the line fre-
quency, or 23Hz for a 47Hz line (lowest anticipated inter-
national power frequency). The gain vs. input voltage of
the FAN4800’s voltage error amplifier (VEAO) has a spe-
cially shaped non-linearity, so that under steady-state
operating conditions, the transconductance of the error
amplifier is at a local minimum. Rapid perturbation in line
or load conditions causes the input to the voltage error
amplifier (VFB) to deviate from its 2.5V (nominal) value. If
this happens, the transconductance of the voltage error
amplifier increases significantly, as shown in the Figure
4. This raises the gain-bandwidth product of the voltage
loop, resulting in a much more rapid voltage loop
response to such perturbations than would occur with
conventional linear gain characteristics.
The Voltage loop gain(s) is given by:
where:
ZC:
Compensation network for the voltage loop.
GMV:
Transconductance of VEAO.
PIN:
Average PFC input power.
V2OUTDC: PFC boost output voltage (typical designed
value is 380V).
CDC:
PFC boost output capacitor.
1.8 PFC Current Loop
The compensation of the current amplifier (IEAO) is simi-
lar to that of the voltage error amplifier (VEAO) with the
exception of the choice of crossover frequency. The
crossover frequency of the current amplifier should be at
least ten times that of the voltage amplifier to prevent
interaction with the voltage loop. It should also be limited
to less than one sixth of the switching frequency, e.g.,
16.7kHz for a 100kHz switching frequency.
The current loop gain(s) is given by:
RAMP1
OSCILLATOR
4
3
15
2
POWER FACTOR CORRECTOR
GAIN
MODULATOR
V
FB
7.5V
REFERENCE
7
S
R
Q
S
R
Q
I
EAO
V
EAO
PFC OUT
2.78V
-1V
12
14
0.3V
Low Power
Detector
V
CC
TRI-FAULT
V
CC OVP
PFC OVP
PFC CMP
CLK
13
1
16
3.5k
3.5k
2.5V
I
AC
I
SENSE
V
RMS
0.5V
17.9V
PFC I
LIMIT
V
CC
V
REF
FAN4800 Rev.02
(6)
OUT
EAO
FB
EAO
OUT
FB
IN
VC
OUTDC
EAO
DC
VV
V
VV
V
PV
GM
Z
VV
S C
2
2.5
Δ
Δ
Δ
×
ΔΔ
Δ
×
≈×
×
×Δ
× ×
(7)
ISENSE
OFF
EAO
OFF
EAO
ISENSE
OUTDC
S
ICI
VD
I
DI
V
VR
GM
Z
SL
V
2.5
Δ
ΔΔ
×
ΔΔ
Δ
×
≈×
×
××


同様の部品番号 - FAN4800IMX

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FAN4800IMX FAIRCHILD-FAN4800IMX Datasheet
315Kb / 20P
   Low Start-Up Current PFC/PWM Controller Combos
More results

同様の説明 - FAN4800IMX

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FAN4800 FAIRCHILD-FAN4800 Datasheet
315Kb / 20P
   Low Start-Up Current PFC/PWM Controller Combos
logo
Champion Microelectroni...
CM6800A CHAMP-CM6800A Datasheet
518Kb / 18P
   LOW START-UP CURRENT PFC/PWM CONTROLLER COMBO
CM6800A CHAMP-CM6800A_09 Datasheet
295Kb / 18P
   LOW START-UP CURRENT PFC/PWM CONTROLLER COMBO
logo
List of Unclassifed Man...
CM6824 ETC1-CM6824 Datasheet
342Kb / 18P
   LOW START-UP CURRENT PFC/PWM CONTROLLER COMBO
CM6800 ETC-CM6800 Datasheet
337Kb / 19P
   LOW START UP CURRENT PFC/PWM CONTROLLER COMBO
logo
Champion Microelectroni...
CM6800 CHAMP-CM6800 Datasheet
294Kb / 18P
   LOW START-UP CURRENT PFC/PWM CONTROLLER COMBO
logo
First Components Intern...
UC3842A-BW FCI-UC3842A-BW Datasheet
2Mb / 10P
   Current Mode PWM Controller Low Start-Up and Operating Current
logo
Microsemi Corporation
LX1552 MICROSEMI-LX1552 Datasheet
378Kb / 18P
   ULTRA-LOW START-UP CURRENT, CURRENT-MODE PWM
logo
Semtech Corporation
SC4911 SEMTECH-SC4911 Datasheet
217Kb / 14P
   Bias/Primary Side PWM Controller with Ultra Low Start-up Current
logo
Fairchild Semiconductor
FAN4800 FAIRCHILD-FAN4800_10 Datasheet
411Kb / 19P
   Low Startup Current PFC/PWM Controller Combinations
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com